Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRB20100CT-8W Datasheet(PDF) 3 Page - Kersemi Electronic Co., Ltd.

Part # MBRB20100CT-8W
Description  Trench MOS Schottky technology
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

MBRB20100CT-8W Datasheet(HTML) 3 Page - Kersemi Electronic Co., Ltd.

  MBRB20100CT-8W Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. MBRB20100CT-8W Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. MBRB20100CT-8W Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. MBRB20100CT-8W Datasheet HTML 4Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MBR(F,B)2090CT & MBR(F,B)20100CT
www.kersemi.com
3
Figure 3. Typical Instantaneous Forward Characteristics Per Diode
Figure 4. Typical Reverse Characteristics Per Diode
Figure 5. Typical Junction Capacitance Per Diode
0
0.2
0.1
0.5
1.0
0.4
0.3
1
100
10
0.01
0.1
0.6
0.7
0.8
0.9
Instantaneous Forward Voltage (V)
T
J = 150 °C
T
J = 125 °C
T
J = 25 °C
Percent of Rated Peak Reverse Voltage (%)
20
10
100
40
60
80
1
10
0.01
0.1
100
0.001
30
50
70
90
T
J = 150 °C
T
J = 125 °C
T
J = 25 °C
1
10
100
1000
10 000
10
100
Reverse Voltage (V)
T
J = 25 °C
f = 1 MHz
V
sig = 50 mVp-p
Figure 6. Typical Transient Thermal Impedance Per Diode
Figure 7. Typical Transient Thermal Impedance Per Diode
0.01
10
1
100
10
100
0.1
0.1
1
t - Pulse Duration (s)
Junction to Case
MBR(B)
0.1
10
1
100
1
10
0.001
0.1
t - Pulse Duration (s)
Junction to Case
MBRF
0.01


Similar Part No. - MBRB20100CT-8W

ManufacturerPart #DatasheetDescription
logo
International Rectifier
MBRB20100CT-1 IRF-MBRB20100CT-1 Datasheet
206Kb / 7P
   SCHOTTKY RECTIFIER
logo
Diodes Incorporated
MBRB20100CT-13 DIODES-MBRB20100CT-13 Datasheet
369Kb / 6P
   20A SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
MBRB20100CT-1P VISHAY-MBRB20100CT-1P Datasheet
180Kb / 8P
   Schottky Rectifier, 2 x 10 A
Revision: 16-Mar-10
MBRB20100CT-1PBF VISHAY-MBRB20100CT-1PBF Datasheet
180Kb / 8P
   Schottky Rectifier, 2 x 10 A
Revision: 16-Mar-10
MBRB20100CT-1TRLP VISHAY-MBRB20100CT-1TRLP Datasheet
180Kb / 8P
   Schottky Rectifier, 2 x 10 A
Revision: 16-Mar-10
More results

Similar Description - MBRB20100CT-8W

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
ST2060DJF SMC-ST2060DJF Datasheet
149Kb / 4P
   Trench MOS Schottky technology
logo
Vishay Siliconix
V15PL50 VISHAY-V15PL50 Datasheet
756Kb / 5P
   Trench MOS Schottky technology
Revision: 02-Jul-13
V25PL60-M3 VISHAY-V25PL60-M3 Datasheet
82Kb / 5P
   Trench MOS Schottky technology
Revision: 15-May-14
logo
Sangdest Microelectroni...
STB30H100C SMC-STB30H100C Datasheet
206Kb / 5P
   Trench MOS Schottky technology
logo
Vishay Siliconix
V10P20 VISHAY-V10P20 Datasheet
90Kb / 5P
   Trench MOS Schottky technology
Revision: 17-Feb-17
V8P6-M3 VISHAY-V8P6-M3 Datasheet
103Kb / 5P
   Trench MOS Schottky technology
Revision: 07-Mar-17
V15P6-M3 VISHAY-V15P6-M3 Datasheet
96Kb / 5P
   Trench MOS Schottky technology
Revision: 09-Jan-17
V20PL50-M3 VISHAY-V20PL50-M3 Datasheet
82Kb / 5P
   Trench MOS Schottky technology
Revision: 15-May-14
VSSA3L6S-M3 VISHAY-VSSA3L6S-M3 Datasheet
87Kb / 4P
   Trench MOS Schottky technology
Revision: 05-Nov-13
VSSAF5N50 VISHAY-VSSAF5N50 Datasheet
124Kb / 5P
   Trench MOS Schottky technology
Revision: 24-Jul-14
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com