Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAL214699509E3 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # MAL214699509E3
Description  Aluminum Capacitors SMD (Chip), High Temperature, Low Impedance
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL214699509E3 Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button MAL214699509E3 Datasheet HTML 3Page - Vishay Siliconix MAL214699509E3 Datasheet HTML 4Page - Vishay Siliconix MAL214699509E3 Datasheet HTML 5Page - Vishay Siliconix MAL214699509E3 Datasheet HTML 6Page - Vishay Siliconix MAL214699509E3 Datasheet HTML 7Page - Vishay Siliconix MAL214699509E3 Datasheet HTML 8Page - Vishay Siliconix MAL214699509E3 Datasheet HTML 9Page - Vishay Siliconix MAL214699509E3 Datasheet HTML 10Page - Vishay Siliconix MAL214699509E3 Datasheet HTML 11Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
146 CTI
www.vishay.com
Vishay BCcomponents
Revision: 01-Oct-13
7
Document Number: 28403
For technical questions, contact: aluminumcaps1@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Table 6
50
47
10 x 10 x 10
600
24
0.10
0.240
2.16
99101E3
68
10 x 10 x 10
600
34
0.10
0.240
2.16
99102E3
100
10 x 10 x 10
600
50
0.10
0.240
2.16
99103E3
100
10 x 10 x 12
700
50
0.10
0.170
1.53
99104E3
150
10 x 10 x 12
700
75
0.10
0.170
1.53
99105E3
220
12.5 x 12.5 x 13
900
110
0.10
0.120
1.08
99106E3
330
12.5 x 12.5 x 16
1100
165
0.10
0.085
0.76
99107E3
470
16 x 16 x 16
1300
235
0.10
0.072
0.65
99108E3
680
16 x 16 x 16
1300
340
0.10
0.072
0.65
99109E3
1000
16 x 16 x 21
1500
500
0.10
0.052
0.47
99111E3
1000
18 x 18 x 16
1300
500
0.10
0.070
0.63
99112E3
1200
18 x 18 x 21
1600
600
0.10
0.049
0.44
99113E3
63
22
10 x 10 x 10
400
14
0.10
0.430
3.90
99801E3
33
10 x 10 x 10
470
21
0.10
0.380
3.40
99802E3
47
10 x 10 x 10
470
30
0.10
0.380
3.40
99803E3
68
10 x 10 x 10
470
43
0.10
0.380
3.40
99804E3
100
10 x 10 x 12
550
63
0.10
0.290
2.61
99805E3
100
12.5 x 12.5 x 13
650
63
0.10
0.210
1.89
99806E3
150
12.5 x 12.5 x 13
650
95
0.10
0.210
1.89
99807E3
220
12.5 x 12.5 x 16
800
139
0.10
0.160
1.44
99808E3
330
16 x 16 x 16
1050
208
0.10
0.100
0.90
99809E3
470
16 x 16 x 16
1050
296
0.10
0.100
0.90
99811E3
680
18 x 18 x 16
1150
428
0.10
0.095
0.86
99812E3
820
16 x 16 x 21
1300
517
0.10
0.075
0.68
99813E3
1000
18 x 18 x 21
1400
630
0.10
0.072
0.65
99814E3
ADDITIONAL ELECTRICAL DATA
PARAMETER
CONDITIONS
VALUE
Voltage
Surge voltage for short periods
IEC 60384-18, subclause 4.14
Us  1.15 x UR
Reverse voltage for short periods
IEC 60384-18, subclause 4.16; TA  105 °C
Urev  1 V
Current
Leakage current
After 2 min at UR
IL2  0.01 x CR x UR
Inductance
Equivalent series inductance (ESL)
Ø D = 10 mm
Typ. 8 nH
Ø D
 12.5 mm
Typ. 11 nH
Resistance
Equivalent series resistance (ESR) at 100 Hz
Calculated from tan
max. and CR (see Table 5)
ESR = tan
/2fC
R
ELECTRICAL DATA AND ORDERING INFORMATION
UR
(V)
CR
(μF)
NOMINAL
CASE SIZE
L x W x H
(mm)
IR
125 °C
100 kHz
(mA)
IL2
2 min
(μA)
tan
100 Hz
Z
100 kHz
20 °C
(
)
Z
100 kHz
-40 °C
(
)
ORDERING
CODE
MAL2146...


Similar Part No. - MAL214699509E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL214650331E3 VISHAY-MAL214650331E3 Datasheet
126Kb / 9P
   Aluminum Capacitors Radial, High Temperature, Low Impedance
Revision: 23-Jul-12
logo
Texas Instruments
MAL214651471E3 TI1-MAL214651471E3 Datasheet
1Mb / 26P
[Old version datasheet]   a Phase-Dimmable, Primary-Side Regulated LED Driver
More results

Similar Description - MAL214699509E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
146CTI VISHAY-146CTI_13 Datasheet
137Kb / 11P
   Aluminum Capacitors SMD (Chip), High Temperature, Low Impedance
Revision: 23-Apr-13
146CTI VISHAY-146CTI Datasheet
116Kb / 11P
   Aluminum Capacitors SMD (Chip), High Temperature, Low Impedance
Revision: 19-Jul-10
160CLA VISHAY-160CLA Datasheet
127Kb / 10P
   Aluminum Capacitors SMD (Chip), High Temperature, Low Impedance
Revision: 04-Dec-12
146CTI VISHAY-146CTI_11 Datasheet
134Kb / 11P
   Aluminum Capacitors SMD (Chip), High Temperature, Low Impedance
Revision: 10-May-11
160CLA VISHAY-160CLA_13 Datasheet
135Kb / 10P
   Aluminum Capacitors SMD (Chip), High Temperature, Low Impedance
Revision: 23-Apr-13
146CTI VISHAY-146CTI_V01 Datasheet
142Kb / 11P
   Aluminum Electrolytic Capacitors SMD (Chip), High Temperature, Low Impedance
01-Jan-2023
146CTI VISHAY-146CTI_16 Datasheet
144Kb / 11P
   Aluminum Electrolytic Capacitors SMD (Chip), High Temperature, Low Impedance
Revision: 05-Dec-16
146-CTI VISHAY-146-CTI Datasheet
144Kb / 11P
   Aluminum Electrolytic Capacitors SMD (Chip), High Temperature, Low Impedance
Revision: 05-Dec-16
160CLA VISHAY-160CLA_V01 Datasheet
140Kb / 10P
   Aluminum Electrolytic Capacitors SMD (Chip), High Temperature, Low Impedance
01-Jan-2023
160CLA VISHAY-160CLA_16 Datasheet
143Kb / 10P
   Aluminum Electrolytic Capacitors SMD (Chip), High Temperature, Low Impedance
Revision: 14-Dec-16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com