Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR1040CT Datasheet(PDF) 1 Page - Kersemi Electronic Co., Ltd.

Part # MBR1040CT
Description  Metal of siliconrectifier, majonty carrier conducton
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

MBR1040CT Datasheet(HTML) 1 Page - Kersemi Electronic Co., Ltd.

  MBR1040CT Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. MBR1040CT Datasheet HTML 2Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
THRU
10 Amp
Schottky Barrier
Rectifier
Features
Maximum Ratings
Operating Temperature: -55
°C to +150°C
Storage Temperature: -55
°C to +175°C
Microsemi
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak
Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
Metal of siliconrectifier, majonty carrier conducton
Guard ring for transient protection
Low power loss high efficiency
High surge capacity, High current capability
30-60 Volts

INCHES
MM






A
.560
.625
14.22
15.88
B
.380
.420
9.65
10.67
C
.100
.135
2.54
3.43
D
.230
.270
5.84
6.86
E
.380
.420
9.65
10.67
F
------
.250
------
6.35
G
.500
.580
12.70
14.73
H
.090
.110
2.29
2.79
I
.020
.045
0.51
1.14
J
.012
.025
0.30
0.64
K
.139
.161
3.53
4.09
L
.140
.190
3.56
4.83
M
.045
.055
1.14
1.40
N
.080
.115
2.03
2.92

PIN 1
PIN 3
PIN 2
CASE
A
B
C
K
J
I
H
G
F
E
D
N
M
L
H
TO-220AB
PIN
13
2
MBR1035CT MBR1035CT
35V
24.5V
35V
MBR1040CT MBR1040CT
40V
28V
40V
MBR1045CT MBR1045CT
45V
31.5V
45V
MBR1050CT MBR1050CT
50V
35V
50V
MBR1060CT MBR1060CT
60V
42V
60V
MBR1030CT MBR1030CT
30V
21V
30V
MBR1030CT
MBR1060CT
Electrical Characteristics @ 25°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
10A
TC = 105
°C
Maximum Forward
Voltage Drop Per
Element
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
TJ = 125
°C
Peak Forward Surge
Current
IFSM
125A
8.3ms, half sine
15mA
0.1mA
TJ = 25
°C
VF
.70V
IFM = 5A
TJ = 25
°C
MBR1030CT-45CT
MBR1050CT-60CT
MBR1030CT-45CT
MBR1050CT-60CT
.
80V
.
57V
.
65V
IFM = 5A
TJ = 125
°C
Typical Junction
Capacitance
MBR1030CT-45CT
MBR1050CT-60CT
220pF
170pF
CJ
Measured at
1.0MHz, VR=4.0V
 omponents
21201 Itasca Street Chatsworth

 !"#
$%    !"#
www.kersemi.com


Similar Part No. - MBR1040CT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MBR1040CT DIODES-MBR1040CT Datasheet
64Kb / 2P
   10A SCHOTTKY BARRIER RECTIFIER
DS30027 Rev. A-2
logo
Mospec Semiconductor
MBR1040CT MOSPEC-MBR1040CT Datasheet
197Kb / 2P
   Switchmode Full Plastic Dual Schottky Barrier Power Rectifiers
logo
Micro Commercial Compon...
MBR1040CT MCC-MBR1040CT Datasheet
167Kb / 3P
   10 Amp Schott ky Barrier Rectifier 30-60 Volts
logo
Sangdest Microelectroni...
MBR1040CT SMC-MBR1040CT Datasheet
209Kb / 6P
   SCHOTTKY RECTIFIER
logo
Micro Commercial Compon...
MBR1040CT MCC-MBR1040CT Datasheet
647Kb / 2P
   10 Am p Schott ky Barrier Rectifier 30-60 Volts
More results

Similar Description - MBR1040CT

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
MBR1640 KERSEMI-MBR1640 Datasheet
478Kb / 2P
   Metal of siliconrectifier, majonty carrier conducton
MBR1620CT KERSEMI-MBR1620CT Datasheet
925Kb / 2P
   Metal of siliconrectifier, majonty carrier conducton
MBR1030 KERSEMI-MBR1030 Datasheet
498Kb / 2P
   Metal of siliconrectifier, majonty carrier conducton
MBR1645 KERSEMI-MBR1645 Datasheet
489Kb / 2P
   Metal of siliconrectifier, majonty carrier conducton
MBR740 KERSEMI-MBR740 Datasheet
827Kb / 2P
   Metal of siliconrectifier, majonty carrier conducton
MBR1535 KERSEMI-MBR1535 Datasheet
831Kb / 2P
   Metal of siliconrectifier, majonty carrier conducton
MBR1645CT KERSEMI-MBR1645CT Datasheet
925Kb / 2P
   Metal of siliconrectifier, majonty carrier conducton
MBR1660CT KERSEMI-MBR1660CT Datasheet
936Kb / 2P
   Metal of siliconrectifier, majonty carrier conducton
MBR1045CT KERSEMI-MBR1045CT Datasheet
779Kb / 2P
   Metal of siliconrectifier, majonty carrier conducton
MBR1060 KERSEMI-MBR1060 Datasheet
509Kb / 2P
   Metal of siliconrectifier, majonty carrier conducton
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com