Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HVR2500001504JR500 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # HVR2500001504JR500
Description  High Ohmic/High Voltage Metal Film Leaded Resistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

HVR2500001504JR500 Datasheet(HTML) 1 Page - Vishay Siliconix

  HVR2500001504JR500 Datasheet HTML 1Page - Vishay Siliconix HVR2500001504JR500 Datasheet HTML 2Page - Vishay Siliconix HVR2500001504JR500 Datasheet HTML 3Page - Vishay Siliconix HVR2500001504JR500 Datasheet HTML 4Page - Vishay Siliconix HVR2500001504JR500 Datasheet HTML 5Page - Vishay Siliconix HVR2500001504JR500 Datasheet HTML 6Page - Vishay Siliconix HVR2500001504JR500 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
www.vishay.com
For technical questions, contact: filmresistorsleaded@vishay.com
Document Number: 30260
148
Revision: 02-Dec-09
HVR25, HVR37
Vishay BCcomponents
High Ohmic/High Voltage Metal Film Leaded Resistors
A homogenous film of metal alloy is deposited on a high
grade ceramic body. After a helical groove has been cut in
the resistive layer, tinned electrolytic copper wires are
welded to the end-caps. The resistors are coated with a blue,
non-flammable
lacquer,
which
provides
electrical,
mechanical, and climatic protection.
FEATURES
• Metal film technology
• High pulse loading (up to 10 kV) capability
• Small size (0207/0411)
• Compatible with lead (Pb)-free and lead containing
soldering processes
• Compliant to RoHS directive 2002/95/EC
APPLICATIONS
• Power supplies
• Electronic ballast
• White goods
• Television
TECHNICAL SPECIFICATIONS
DESCRIPTION
HVR25
HVR37
Resistance Range
100 k
Ω to
10 M
Ω
100 k
Ω to
10 M
Ω
100 k
Ω to
10 M
Ω
100 k
Ω to
10 M
Ω
Resistance Tolerance
± 5 %
E24 series
± 1 %
E24/E96 series
± 5 %
E24 series
± 1 %
E24/E96 series
Temperature Coefficient
± 200 ppm/K
Climatic Category
(LCT/UCT/Days)
55/155/56
Rated Dissipation,
P70
0.25 W
0.5 W
Maximum Permissible Voltage
Umax.
DC
1600 V
3500 V
RMS
1150 V
2500 V
Basic Specification
IEC 60115-1
Stability After:
Load (1000 h,
P70)± (5 % R +0.1
Ω)
± (1.5 %
R +0.1
Ω)± (5 % R +0.1 Ω)
± (1.5 %
R +0.1
Ω)
Long Term Damp Heat Test (56 Days)
± (1.5 %
R +0.1
Ω) ± (1.5 % R +0.1 Ω) ± (1.5 % R +0.1 Ω) ± (1.5 % R +0.1 Ω)
Soldering (10 s, 260 °C)
± (1 %
R +0.1
Ω)± (1 % R +0.1 Ω)± (1 % R +0.1 Ω)± (1 % R +0.1 Ω)


Similar Part No. - HVR2500001504JR500

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
HVR2500001503FA100 VISHAY-HVR2500001503FA100 Datasheet
159Kb / 7P
   High Ohmic/High Voltage Metal Film Leaded Resistors
Revision: 02-Dec-09
HVR2500001503FA500 VISHAY-HVR2500001503FA500 Datasheet
159Kb / 7P
   High Ohmic/High Voltage Metal Film Leaded Resistors
Revision: 02-Dec-09
HVR2500001503FN400 VISHAY-HVR2500001503FN400 Datasheet
159Kb / 7P
   High Ohmic/High Voltage Metal Film Leaded Resistors
Revision: 02-Dec-09
HVR2500001503FR500 VISHAY-HVR2500001503FR500 Datasheet
159Kb / 7P
   High Ohmic/High Voltage Metal Film Leaded Resistors
Revision: 02-Dec-09
HVR2500001503JA100 VISHAY-HVR2500001503JA100 Datasheet
159Kb / 7P
   High Ohmic/High Voltage Metal Film Leaded Resistors
Revision: 02-Dec-09
More results

Similar Description - HVR2500001504JR500

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
HVR3700003304JA100 VISHAY-HVR3700003304JA100 Datasheet
159Kb / 7P
   High Ohmic/High Voltage Metal Film Leaded Resistors
Revision: 02-Dec-09
VR37000001504FA100 VISHAY-VR37000001504FA100 Datasheet
111Kb / 6P
   High Ohmic/High Voltage Metal Glaze Leaded Resistors
Revision: 17-Aug-11
VR37000002203JA100 VISHAY-VR37000002203JA100 Datasheet
111Kb / 6P
   High Ohmic/High Voltage Metal Glaze Leaded Resistors
Revision: 17-Aug-11
VR68 VISHAY-VR68 Datasheet
184Kb / 10P
   High Ohmic / High Voltage Metal Glaze Leaded Resistors
01-Jan-2022
VR25000002204JA100 VISHAY-VR25000002204JA100 Datasheet
115Kb / 7P
   High Ohmic/High Voltage Metal Glaze Leaded Resistors
Revision: 17-Aug-11
VR25 VISHAY-VR25_13 Datasheet
110Kb / 7P
   High Ohmic/High Voltage Metal Glaze Leaded Resistors
Revision: 17-Aug-11
VR25000001004JR500 VISHAY-VR25000001004JR500 Datasheet
110Kb / 7P
   High Ohmic/High Voltage Metal Glaze Leaded Resistors
Revision: 17-Aug-11
VR37000001005JA100 VISHAY-VR37000001005JA100 Datasheet
111Kb / 6P
   High Ohmic/High Voltage Metal Glaze Leaded Resistors
Revision: 17-Aug-11
RCMX02 VISHAY-RCMX02 Datasheet
134Kb / 3P
   Molded Metal Film High Ohmic Value Resistors
Revision: 05-Aug-13
logo
List of Unclassifed Man...
MFD0727 ETC2-MFD0727 Datasheet
658Kb / 1P
   High Precision Metal Film Leaded Resistors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com