Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HVR2500001504FN400 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # HVR2500001504FN400
Description  High Ohmic/High Voltage Metal Film Leaded Resistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

HVR2500001504FN400 Datasheet(HTML) 5 Page - Vishay Siliconix

  HVR2500001504FN400 Datasheet HTML 1Page - Vishay Siliconix HVR2500001504FN400 Datasheet HTML 2Page - Vishay Siliconix HVR2500001504FN400 Datasheet HTML 3Page - Vishay Siliconix HVR2500001504FN400 Datasheet HTML 4Page - Vishay Siliconix HVR2500001504FN400 Datasheet HTML 5Page - Vishay Siliconix HVR2500001504FN400 Datasheet HTML 6Page - Vishay Siliconix HVR2500001504FN400 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
www.vishay.com
For technical questions, contact: filmresistorsleaded@vishay.com
Document Number: 30260
152
Revision: 02-Dec-09
HVR25, HVR37
Vishay BCcomponents
High Ohmic/High Voltage
Metal Film Leaded Resistors
TESTS AND REQUIREMENTS
Essentially all tests are carried out in accordance with IEC 60115-1, category 55/155/56 (rated temperature range
- 55 °C to + 155 °C; damp heat, long term, 56 days) and along the lines of IEC 60068-2-xx test method. The tests are carried out
under standard atmospheric conditions according to IEC 60068-1, 5.3 unless otherwise specified. In some instances deviations
from IEC recommendations were necessary for our method of specifying.
PERFORMANCE
IEC
60115-1
CLAUSE
IEC
60068-2-xx
TEST
METHOD
TEST
PROCEDURE
REQUIREMENTS
PERMISSIBLE CHANGE (
ΔR)
HVR25
HVR37
4.8
-
Temperature
coefficient
Between
- 55 °C and + 155 °C
± 200 ppm/K
4.25.1
-
Endurance at 70 °C
1000 h;
loaded with
P70 or Umax.;
1.5 h ON; 0.5 h OFF
for 5 % tolerance
± (5 %
R + 0.1
Ω)
for 1 % tolerance
± (1.5 %
R + 0.1
Ω)
4.24
78 (Cab)
Damp heat,
steady state
56 days; 40 °C;
90 % to 95 % RH
loaded with 0.01
P70
for 5 % tolerance
± (5 %
R + 0.1
Ω)
for 1 % tolerance
± (1.5 %
R + 0.1
Ω)
4.23
Climatic sequence
± (1.5 %
R + 0.1
Ω)
4.23.2
2 (Ba)
Dry heat
16 h, 155 °C
4.23.3
30 (Db)
Damp heat,
cyclic
24 h; 25 °C to 55 °C
90 % to 100 % RH; 1 cycle
4.23.4
1 (Aa)
Cold
2 h, - 55 °C
4.23.6
30 (Db)
Damp heat,
(accelerated)
remaining cycles
5 days; 25 °C to 55 °C
90 to 100 % RH
4.19
14 (Na)
Rapid change of
temperature
30 min at LCT;
30 min at UCT;
LCT = - 55 °C;
UCT = 155 °C;
5 cycles
No visual damage
± (1 %
R + 0.1
Ω)
4.13
-
Short time overload
Room temperature;
dissipation 6.25 x
P70
(voltage not more than 2 x limiting
voltage,
10 000 Vmax.);
10 cycles 5 s ON and 45 s OFF
for 5 % tolerance
± (2 %
R + 0.1
Ω)
for 1 % tolerance
± (1 %
R + 0.1
Ω)
4.12
-
Noise
IEC 60195
Max. 5 µV/V
Max. 2.5 µV/V
4.16
Robustness of
terminations:
No damage
± (1 %
R + 0.1
Ω)
4.16.2
21 (Ua1)
Tensile all samples
Load 10 N; 10 s
4.16.3
21 (Ub)
Bending half number
of samples
Load 5 N; 4 x 90°
4.16.4
21 (Uc)
Torsion other half of
samples
3 x 360° in opposite direction


Similar Part No. - HVR2500001504FN400

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
HVR2500001503FA100 VISHAY-HVR2500001503FA100 Datasheet
159Kb / 7P
   High Ohmic/High Voltage Metal Film Leaded Resistors
Revision: 02-Dec-09
HVR2500001503FA500 VISHAY-HVR2500001503FA500 Datasheet
159Kb / 7P
   High Ohmic/High Voltage Metal Film Leaded Resistors
Revision: 02-Dec-09
HVR2500001503FN400 VISHAY-HVR2500001503FN400 Datasheet
159Kb / 7P
   High Ohmic/High Voltage Metal Film Leaded Resistors
Revision: 02-Dec-09
HVR2500001503FR500 VISHAY-HVR2500001503FR500 Datasheet
159Kb / 7P
   High Ohmic/High Voltage Metal Film Leaded Resistors
Revision: 02-Dec-09
HVR2500001503JA100 VISHAY-HVR2500001503JA100 Datasheet
159Kb / 7P
   High Ohmic/High Voltage Metal Film Leaded Resistors
Revision: 02-Dec-09
More results

Similar Description - HVR2500001504FN400

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
HVR3700003304JA100 VISHAY-HVR3700003304JA100 Datasheet
159Kb / 7P
   High Ohmic/High Voltage Metal Film Leaded Resistors
Revision: 02-Dec-09
VR37000001504FA100 VISHAY-VR37000001504FA100 Datasheet
111Kb / 6P
   High Ohmic/High Voltage Metal Glaze Leaded Resistors
Revision: 17-Aug-11
VR37000002203JA100 VISHAY-VR37000002203JA100 Datasheet
111Kb / 6P
   High Ohmic/High Voltage Metal Glaze Leaded Resistors
Revision: 17-Aug-11
VR68 VISHAY-VR68 Datasheet
184Kb / 10P
   High Ohmic / High Voltage Metal Glaze Leaded Resistors
01-Jan-2022
VR25000002204JA100 VISHAY-VR25000002204JA100 Datasheet
115Kb / 7P
   High Ohmic/High Voltage Metal Glaze Leaded Resistors
Revision: 17-Aug-11
VR25 VISHAY-VR25_13 Datasheet
110Kb / 7P
   High Ohmic/High Voltage Metal Glaze Leaded Resistors
Revision: 17-Aug-11
VR25000001004JR500 VISHAY-VR25000001004JR500 Datasheet
110Kb / 7P
   High Ohmic/High Voltage Metal Glaze Leaded Resistors
Revision: 17-Aug-11
VR37000001005JA100 VISHAY-VR37000001005JA100 Datasheet
111Kb / 6P
   High Ohmic/High Voltage Metal Glaze Leaded Resistors
Revision: 17-Aug-11
RCMX02 VISHAY-RCMX02 Datasheet
134Kb / 3P
   Molded Metal Film High Ohmic Value Resistors
Revision: 05-Aug-13
logo
List of Unclassifed Man...
MFD0727 ETC2-MFD0727 Datasheet
658Kb / 1P
   High Precision Metal Film Leaded Resistors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com