Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXA1512-0000-000N0HM450H Datasheet(PDF) 4 Page - Cree, Inc

Part # CXA1512-0000-000N0HM450H
Description  Cree XLamp CXA1512 LED
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CXA1512-0000-000N0HM450H Datasheet(HTML) 4 Page - Cree, Inc

  CXA1512-0000-000N0HM450H Datasheet HTML 1Page - Cree, Inc CXA1512-0000-000N0HM450H Datasheet HTML 2Page - Cree, Inc CXA1512-0000-000N0HM450H Datasheet HTML 3Page - Cree, Inc CXA1512-0000-000N0HM450H Datasheet HTML 4Page - Cree, Inc CXA1512-0000-000N0HM450H Datasheet HTML 5Page - Cree, Inc CXA1512-0000-000N0HM450H Datasheet HTML 6Page - Cree, Inc CXA1512-0000-000N0HM450H Datasheet HTML 7Page - Cree, Inc CXA1512-0000-000N0HM450H Datasheet HTML 8Page - Cree, Inc CXA1512-0000-000N0HM450H Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Copyright © 2012-2013 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo, XLamp® and EasyWhite® are
registered trademarks of Cree, Inc..
4
XLamp CXa1512 LED
Notes
Creemaintainsatoleranceof±7%onfluxandpowermeasurements,±0.005onchromaticity(CCx,CCy)measurementsanda
toleranceof±2onCRImeasurements.
*
Fluxvalues@25°Carecalculatedandforreferenceonly.
cct
range
cri
base order codes
min. luminous flux
@ 350 ma
2-step order code
4-step order code
min
typ
group
flux
(lm) @
85 °c
flux
(lm) @
25 °c*
chromaticity
region
chromaticity
region
4000 K
70
75
K4
1290
1461
40H
CXA1512-0000-000N00K440H
40F
CXA1512-0000-000N00K440F
m2
1380
1563
CXA1512-0000-000N00m240H
CXA1512-0000-000N00m240F
m4
1485
1682
CXA1512-0000-000N00m440H
CXA1512-0000-000N00m440F
80
---
K2
1200
1359
40H
CXA1512-0000-000N0HK240H
40F
CXA1512-0000-000N0HK240F
K4
1290
1461
CXA1512-0000-000N0HK440H
CXA1512-0000-000N0HK440F
m2
1380
1563
CXA1512-0000-000N0Hm240H
CXA1512-0000-000N0Hm240F
90
95
J2
1040
1178
40H
CXA1512-0000-000N0UJ240H
40F
CXA1512-0000-000N0UJ240F
J4
1120
1269
CXA1512-0000-000N0UJ440H
CXA1512-0000-000N0UJ440F
K2
1200
1359
CXA1512-0000-000N0UK240H
CXA1512-0000-000N0UK240F
3500 K
80
---
K2
1200
1359
35H
CXA1512-0000-000N00K235H
35F
CXA1512-0000-000N00K235F
K4
1290
1461
CXA1512-0000-000N00K435H
CXA1512-0000-000N00K435F
m2
1380
1563
CXA1512-0000-000N00m235H
CXA1512-0000-000N00m235F
93
95
H4
970
1099
35H
CXA1512-0000-000N0YH435H
35F
CXA1512-0000-000N0YH435F
J2
1040
1178
CXA1512-0000-000N0YJ235H
CXA1512-0000-000N0YJ235F
J4
1120
1269
CXA1512-0000-000N0YJ435H
CXA1512-0000-000N0YJ435F
3000 K
80
---
K2
1200
1359
30H
CXA1512-0000-000N00K230H
30F
CXA1512-0000-000N00K230F
K4
1290
1461
CXA1512-0000-000N00K430H
CXA1512-0000-000N00K430F
m2
1380
1563
CXA1512-0000-000N00m230H
CXA1512-0000-000N00m230F
90
---
H2
900
1019
30H
CXA1512-0000-000N0UH230H
30F
CXA1512-0000-000N0UH230F
H4
970
1099
CXA1512-0000-000N0UH430H
CXA1512-0000-000N0UH430F
J2
1040
1178
CXA1512-0000-000N0UJ230H
CXA1512-0000-000N0UJ230F
93
95
H2
900
1019
30H
CXA1512-0000-000N0YH230H
30F
CXA1512-0000-000N0YH230F
H4
970
1099
CXA1512-0000-000N0YH430H
CXA1512-0000-000N0YH430F
J2
1040
1178
CXA1512-0000-000N0YJ230H
CXA1512-0000-000N0YJ230F
fluX characteristics, easyWhite order codes and bins (i
f = 350 ma, tJ = 85 °c) -
continued


Similar Part No. - CXA1512-0000-000N0HM450H

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CXA1512-0000-000N0HM20E3 CREE-CXA1512-0000-000N0HM20E3 Datasheet
1Mb / 15P
   Cree짰 XLamp짰 CXA1512 LED
CXA1512-0000-000N0HM20E5 CREE-CXA1512-0000-000N0HM20E5 Datasheet
1Mb / 15P
   Cree짰 XLamp짰 CXA1512 LED
CXA1512-0000-000N0HM240F CREE-CXA1512-0000-000N0HM240F Datasheet
1Mb / 15P
   Cree짰 XLamp짰 CXA1512 LED
CXA1512-0000-000N0HM240H CREE-CXA1512-0000-000N0HM240H Datasheet
1Mb / 15P
   Cree짰 XLamp짰 CXA1512 LED
CXA1512-0000-000N0HM250F CREE-CXA1512-0000-000N0HM250F Datasheet
1Mb / 15P
   Cree짰 XLamp짰 CXA1512 LED
More results

Similar Description - CXA1512-0000-000N0HM450H

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
180560-0001 MOLEX11-180560-0001 Datasheet
46Kb / 1P
   LED Array Holder for Cree XLamp CXA1507 and CXA1512 LED Arrays with Gold Plating
logo
Cree, Inc
CMA1840 CREE-CMA1840 Datasheet
2Mb / 16P
   Cree XLamp CMA1840 LED
CMA2550 CREE-CMA2550 Datasheet
2Mb / 16P
   Cree XLamp CMA2550 LED
CMA3090 CREE-CMA3090 Datasheet
2Mb / 22P
   Cree XLamp CMA3090 LED
CMA1825 CREE-CMA1825 Datasheet
2Mb / 16P
   Cree XLamp CMA1825 LED
CXB1830 CREE-CXB1830 Datasheet
2Mb / 15P
   Cree XLamp CXB1830 LED
CMA1516 CREE-CMA1516 Datasheet
2Mb / 16P
   Cree XLamp CMA1516 LED
CXA2011 CREE-CXA2011_13 Datasheet
1Mb / 14P
   Cree XLamp CXA2011 LED
XQBAWT-00-0000-000000051 CREE-XQBAWT-00-0000-000000051 Datasheet
954Kb / 10P
   Cree XLamp XQ-B LED
2013
XHP35 CREE-XHP35 Datasheet
2Mb / 37P
   Cree XLamp XHP35 LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com