Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SG-8002JF-PH Datasheet(PDF) 1 Page - EPCOS

Part # SG-8002JF-PH
Description  CRYSTAL OSCILLATOR PROGRAMMABLE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

SG-8002JF-PH Datasheet(HTML) 1 Page - EPCOS

  SG-8002JF-PH Datasheet HTML 1Page - EPCOS SG-8002JF-PH Datasheet HTML 2Page - EPCOS SG-8002JF-PH Datasheet HTML 3Page - EPCOS SG-8002JF-PH Datasheet HTML 4Page - EPCOS SG-8002JF-PH Datasheet HTML 5Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Crystal oscillator
Specifications (characteristics)
Item
Symbol
Specifications *2
Conditions / Remarks
PT / ST
PH / SH
PC / SC
Output frequency range
f0
1 MHz to 125 MHz
-
Vcc = 4.5 V to 5.5 V (except SG-8002LB)
-
1 MHz to 80 MHz
-
Vcc = 4.5 V to 5.5 V (SG-8002LB only)
-
-
1 MHz to 125 MHz VCC = 3.0 V to 3.6 V
-
-
1 MHz to 66.7 MHz VCC = 2.7 V to 3.6 V
Supply voltage
VCC
4.5 V to 5.5 V
2.7 V to 3.6 V
Storage temperature
T_stg
-55
C to +125 °C (SG-8002CA / JF / JA / DC / DB)
Store as bare product.
-55
C to +100 °C (SG-8002JC)
-40
C to +125 °C (SG-8002CE / LB)
Operating temperature
T_use
-20
C to +70 °C / -40 C to +85 °C
*1
Frequency tolerance
f_tol
B:
50  10-6, C: 100  10-6
-20
C to +70 C
M:
100  10-6
M:
100  10-6
-40
C to +85 C (except SG-8002JC) *3
-
L:
50 × 10-6
L:
50 × 10-6
-40
C to +85 C (SG-8002LB only) *3
Current consumption
ICC
40 mA Max.
(SG-8002CE)
28 mA Max.
No load condition, Max. frequency
-
30 mA Max.
(SG-8002LB)
45 mA Max.
(SG-8002CA / JF /JC / JA / DC / DB)
Output disable current
I_dis
30 mA Max.
16 mA Max.
OE=GND (PT.PH,PC) (except SG-8002LB)
-
25 mA Max.
16 mA Max.
OE=GND (PH,PC) (SG-8002LB only)
Stand-by current
I_std
50 µA Max.
ST
=GND (ST,SH,SC)
Symmetry *1
SYM
40 % to 60 %
-
TTL load: 1.4 V, Max. load condition
(except SG-8002LB)
-
40 % to 60 %
CMOS load:50 % VCC level, Max. load condition
(except SG-8002LB)
-
40 % to 60 %
-
50 % VCC, L_CMOS=15 pF,
80 MHz (SG-8002LB)
-
-
40 % to 60 %
50 % VCC, L_CMOS=15 pF, VCC=3.0 V to 3.6 V,
125 MHz
(SG-8002LB)
-
-
40 % to 60 %
50 % VCC, L_CMOS=15 pF, VCC=2.7 V to 3.6 V,
66.7 MHz
(SG-8002LB)
45 % to 55 %
*1
High output voltage
VOH
VCC -0.4 V Min.
IOH=-16 mA (PT,ST,PH,SH ) , -8 mA (PC,SC)
Low output voltage
VOL
0.4 V Max.
IOL=16 mA (PT,ST,PH,SH) , 8 mA (PC,SC)
Output load condition
(TTL) *1
L_TTL
5 TTL Max.
-
Max. frequency and Max. Supply voltage
(SG-8002CE / CA / JA / DC / DB)
5 TTL Max.
-
f0
 90 MHz and Max. Supply voltage
(SG-8002JF / JC )
Output load condition
(CMOS) *1
L_CMOS
15 pF Max.
Max. frequency and Max. Supply voltage
(SG-8002CE / JF / JC)
-
15 pF Max.
Max. frequency and Max. Supply voltage
(SG-8002LB)
15 pF Max.
25 pF Max
15 pF Max.
Max. frequency and Max. Supply voltage
(SG-8002CA / JA / DC / DB)
Output enable /
disable input voltage
VIH
2.0 V Min.
70 % VCC Min.
OE terminal or ST terminal
VIL
0.8 V Max.
20 % VCC Max.
Rise / Fall time *1
tr/ tf
4 ns Max.
-
TTL load: 0.4 V to 2.4 V level (except SG-8002LB)
-
3 ns Max.
CMOS load: 20 % VCC to 80 % VCC level
Start-up time
t_str
10 ms Max.
Time at minimum supply voltage to be 0 s
Frequency aging
f_aging
±5 × 10
-6 / year Max.
+25
C, VCC=5.0 V/ 3.3 V (PC,SC) First year
*1
Operating temperature, the available frequency, symmetry, output load conditions and rise/fall time, please refer to
“Outline specifications” page.
*2
PLL-
PLL connection & Jitter specification, please refer to “Jitter specifications and characteristics chart” page.
*3
Refer to “Outline specifications” (Frequency range) for “M” and ”L” tolerance availability. Checking possible by the Frequency checking program.
Product Number (please contact us)
CRYSTAL OSCILLATOR
PROGRAMMABLE
SG - 8002 series
Frequency range
:
1 MHz to 125 MHz
Supply voltage
:
3.0 V / 3.3 V / 5.0 V
Function
:
Output enable(OE) or Standby( ST )
Short mass production lead time by PLL technology.
SG-Writer available to purchase,
please contact Epson Toyocom or local sales representative.
CE, LB, CA


Similar Part No. - SG-8002JF-PH

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SG-8002JF ETC-SG-8002JF Datasheet
64Kb / 1P
   Wide frequency output by PLL technology.
logo
Epson ToYoCom
SG-8002JF EPSONTOYOCOM-SG-8002JF Datasheet
569Kb / 4P
   CRYSTAL OSCILLATOR
More results

Similar Description - SG-8002JF-PH

ManufacturerPart #DatasheetDescription
logo
Epson Company
SG-8003CE-SCM EPSON-SG-8003CE-SCM Datasheet
535Kb / 2P
   CRYSTAL OSCILLATOR PROGRAMMABLE
logo
Abracon Corporation
AP2S ABRACON-AP2S Datasheet
1Mb / 2P
   PROGRAMMABLE CRYSTAL OSCILLATOR
3.5.07
AP3S ABRACON-AP3S Datasheet
3Mb / 2P
   PROGRAMMABLE CRYSTAL OSCILLATOR
3.5.07
logo
Epson Company
SG-8002JA EPSON-SG-8002JA Datasheet
33Kb / 1P
   PROGRAMMABLE HIGH-FREQUENCY CRYSTAL OSCILLATOR
SG-8101CGA EPSON-SG-8101CGA Datasheet
1Mb / 8P
   CRYSTAL OSCILLATOR (Programmable) OUTPUT: CMOS
logo
Renesas Technology Corp
IDT8N4S271 RENESAS-IDT8N4S271 Datasheet
725Kb / 19P
   LVDS Frequency-Programmable Crystal Oscillator
2019
logo
NIHON DEMPA KOGYO
2775Y NDK-2775Y Datasheet
90Kb / 1P
   Crystal Clock Oscillator Programmable Type
logo
Cypress Semiconductor
CY25702 CYPRESS-CY25702_09 Datasheet
220Kb / 6P
   Programmable High-Frequency Crystal Oscillator
logo
Renesas Technology Corp
IDT8N3S270 RENESAS-IDT8N3S270 Datasheet
1Mb / 20P
   LVPECL Frequency-Programmable Crystal Oscillator
2019
IDT8N3S270EC-1103 RENESAS-IDT8N3S270EC-1103 Datasheet
1Mb / 16P
   LVPECL Frequency-Programmable Crystal Oscillator
2019
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com