Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR1035CT Datasheet(PDF) 2 Page - Kersemi Electronic Co., Ltd.

Part # MBR1035CT
Description  Metal of siliconrectifier, majonty carrier conducton
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

MBR1035CT Datasheet(HTML) 2 Page - Kersemi Electronic Co., Ltd.

  MBR1035CT Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. MBR1035CT Datasheet HTML 2Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTIC CURVES
MBR1030CT thru MBR1060CT
FIG.2 - MAXIMUM NON-REPETITIVE SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
1
5
10
50
100
2
20
0
25
50
75
100
125
150
FIG.1 - FORWARD CURRENT DERATING CURVE
25
75
100
125
150
4
0
50
16
175
PERCENT OF RATED PEAK REVERSE VOLTAGE ,(%)
FIG.3 - TYPICAL REVERSE CHARACTERISTICS
20
40
120
140
0.001
0.1
1.0
100
10
60
80
100
TJ = 125 C
0.01
TJ = 25 C
8.3ms Single Half-Sine-Wave
(JEDEC METHOD)
12
0
8
RESISTIVE OR
INDUCTIVE LOAD
INSTANTANEOUS FORWARD VOLTAGE , VOLTS
FIG.4 - TYPICAL FORWARD CHARACTERISTICS
0.2
0.3
0.7
0.8
1.0
10
100
0.4
0.5
0.6
0.1
1.0
0.9
INSTANTANEOUS FORWARD VOLTAGE , VOLTS
0.1
1.0
10
100
0.1
PULSE WIDTH 300us
2% Duty cycle
TJ = 25 C
FIG.5 - TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE , VOLTS
10
1
100
1000
100
10
0.1
CASE TEMPERATURE , C
0
4
MBR1050CT ~ MBR1060CT
MBR1030CT ~ MBR1045CT
MBR1030CT ~ MBR1045CT
MBR1050CT ~ MBR1060CT
TJ = 25 C, f= 1MHz
www.kersemi.com


Similar Part No. - MBR1035CT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MBR1035CT DIODES-MBR1035CT Datasheet
64Kb / 2P
   10A SCHOTTKY BARRIER RECTIFIER
DS30027 Rev. A-2
logo
Shenzhen Luguang Electr...
MBR1035CT LUGUANG-MBR1035CT Datasheet
207Kb / 2P
   10.0AMP. Schottky Barrier Rectifiers
logo
Taiwan Semiconductor Co...
MBR1035CT TSC-MBR1035CT Datasheet
201Kb / 4P
   Dual Common Cathode Schottky Rectifier
logo
Micro Commercial Compon...
MBR1035CT MCC-MBR1035CT Datasheet
647Kb / 2P
   10 Am p Schott ky Barrier Rectifier 30-60 Volts
logo
Shenzhen Luguang Electr...
MBR1035CT LUGUANG-MBR1035CT Datasheet
258Kb / 2P
   Schottky Barrier Rectifiers
More results

Similar Description - MBR1035CT

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
MBR1640 KERSEMI-MBR1640 Datasheet
478Kb / 2P
   Metal of siliconrectifier, majonty carrier conducton
MBR1620CT KERSEMI-MBR1620CT Datasheet
925Kb / 2P
   Metal of siliconrectifier, majonty carrier conducton
MBR1040CT KERSEMI-MBR1040CT Datasheet
1Mb / 2P
   Metal of siliconrectifier, majonty carrier conducton
MBR1030 KERSEMI-MBR1030 Datasheet
498Kb / 2P
   Metal of siliconrectifier, majonty carrier conducton
MBR1645 KERSEMI-MBR1645 Datasheet
489Kb / 2P
   Metal of siliconrectifier, majonty carrier conducton
MBR740 KERSEMI-MBR740 Datasheet
827Kb / 2P
   Metal of siliconrectifier, majonty carrier conducton
MBR1535 KERSEMI-MBR1535 Datasheet
831Kb / 2P
   Metal of siliconrectifier, majonty carrier conducton
MBR1645CT KERSEMI-MBR1645CT Datasheet
925Kb / 2P
   Metal of siliconrectifier, majonty carrier conducton
MBR1660CT KERSEMI-MBR1660CT Datasheet
936Kb / 2P
   Metal of siliconrectifier, majonty carrier conducton
MBR1045CT KERSEMI-MBR1045CT Datasheet
779Kb / 2P
   Metal of siliconrectifier, majonty carrier conducton
MBR1060 KERSEMI-MBR1060 Datasheet
509Kb / 2P
   Metal of siliconrectifier, majonty carrier conducton
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com