Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HVR3700001505FN400 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # HVR3700001505FN400
Description  High Ohmic/High Voltage Metal Film Leaded Resistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

HVR3700001505FN400 Datasheet(HTML) 6 Page - Vishay Siliconix

  HVR3700001505FN400 Datasheet HTML 1Page - Vishay Siliconix HVR3700001505FN400 Datasheet HTML 2Page - Vishay Siliconix HVR3700001505FN400 Datasheet HTML 3Page - Vishay Siliconix HVR3700001505FN400 Datasheet HTML 4Page - Vishay Siliconix HVR3700001505FN400 Datasheet HTML 5Page - Vishay Siliconix HVR3700001505FN400 Datasheet HTML 6Page - Vishay Siliconix HVR3700001505FN400 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Document Number: 30260
For technical questions, contact: filmresistorsleaded@vishay.com
www.vishay.com
Revision: 02-Dec-09
153
HVR25, HVR37
High Ohmic/High Voltage
Metal Film Leaded Resistors
Vishay BCcomponents
12NC INFORMATION FOR HISTORICAL CODING REFERENCE ONLY
• The resistors have a 12 digit ordering code starting with
2306
• The next 4 or 5 digits indicate the resistor type and
packaging
• For 5 % tolerance the last 3 digits indicate the resistance
value:
- The first 2 digits indicate the resistance value
- The last digit indicates the resistance decade in
accordance with table
• For 1 % tolerance the last 4 digits indicate the resistance
value:
- The first 3 digits indicate the resistance value
- The last digit indicates the resistance decade in
accordance with table
Last Digit of 12NC Indicating Resistance Decade
12NC Example
HVR25, 150 k
Ω, ± 5 %, ammopack 1000 pieces is
2306 241 13154
4.22
6 (Fc)
Vibration
Frequency 10 Hz to 500 Hz;
displacement
1.5 mm or acceleration 10 g;
3 directions;
total 6 h (3 x 2 h)
± (1.0 %
R + 0.1
Ω)
4.17
20 (Ta)
Solderability
(after ageing)
2 s; 235 °C: Solder bath method;
SnPb40
3 s; 245 °C: Solder bath method;
SnAg3Cu0.5
Good tinning
(
≥ 95 % covered);
no visible damage
4.18
20 (Tb)
Resistance to
soldering heat
Thermal shock: 10 s; 260 °C;
3 mm from body
± (1 %
R + 0.1
Ω)
4.29
45 (XA)
Component solvent
resistance
Isopropyl alcohol
No visible damage
4.6.11
-
Insulation resistance
U = 500 VDC
during 1 min,
V-block method
Rins min. 104 M
Ω
4.7
-
Voltage proof on
insulation
URMS = 700 V
during 1 min,
V-block method
No flashover or breakdown
PERFORMANCE
IEC
60115-1
CLAUSE
IEC
60068-2-xx
TEST
METHOD
TEST
PROCEDURE
REQUIREMENTS
PERMISSIBLE CHANGE (
ΔR)
HVR25
HVR37
RESISTANCE
DECADE (5 %)
RESISTANCE
DECADE (1 %)
LAST DIGIT
100 k
Ω to 910 kΩ
100 k
Ω to 976 kΩ
4
1 M
Ω to 9.1 MΩ
1 M
Ω to 9.76 MΩ
5
= 10 M
Ω
= 10 M
Ω
6
12NC - Resistor type and packaging
DESCRIPTION
2306 ... .....
BANDOLIER IN AMMOPACK
BANDOLIER
ON REEL
TYPE
TAPE WIDTH
TOLERANCE
RADIAL TAPED
1000 UNITS
5000 UNITS
5000 UNITS
4000 UNITS
HVR25
52.5
± 5 %
241 36...
241 13...
241 53...
241 23....
± 1 %
241 0....
241 8....
241 7....
241 6....
HVR37
52.5
± 5 %
-
242 13...
-
242 23...
± 1 %
-
242 8....
-
242 6....


Similar Part No. - HVR3700001505FN400

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
HVR3700001503FA100 VISHAY-HVR3700001503FA100 Datasheet
159Kb / 7P
   High Ohmic/High Voltage Metal Film Leaded Resistors
Revision: 02-Dec-09
HVR3700001503FA500 VISHAY-HVR3700001503FA500 Datasheet
159Kb / 7P
   High Ohmic/High Voltage Metal Film Leaded Resistors
Revision: 02-Dec-09
HVR3700001503FN400 VISHAY-HVR3700001503FN400 Datasheet
159Kb / 7P
   High Ohmic/High Voltage Metal Film Leaded Resistors
Revision: 02-Dec-09
HVR3700001503FR500 VISHAY-HVR3700001503FR500 Datasheet
159Kb / 7P
   High Ohmic/High Voltage Metal Film Leaded Resistors
Revision: 02-Dec-09
HVR3700001503JA100 VISHAY-HVR3700001503JA100 Datasheet
159Kb / 7P
   High Ohmic/High Voltage Metal Film Leaded Resistors
Revision: 02-Dec-09
More results

Similar Description - HVR3700001505FN400

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
HVR3700003304JA100 VISHAY-HVR3700003304JA100 Datasheet
159Kb / 7P
   High Ohmic/High Voltage Metal Film Leaded Resistors
Revision: 02-Dec-09
VR37000001504FA100 VISHAY-VR37000001504FA100 Datasheet
111Kb / 6P
   High Ohmic/High Voltage Metal Glaze Leaded Resistors
Revision: 17-Aug-11
VR37000002203JA100 VISHAY-VR37000002203JA100 Datasheet
111Kb / 6P
   High Ohmic/High Voltage Metal Glaze Leaded Resistors
Revision: 17-Aug-11
VR68 VISHAY-VR68 Datasheet
184Kb / 10P
   High Ohmic / High Voltage Metal Glaze Leaded Resistors
01-Jan-2022
VR25000002204JA100 VISHAY-VR25000002204JA100 Datasheet
115Kb / 7P
   High Ohmic/High Voltage Metal Glaze Leaded Resistors
Revision: 17-Aug-11
VR25 VISHAY-VR25_13 Datasheet
110Kb / 7P
   High Ohmic/High Voltage Metal Glaze Leaded Resistors
Revision: 17-Aug-11
VR25000001004JR500 VISHAY-VR25000001004JR500 Datasheet
110Kb / 7P
   High Ohmic/High Voltage Metal Glaze Leaded Resistors
Revision: 17-Aug-11
VR37000001005JA100 VISHAY-VR37000001005JA100 Datasheet
111Kb / 6P
   High Ohmic/High Voltage Metal Glaze Leaded Resistors
Revision: 17-Aug-11
RCMX02 VISHAY-RCMX02 Datasheet
134Kb / 3P
   Molded Metal Film High Ohmic Value Resistors
Revision: 05-Aug-13
logo
List of Unclassifed Man...
MFD0727 ETC2-MFD0727 Datasheet
658Kb / 1P
   High Precision Metal Film Leaded Resistors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com