Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B82789C0113N001 Datasheet(PDF) 2 Page - EPCOS

Part # B82789C0113N001
Description  Data and signal line chokes
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82789C0113N001 Datasheet(HTML) 2 Page - EPCOS

  B82789C0113N001 Datasheet HTML 1Page - EPCOS B82789C0113N001 Datasheet HTML 2Page - EPCOS B82789C0113N001 Datasheet HTML 3Page - EPCOS B82789C0113N001 Datasheet HTML 4Page - EPCOS B82789C0113N001 Datasheet HTML 5Page - EPCOS B82789C0113N001 Datasheet HTML 6Page - EPCOS B82789C0113N001 Datasheet HTML 7Page - EPCOS B82789C0113N001 Datasheet HTML 8Page - EPCOS B82789C0113N001 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
10/08
Please read Cautions and warnings and
Important notes at the end of this document.
Rated voltage 42 V AC/80 V DC
Rated inductance 11
NH to 100 NH
Rated current 150 mA to 300 mA
Construction
Current-compensated double choke
Ferrite I core
Winding: enamel copper wire
Winding welded to terminals
Bifilar winding (B82789C0…)
Sector winding (B82789S0…)
Features
Temperature range up to 150 °C (B82789C0/S0*H)
Suitable for lead-free reflow soldering as referenced in JEDEC J-STD 020C
For gold-plated terminals conductive adhesion possible
Qualified to AEC-Q200
RoHS-compatible
Function
B82789C0:
Suppression of asymmetrical interference coupled in on lines,
whereas data signals up to some MHz can pass unaffectedly.
B82789S0:
Suppression of asymmetrical (by LR) and symmetrical interference (by Lstray)
coupled in on lines. The high-frequency portions of the symmetrical data
signal are decreased so far that EMC problems can be significantly reduced.
Applications
Automotive applications, e.g. CAN and FlexRay bus
Industrial field bus systems
Line cards for telecom
Terminals
Tinned terminals (B82789C0/S0*002)
Base material CuSn6
Layer composition Ni, Ag, Sn1)
Lead-free tinned
Gold-plated terminals (B82789C0/S0*001)
Base material CuSn6
Layer composition Ni, Ag, Au
Gold plated
1) Ni-barrier-plated terminals (NiSn) on request (B82789C0/S0*H052).
B82789C0/S0
Data and signal line chokes
SIMDAD 1812, common-mode chokes


Similar Part No. - B82789C0113N001

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82789C0113N001 EPCOS-B82789C0113N001 Datasheet
80Kb / 6P
   Chokes for data and signal lines
B82789C0113N001 EPCOS-B82789C0113N001 Datasheet
205Kb / 11P
   Data and signal line chokes
B82789C0113N001 EPCOS-B82789C0113N001 Datasheet
205Kb / 11P
   SIMDAD 1812, common-mode chokes
B82789C0113N001 EPCOS-B82789C0113N001 Datasheet
205Kb / 11P
   Data and signal line chokes
More results

Similar Description - B82789C0113N001

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82793C0502N201 EPCOS-B82793C0502N201_08 Datasheet
314Kb / 12P
   Data and signal line chokes
B82793C2113N201 EPCOS-B82793C2113N201_08 Datasheet
203Kb / 8P
   Data and signal line chokes
B82794C0475N465 EPCOS-B82794C0475N465 Datasheet
229Kb / 9P
   Data and signal line chokes
B82794C2 EPCOS-B82794C2 Datasheet
502Kb / 8P
   Data and signal line chokes
B82790C475N265 EPCOS-B82790C475N265 Datasheet
260Kb / 11P
   Data and signal line chokes
B82788C0113H052 EPCOS-B82788C0113H052 Datasheet
186Kb / 9P
   Data and signal line chokes
B82792C2474N315 EPCOS-B82792C2474N315_08 Datasheet
196Kb / 8P
   Data and signal line chokes
B82791G0015A017 EPCOS-B82791G0015A017 Datasheet
156Kb / 6P
   Data and signal line chokes
B82790C474N215 EPCOS-B82790C474N215 Datasheet
260Kb / 11P
   Data and signal line chokes
B82720K2301N042 EPCOS-B82720K2301N042 Datasheet
111Kb / 6P
   Data and signal line chokes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com