Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXA2520-0000-000N00P227H Datasheet(PDF) 11 Page - Cree, Inc

Part # CXA2520-0000-000N00P227H
Description  6-Inch Downlight Reference Design
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CXA2520-0000-000N00P227H Datasheet(HTML) 11 Page - Cree, Inc

Back Button CXA2520-0000-000N00P227H Datasheet HTML 4Page - Cree, Inc CXA2520-0000-000N00P227H Datasheet HTML 5Page - Cree, Inc CXA2520-0000-000N00P227H Datasheet HTML 6Page - Cree, Inc CXA2520-0000-000N00P227H Datasheet HTML 7Page - Cree, Inc CXA2520-0000-000N00P227H Datasheet HTML 8Page - Cree, Inc CXA2520-0000-000N00P227H Datasheet HTML 9Page - Cree, Inc CXA2520-0000-000N00P227H Datasheet HTML 10Page - Cree, Inc CXA2520-0000-000N00P227H Datasheet HTML 11Page - Cree, Inc CXA2520-0000-000N00P227H Datasheet HTML 12Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
XLamp CXa2520 LED
6-inCh DownLight
REfEREnCE DEsign
Copyright © 2013 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo and XLamp® are registered trademarks
of Cree, Inc. For product specifications, please see the data sheets available at www.cree.com. For warranty information, please contact Cree Sales at sales@cree.com.
figure 7: Angular luminous intensity distribution of CXA2520 downlight
Table 8 shows the center beam illuminance of the cXa2520 downlight at various distances from the light source.
height
Center beam Illuminance
beam Width
0.5 m
1.7 ft
926 fc
9,970 lx
0.6 m
1.8 ft
1.0 m
3.3 ft
231 fc
2,492 lx
1.1 m
3.5 ft
1.5 m
5.0 ft
103 fc
1,107 lx
1.6 m
5.3 ft
2.0 m
6.6 ft
58 fc
623 lx
2.2 m
7.1 ft
2.5 m
8.3 ft
37 fc
399 lx
2.7 m
8.9 ft
3.0 m
9.9 ft
26 fc
279 lx
3.2 m
10.6 ft
table 8: CXA2520 downlight illuminance – 56° beam angle
ConCLusIon
This reference design illustrates the ease of developing a very capable 6-inch downlight based on the cree Xlamp
cXa2520 leD. The small number of steps to assemble the downlight illustrates the simple construction the cXa2520
Cutoff angle = 50°


Similar Part No. - CXA2520-0000-000N00P227H

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CXA2520-0000-000N00P227H CREE-CXA2520-0000-000N00P227H Datasheet
1Mb / 15P
   Cree짰 XLamp짰 CXA2520 LED
More results

Similar Description - CXA2520-0000-000N00P227H

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CR6-625L-27K-12-E26 CREE-CR6-625L-27K-12-E26 Datasheet
524Kb / 2P
   CR6 LED Downlight - 6
LE6 CREE-LE6 Datasheet
751Kb / 2P
   6 Adjustable LED Downlight
logo
Zoran Corporation
SUPRAHD-640 ZORAN-SUPRAHD-640 Datasheet
116Kb / 2P
   Reference Design
logo
International Rectifier
IRISMPS1 IRF-IRISMPS1 Datasheet
187Kb / 12P
   REFERENCE DESIGN
logo
Microchip Technology
MCP1603 MICROCHIP-MCP1603_08 Datasheet
279Kb / 18P
   Tiny Reference Design
01/02/08
logo
Taoglas antenna solutio...
DTAD.01.A.50 TAOGLAS-DTAD.01.A.50 Datasheet
2Mb / 24P
   Complete Reference Design
logo
Zoran Corporation
SUPRAHD-680 ZORAN-SUPRAHD-680 Datasheet
95Kb / 2P
   DTV Reference Design
logo
Broadcom Corporation.
BCM953128R BOARDCOM-BCM953128R Datasheet
150Kb / 2P
   UNMANAGED REFERENCE DESIGN
06/10/10
logo
OSRAM GmbH
RD-040 OSRAM-RD-040 Datasheet
40Kb / 1P
   Reference Design Kit
logo
Silicon Laboratories
WL-TRANSCVR-RD SILABS-WL-TRANSCVR-RD Datasheet
137Kb / 4P
   Reference Design Documentation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com