Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXA2520-0000-000N00P427H Datasheet(PDF) 7 Page - Cree, Inc

Part # CXA2520-0000-000N00P427H
Description  6-Inch Downlight Reference Design
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CXA2520-0000-000N00P427H Datasheet(HTML) 7 Page - Cree, Inc

Back Button CXA2520-0000-000N00P427H Datasheet HTML 3Page - Cree, Inc CXA2520-0000-000N00P427H Datasheet HTML 4Page - Cree, Inc CXA2520-0000-000N00P427H Datasheet HTML 5Page - Cree, Inc CXA2520-0000-000N00P427H Datasheet HTML 6Page - Cree, Inc CXA2520-0000-000N00P427H Datasheet HTML 7Page - Cree, Inc CXA2520-0000-000N00P427H Datasheet HTML 8Page - Cree, Inc CXA2520-0000-000N00P427H Datasheet HTML 9Page - Cree, Inc CXA2520-0000-000N00P427H Datasheet HTML 10Page - Cree, Inc CXA2520-0000-000N00P427H Datasheet HTML 11Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
XLamp CXa2520 LED
6-inCh DownLight
REfEREnCE DEsign
Copyright © 2013 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo and XLamp® are registered trademarks
of Cree, Inc. For product specifications, please see the data sheets available at www.cree.com. For warranty information, please contact Cree Sales at sales@cree.com.
figure 4: thermal simulation of CXA2520 downlight
Driver
The driver for this downlight can be located above the ceiling, apart from the downlight, and there is no driver size limit.
we used a universal input voltage constant-current driver, shown in Figure 5.6 The driver is a slightly modified version
of a commercially available driver model.
figure 5: CXA2520 downlight driver
secondary optics
We used a custom reflector to achieve the desired 50° cutoff angle.7 The reflector, shown in Figure 6, is about 90%
optically efficient and fits within the heat sink/housing. The reflector may also be suitable for use in spotlights and track
luminaires.
6
Model SP‑22V2A PFC, Shenzhen SGQ Electronic Technology Co. Ltd, sgqsz.cn.gongchang.com
7
model 5711-e, Nata lighting company limited, www.nata.cn/
Thermal Simulation / Measurement
Copyright © 2010, Cree, Inc.
Cree Proprietary & Confidential
pg. 9
Thermal Simulation Tsp ~45C,
•About 75% of the 26W input power will convert
to heat and need sufficient heatsink to dissipate
the heat
•Thermal measurement by thermal couple: Tsp
~41C
•Calculated Tj ~59C
Tsp
T2
T3
40.8
℃ 38.7℃
Thermal Simulation / Measurement
Copyright © 2010, Cree, Inc.
Cree Proprietary & Confidential
pg. 9
Thermal Simulation Tsp ~45C,
•About 75% of the 26W input power will convert
to heat and need sufficient heatsink to dissipate
the heat
•Thermal measurement by thermal couple: Tsp
~41C
•Calculated Tj ~59C
Tsp
T2
T3
40.8
℃ 38.7℃


Similar Part No. - CXA2520-0000-000N00P427H

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CXA2520-0000-000N00P427H CREE-CXA2520-0000-000N00P427H Datasheet
1Mb / 15P
   Cree짰 XLamp짰 CXA2520 LED
More results

Similar Description - CXA2520-0000-000N00P427H

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CR6-625L-27K-12-E26 CREE-CR6-625L-27K-12-E26 Datasheet
524Kb / 2P
   CR6 LED Downlight - 6
LE6 CREE-LE6 Datasheet
751Kb / 2P
   6 Adjustable LED Downlight
logo
Zoran Corporation
SUPRAHD-640 ZORAN-SUPRAHD-640 Datasheet
116Kb / 2P
   Reference Design
logo
International Rectifier
IRISMPS1 IRF-IRISMPS1 Datasheet
187Kb / 12P
   REFERENCE DESIGN
logo
Microchip Technology
MCP1603 MICROCHIP-MCP1603_08 Datasheet
279Kb / 18P
   Tiny Reference Design
01/02/08
logo
Taoglas antenna solutio...
DTAD.01.A.50 TAOGLAS-DTAD.01.A.50 Datasheet
2Mb / 24P
   Complete Reference Design
logo
Zoran Corporation
SUPRAHD-680 ZORAN-SUPRAHD-680 Datasheet
95Kb / 2P
   DTV Reference Design
logo
Broadcom Corporation.
BCM953128R BOARDCOM-BCM953128R Datasheet
150Kb / 2P
   UNMANAGED REFERENCE DESIGN
06/10/10
logo
OSRAM GmbH
RD-040 OSRAM-RD-040 Datasheet
40Kb / 1P
   Reference Design Kit
logo
Silicon Laboratories
WL-TRANSCVR-RD SILABS-WL-TRANSCVR-RD Datasheet
137Kb / 4P
   Reference Design Documentation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com