Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMR12007YMK Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LMR12007YMK
Description  LMR12007 Thin SOT23 750mA Load Step-Down DC-DC Regulator
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMR12007YMK Datasheet(HTML) 1 Page - Texas Instruments

  LMR12007YMK Datasheet HTML 1Page - Texas Instruments LMR12007YMK Datasheet HTML 2Page - Texas Instruments LMR12007YMK Datasheet HTML 3Page - Texas Instruments LMR12007YMK Datasheet HTML 4Page - Texas Instruments LMR12007YMK Datasheet HTML 5Page - Texas Instruments LMR12007YMK Datasheet HTML 6Page - Texas Instruments LMR12007YMK Datasheet HTML 7Page - Texas Instruments LMR12007YMK Datasheet HTML 8Page - Texas Instruments LMR12007YMK Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
VIN
VIN
EN
BOOST
SW
FB
GND
VOUT
C3
L1
C1
C2
R1
R2
D1
D2
ON
OFF
LMR12007
www.ti.com
SNVS982 – SEPTEMBER 2013
LMR12007 Thin SOT23 750mA Load Step-Down DC-DC Regulator
Check for Samples: LMR12007
1
FEATURES
DESCRIPTION
The LMR12007 regulator is a monolithic, high
23
Thin SOT-6 Package
frequency, PWM step-down DC/DC converter in a 6-
3.0V to 18V Input Voltage Range
pin Thin SOT package. It provides all the active
1.25V to 16V Output Voltage Range
functions to provide local DC/DC conversion with fast
transient response and accurate regulation in the
750mA Output Current
smallest possible PCB area.
550kHz (LMR12007Y) and 1.6MHz (LMR12007X)
With a minimum of external components and online
Switching Frequencies
design support through WEBENCH®, the LMR12007
350m
Ω NMOS Switch
is easy to use. The ability to drive 750mA loads with
30nA Shutdown Current
an internal 350m
Ω NMOS switch using state-of-the-
1.25V, 2% Internal Voltage Reference
art 0.5µm BiCMOS technology results in the best
power density available. The world class control
Internal Soft-Start
circuitry allows for on-times as low as 13ns, thus
Current-Mode, PWM Operation
supporting exceptionally high frequency conversion
WEBENCH® Online Design Tool
over the entire 3V to 18V input operating range down
to the minimum output voltage of 1.25V. Switching
Thermal Shutdown
frequency is internally set to 550kHz (LMR12007Y) or
1.6MHz (LMR12007X), allowing the use of extremely
APPLICATIONS
small surface mount inductors and chip capacitors.
Local Point of Load Regulation
Even though the operating frequencies are very high,
efficiencies up to 90% are easy to achieve. External
Core Power in HDDs
shutdown is included, featuring an ultra-low stand-by
Set-Top Boxes
current of 30nA. The LMR12007 utilizes current-mode
Battery Powered Devices
control and internal compensation to provide high-
performance
regulation
over
a
wide
range
of
USB Powered Devices
operating
conditions.
Additional
features
include
DSL Modems
internal soft-start circuitry to reduce inrush current,
Notebook Computers
pulse-by-pulse current limit, thermal shutdown, and
output over-voltage protection.
Typical Application Circuit
Efficiency vs Load Current "X"
VIN = 5V, VOUT = 3.3V
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
WEBENCH is a registered trademark of Texas Instruments.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LMR12007YMK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMR12007YMK TI1-LMR12007YMK Datasheet
1Mb / 30P
[Old version datasheet]   LMR12007 Thin SOT23 750mA Load Step-Down DC-DC Regulator
LMR12007YMKX TI1-LMR12007YMKX Datasheet
1Mb / 30P
[Old version datasheet]   LMR12007 Thin SOT23 750mA Load Step-Down DC-DC Regulator
More results

Similar Description - LMR12007YMK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMR12007 TI1-LMR12007 Datasheet
1Mb / 30P
[Old version datasheet]   LMR12007 Thin SOT23 750mA Load Step-Down DC-DC Regulator
logo
National Semiconductor ...
LM2736 NSC-LM2736 Datasheet
444Kb / 22P
   Thin SOT23 750mA Load Step-Down DC-DC Regulator
logo
Texas Instruments
LM2736 TI1-LM2736_14 Datasheet
1Mb / 27P
[Old version datasheet]   Thin SOT23 750mA Load Step-Down DC-DC Regulator
LM2736YMKX TI-LM2736YMKX Datasheet
1Mb / 31P
[Old version datasheet]   LM2736 Thin SOT 750mA Load Step-Down DC-DC Regulator
LM2736XMK TI-LM2736XMK Datasheet
1Mb / 31P
[Old version datasheet]   LM2736 Thin SOT 750mA Load Step-Down DC-DC Regulator
LM2736YMK TI-LM2736YMK Datasheet
1Mb / 31P
[Old version datasheet]   LM2736 Thin SOT 750mA Load Step-Down DC-DC Regulator
LM2736XMK TI1-LM2736XMK Datasheet
1Mb / 31P
[Old version datasheet]   LM2736 Thin SOT 750mA Load Step-Down DC-DC Regulator
logo
National Semiconductor ...
LM2734 NSC-LM2734 Datasheet
459Kb / 22P
   Thin SOT23 1A Load Step-Down DC-DC Regulator
LM2734Z NSC-LM2734Z Datasheet
775Kb / 9P
   Thin SOT23 1A Load Step-Down DC-DC Regulator
logo
Texas Instruments
LM2734Z TI1-LM2734Z_14 Datasheet
1Mb / 29P
[Old version datasheet]   Thin SOT23 1A Load Step-Down DC-DC Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com