Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXA2520-0000-000N00Q230F Datasheet(PDF) 2 Page - Cree, Inc

Part # CXA2520-0000-000N00Q230F
Description  6-Inch Downlight Reference Design
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CXA2520-0000-000N00Q230F Datasheet(HTML) 2 Page - Cree, Inc

  CXA2520-0000-000N00Q230F Datasheet HTML 1Page - Cree, Inc CXA2520-0000-000N00Q230F Datasheet HTML 2Page - Cree, Inc CXA2520-0000-000N00Q230F Datasheet HTML 3Page - Cree, Inc CXA2520-0000-000N00Q230F Datasheet HTML 4Page - Cree, Inc CXA2520-0000-000N00Q230F Datasheet HTML 5Page - Cree, Inc CXA2520-0000-000N00Q230F Datasheet HTML 6Page - Cree, Inc CXA2520-0000-000N00Q230F Datasheet HTML 7Page - Cree, Inc CXA2520-0000-000N00Q230F Datasheet HTML 8Page - Cree, Inc CXA2520-0000-000N00Q230F Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
XLamp CXa2520 LED
6-inCh DownLight
REfEREnCE DEsign
Copyright © 2013 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo and XLamp® are registered trademarks
of Cree, Inc. For product specifications, please see the data sheets available at www.cree.com. For warranty information, please contact Cree Sales at sales@cree.com.
Building on cree’s reference designs of 6-inch downlights using Xlamp cXa2011 and Xm-l leDs, this design demonstrates
the possibility of employing the XLamp CXA2520 LED as the light source of a 42‑watt CFL equivalent downlight for use
in indoor commercial and residential applications.1
DEsIgn AppRoACh/objECtIvEs
In the “leD luminaire Design Guide”2 cree advocates a 6-step framework for creating leD luminaires. all cree reference
designs use this framework, and the design guide’s summary table is reproduced below in Table 1.
step
Explanation
1.
Define lighting requirements
The design goals can be based either on an existing fixture or on the application’s lighting
requirements.
2.
Define design goals
Specify design goals, which will be based on the application’s lighting requirements.
Specify any other goals that will influence the design, such as special optical or environmental
requirements.
3.
Estimate efficiencies of the optical,
thermal & electrical systems
Design goals will place constraints on the optical, thermal and electrical systems.
Good estimations of efficiencies of each system can be made based on these constraints.
The combination of lighting goals and system efficiencies will drive the number of LEDs needed
in the luminaire.
4.
calculate the number of leDs needed
Based on the design goals and estimated losses, the designer can calculate the number of leDs
to meet the design goals.
5.
consider all design possibilities and
choose the best
with any design, there are many ways to achieve the goals.
LED lighting is a new field; assumptions that work for conventional lighting sources may not
apply.
6.
Complete final steps
complete circuit board layout.
Test design choices by building a prototype luminaire.
make sure the design achieves all the design goals.
Use the prototype to further refine the luminaire design.
record observations and ideas for improvement.
table 1: Cree 6-step framework
thE 6-stEp mEthoDoLogy
The goal of the design is to show the ease of design and implementation of a 6-inch downlight using one cree Xlamp
cXa2520 leD that betters the performance of typical 42-watt cFl downlights.
1.
DEfInE LIghtIng REquIREmEnts
Table 2 shows a ranked list of desirable characteristics for a 6-inch downlight.
1
cree Xlamp cXa2011 leD 6-Inch Downlight reference Design, ap92, www.cree.com/Xlamp_ref_des/cXa2011_6in_downlight
cree Xlamp Xm-l leD 6-Inch Downlight reference Design, ap93, www.cree.com/xlamp_ref_des/Xml_6in_downlight
2
leD luminaire Design Guide, application Note ap15, www.cree.com/xlamp_app_notes/luminaire_design_guide


Similar Part No. - CXA2520-0000-000N00Q230F

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CXA2520-0000-000N00Q230F CREE-CXA2520-0000-000N00Q230F Datasheet
1Mb / 15P
   Cree짰 XLamp짰 CXA2520 LED
More results

Similar Description - CXA2520-0000-000N00Q230F

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CR6-625L-27K-12-E26 CREE-CR6-625L-27K-12-E26 Datasheet
524Kb / 2P
   CR6 LED Downlight - 6
LE6 CREE-LE6 Datasheet
751Kb / 2P
   6 Adjustable LED Downlight
logo
Zoran Corporation
SUPRAHD-640 ZORAN-SUPRAHD-640 Datasheet
116Kb / 2P
   Reference Design
logo
International Rectifier
IRISMPS1 IRF-IRISMPS1 Datasheet
187Kb / 12P
   REFERENCE DESIGN
logo
Microchip Technology
MCP1603 MICROCHIP-MCP1603_08 Datasheet
279Kb / 18P
   Tiny Reference Design
01/02/08
logo
Taoglas antenna solutio...
DTAD.01.A.50 TAOGLAS-DTAD.01.A.50 Datasheet
2Mb / 24P
   Complete Reference Design
logo
Zoran Corporation
SUPRAHD-680 ZORAN-SUPRAHD-680 Datasheet
95Kb / 2P
   DTV Reference Design
logo
Broadcom Corporation.
BCM953128R BOARDCOM-BCM953128R Datasheet
150Kb / 2P
   UNMANAGED REFERENCE DESIGN
06/10/10
logo
OSRAM GmbH
RD-040 OSRAM-RD-040 Datasheet
40Kb / 1P
   Reference Design Kit
logo
Silicon Laboratories
WL-TRANSCVR-RD SILABS-WL-TRANSCVR-RD Datasheet
137Kb / 4P
   Reference Design Documentation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com