Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMC260 Datasheet(PDF) 10 Page - TRINAMIC Motion Control GmbH & Co. KG.

Part # TMC260
Description  POWER DRIVER FOR STEPPER MOTORS
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRINAMIC [TRINAMIC Motion Control GmbH & Co. KG.]
Direct Link  http://www.trinamic.com
Logo TRINAMIC - TRINAMIC Motion Control GmbH & Co. KG.

TMC260 Datasheet(HTML) 10 Page - TRINAMIC Motion Control GmbH & Co. KG.

Back Button TMC260 Datasheet HTML 6Page - TRINAMIC Motion Control GmbH & Co. KG. TMC260 Datasheet HTML 7Page - TRINAMIC Motion Control GmbH & Co. KG. TMC260 Datasheet HTML 8Page - TRINAMIC Motion Control GmbH & Co. KG. TMC260 Datasheet HTML 9Page - TRINAMIC Motion Control GmbH & Co. KG. TMC260 Datasheet HTML 10Page - TRINAMIC Motion Control GmbH & Co. KG. TMC260 Datasheet HTML 11Page - TRINAMIC Motion Control GmbH & Co. KG. TMC260 Datasheet HTML 12Page - TRINAMIC Motion Control GmbH & Co. KG. TMC260 Datasheet HTML 13Page - TRINAMIC Motion Control GmbH & Co. KG. TMC260 Datasheet HTML 14Page - TRINAMIC Motion Control GmbH & Co. KG. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 53 page
background image
TMC260 and TMC261 DATASHEET (Rev. 2.05 / 2012-NOV-05)
10
www.trinamic.com
Status word
Description
Range
Comment
SG
10-bit
unsigned
integer
stallGuard2
measurement value. A higher value indicates
lower mechanical load. A lower value indicates
a higher load and therefore a higher load angle.
For stall detection, adjust SGT to return an SG
value of 0 or slightly higher upon maximum
motor load before stall.
0… 1023
0: highest load
low value: high load
high value: less load
4.1 Tuning the stallGuard2 Threshold
Due to the dependency of the stallGuard2 value SG from motor-specific characteristics and application-
specific demands on load and velocity the easiest way to tune the stallGuard2 threshold SGT for a
specific motor type and operating conditions is interactive tuning in the actual application.
The procedure is:
1. Operate the motor at a reasonable velocity for your application and monitor SG.
2. Apply slowly increasing mechanical load to the motor. If the motor stalls before SG reaches
zero, decrease SGT. If SG reaches zero before the motor stalls, increase SGT. A good SGT
starting value is zero. SGT is signed, so it can have negative or positive values.
3. The optimum setting is reached when SG is between 0 and 400 at increasing load shortly
before the motor stalls, and SG increases by 100 or more without load. SGT in most cases can
be tuned together with the motion velocity in a way that SG goes to zero when the motor
stalls and the stall output SG_TST is asserted. This indicates that a step has been lost.
The system clock frequency affects SG. An external crystal-stabilized clock should be used for
applications that demand the highest precision. The power supply voltage also affects SG, so tighter
regulation results in more accurate values. SG measurement has a high resolution, and there are a
few ways to enhance its accuracy, as described in the following sections.
4.1.1 Variable Velocity Operation
Across a range of velocities, on-the-fly adjustment of the stallGuard2 threshold SGT improves the
accuracy of the load measurement SG. This also improves the power reduction provided by coolStep,
which is driven by SG. Linear interpolation between two SGT values optimized at different velocities is
a simple algorithm for obtaining most of the benefits of on-the-fly SGT adjustment, as shown in
Figure 4.2. An optimal SGT curve in black and a two-point interpolated SGT curve in red are shown.
back EMF reaches
supply voltage
optimum
SGT setting
Motor RPM
(200 FS motor)
stallGuard2
reading at
no load
2
4
6
8
10
12
14
16
100
200
300
400
500
600
700
800
900
1000
18
20
0
0
50
100
150
200
250
300
350
400
450
500
550
600
lower limit for stall
detection 4 RPM
simplified
SGT setting
Figure 4.2 Linear interpolation for optimizing SGT with changes in velocity.


Similar Part No. - TMC260

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
TMC260-PA TRINAMIC-TMC260-PA Datasheet
1Mb / 53P
   POWER DRIVER FOR STEPPER MOTORS
More results

Similar Description - TMC260

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
TMC5130A-TA TRINAMIC-TMC5130A-TA_17 Datasheet
2Mb / 128P
   POWER DRIVER FOR STEPPER MOTORS
TMC261-PA TRINAMIC-TMC261-PA Datasheet
1Mb / 53P
   POWER DRIVER FOR STEPPER MOTORS
TMC2041-LA TRINAMIC-TMC2041-LA Datasheet
2Mb / 66P
   POWER DRIVER FOR STEPPER MOTORS
TMC262 TRINAMIC-TMC262 Datasheet
1Mb / 58P
   POWER DRIVER FOR STEPPER MOTORS
TMC2130-LA TRINAMIC-TMC2130-LA Datasheet
2Mb / 103P
   POWER DRIVER FOR STEPPER MOTORS
TMC2100-LA TRINAMIC-TMC2100-LA_17 Datasheet
1Mb / 48P
   POWER DRIVER FOR STEPPER MOTORS
TMC2224-LA TRINAMIC-TMC2224-LA Datasheet
2Mb / 79P
   POWER DRIVER FOR STEPPER MOTORS
TMC2130_LA TRINAMIC-TMC2130_LA_17 Datasheet
2Mb / 103P
   POWER DRIVER FOR STEPPER MOTORS
TMC5072 TRINAMIC-TMC5072_17 Datasheet
2Mb / 107P
   POWER DRIVER FOR STEPPER MOTORS
TMC260-PA TRINAMIC-TMC260-PA Datasheet
1Mb / 53P
   POWER DRIVER FOR STEPPER MOTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com