Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B82731H2132A030 Datasheet(PDF) 4 Page - EPCOS

Part # B82731H2132A030
Description  Current-compensated D core double chokes
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82731H2132A030 Datasheet(HTML) 4 Page - EPCOS

  B82731H2132A030 Datasheet HTML 1Page - EPCOS B82731H2132A030 Datasheet HTML 2Page - EPCOS B82731H2132A030 Datasheet HTML 3Page - EPCOS B82731H2132A030 Datasheet HTML 4Page - EPCOS B82731H2132A030 Datasheet HTML 5Page - EPCOS B82731H2132A030 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
07/12
Please read Cautions and warnings and
Important notes at the end of this document.
Characteristics and ordering codes
 = approval granted
Sample kit available. Ordering code: B82731X001
For more information refer to chapter “Sample kits”.
IR
A
LR
mH
Lstray,typ
H
Rtyp
m
Ordering code
Approvals
Vertical version
Horizontal version
0.35
100
1000
4500
B82731M2351A030
B82731H2351A030

0.4
68
700
3000
B82731M2401A033
B82731H2401A033

0.5
47
470
2000
B82731M2501A030
B82731H2501A030

0.6
39
390
1500
B82731M2601A030
B82731H2601A030

0.7
27
270
1000
B82731M2701A030
B82731H2701A030

0.8
22
220
800
B82731M2801A030
B82731H2801A030

0.9
15
150
600
B82731M2901A030
B82731H2901A030

1.1
10
100
400
B82731M2112A030
B82731H2112A030

1.3
6.8
70
280
B82731M2132A030
B82731H2132A030

1.8
3.3
35
140
B82731M2182A030
B82731H2182A030

Impedance |Z| versus frequency f
measured with windings in parallel at +20 °C,
typical values
Current derating Iop/IR
versus ambient temperature TA
IND0290-9-E
2501A030
2601A030
2701A030
2901A030
2112A030
2132A030
2182A030
2401A033
2351A030
10 1
2
10
|
|Z
10
3
10
4
10 5
Ω
10 6
5
4
10
10
67
Hz
f
10
10
B82731M/H
2801A030
B82731M/H
Power line chokes
Current-compensated D core double chokes


Similar Part No. - B82731H2132A030

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82731H2132A030 EPCOS-B82731H2132A030 Datasheet
159Kb / 6P
   Power line chokes
logo
TDK Electronics
B82731H2132A030 TDK-B82731H2132A030 Datasheet
777Kb / 6P
   Current-compensated D core double chokes
More results

Similar Description - B82731H2132A030

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B82732R2102B030 TDK-B82732R2102B030 Datasheet
571Kb / 6P
   Current-compensated D core double chokes
B82731H2112A030 TDK-B82731H2112A030 Datasheet
777Kb / 6P
   Current-compensated D core double chokes
B82734R2132B030 TDK-B82734R2132B030 Datasheet
785Kb / 6P
   Current-compensated D core double chokes
B82726S2163N002 TDK-B82726S2163N002 Datasheet
372Kb / 6P
   Current-compensated ring core double chokes
logo
EPCOS
B82720S2102N40 EPCOS-B82720S2102N40 Datasheet
694Kb / 8P
   Current-compensated ring core double chokes
B82721K2401N20 EPCOS-B82721K2401N20 Datasheet
282Kb / 10P
   Current-Compensated Ring Core Double Chokes
logo
TDK Electronics
B82733F2112B001 TDK-B82733F2112B001 Datasheet
681Kb / 7P
   Current-compensated frame core double chokes
B82725A2102N001 TDK-B82725A2102N001 Datasheet
749Kb / 7P
   Current-compensated ring core double chokes
B82727E6223A040 TDK-B82727E6223A040 Datasheet
782Kb / 9P
   Current-compensated ring core double chokes
B82731T2102A020 TDK-B82731T2102A020 Datasheet
748Kb / 7P
   Current-compensated E core double chokes
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com