Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B82477G4823M000 Datasheet(PDF) 5 Page - EPCOS

Part # B82477G4823M000
Description  SMT power inductors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82477G4823M000 Datasheet(HTML) 5 Page - EPCOS

  B82477G4823M000 Datasheet HTML 1Page - EPCOS B82477G4823M000 Datasheet HTML 2Page - EPCOS B82477G4823M000 Datasheet HTML 3Page - EPCOS B82477G4823M000 Datasheet HTML 4Page - EPCOS B82477G4823M000 Datasheet HTML 5Page - EPCOS B82477G4823M000 Datasheet HTML 6Page - EPCOS B82477G4823M000 Datasheet HTML 7Page - EPCOS B82477G4823M000 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
06/12
Please read Cautions and warnings and
Important notes at the end of this document.
Characteristics and ordering codes
Sample kit available. Ordering code: B8247XX001
For more information refer to chapter “Sample kits”.
LR
H
Tolerance fL
MHz
IR
A
Isat
A
Rmax
Ordering code
1.0
20%
M 0.1
9.80
15.00
0.0070
B82477G4102M000
2.2
0.1
8.00
11.00
0.0100
B82477G4222M000
3.9
0.1
7.50
9.50
0.0125
B82477G4392M000
4.7
0.1
6.80
8.60
0.0140
B82477G4472M000
5.6
0.1
6.70
8.40
0.0142
B82477G4562M000
6.8
0.1
6.50
7.30
0.0185
B82477G4682M000
10
0.1
5.40
6.40
0.022
B82477G4103M000
15
0.1
4.50
5.25
0.027
B82477G4153M000
22
0.1
3.60
4.25
0.038
B82477G4223M000
33
0.1
3.00
3.50
0.053
B82477G4333M000
47
0.1
2.50
3.00
0.082
B82477G4473M000
68
0.1
2.10
2.45
0.120
B82477G4683M000
82
0.1
1.90
2.25
0.145
B82477G4823M000
100
0.1
1.70
1.95
0.165
B82477G4104M000
150
0.1
1.42
1.70
0.225
B82477G4154M000
220
0.1
1.16
1.35
0.380
B82477G4224M000
330
0.1
0.95
1.15
0.600
B82477G4334M000
470
0.1
0.80
0.95
0.790
B82477G4474M000
680
0.1
0.68
0.78
1.24
B82477G4684M000
1000
0.1
0.55
0.65
1.68
B82477G4105M000
^
B82477G4
SMT power inductors
Size 12.8 x 12.8 x 8.0 (mm)


Similar Part No. - B82477G4823M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82477G4823M000 EPCOS-B82477G4823M000 Datasheet
179Kb / 8P
   SMT power inductors
B82477G4823M000 EPCOS-B82477G4823M000 Datasheet
566Kb / 8P
   SMT power inductors
More results

Similar Description - B82477G4823M000

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
EPCOS
B82479 EPCOS-B82479 Datasheet
1Mb / 4P
   SMT Power Inductors
B82477G2 EPCOS-B82477G2 Datasheet
160Kb / 7P
   SMT power inductors
logo
Pulse A Technitrol Comp...
PF0560.252NLT PULSE-PF0560.252NLT Datasheet
234Kb / 2P
   SMT POWER INDUCTORS
logo
EPCOS
B82477G4105M EPCOS-B82477G4105M Datasheet
566Kb / 8P
   SMT power inductors
B82462G4152M EPCOS-B82462G4152M Datasheet
542Kb / 8P
   SMT power inductors
logo
Pulse A Technitrol Comp...
PE-53680NLT PULSE-PE-53680NLT Datasheet
181Kb / 2P
   SMT POWER INDUCTORS
logo
EPCOS
B82462G4472M EPCOS-B82462G4472M Datasheet
542Kb / 8P
   SMT power inductors
B82479G1103M EPCOS-B82479G1103M Datasheet
521Kb / 7P
   SMT power inductors
B82477G2104M EPCOS-B82477G2104M Datasheet
541Kb / 7P
   SMT power inductors
B82472P6473M EPCOS-B82472P6473M Datasheet
546Kb / 7P
   SMT power inductors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com