Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B82477P4104M000 Datasheet(PDF) 5 Page - EPCOS

Part # B82477P4104M000
Description  SMT power inductors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82477P4104M000 Datasheet(HTML) 5 Page - EPCOS

  B82477P4104M000 Datasheet HTML 1Page - EPCOS B82477P4104M000 Datasheet HTML 2Page - EPCOS B82477P4104M000 Datasheet HTML 3Page - EPCOS B82477P4104M000 Datasheet HTML 4Page - EPCOS B82477P4104M000 Datasheet HTML 5Page - EPCOS B82477P4104M000 Datasheet HTML 6Page - EPCOS B82477P4104M000 Datasheet HTML 7Page - EPCOS B82477P4104M000 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
06/12
Please read Cautions and warnings and
Important notes at the end of this document.
Characteristics and ordering codes
Version with height 4.8 mm on request (same footprint). Type: B82477P1
Version with height 6.5 mm on request (same footprint). Type: B82477P2.
LR
H
Tolerance fL
MHz
IR
A
Isat
A
Rmax
Ordering code
0.82
20%
M 0.1
11.00
15.00
0.0055
B82477P4821M000
2.0
0.1
8.90
11.00
0.0080
B82477P4202M000
3.3
0.1
8.10
9.60
0.0100
B82477P4332M000
3.9
0.1
8.00
9.50
0.0100
B82477P4392M000
4.7
0.1
7.30
8.40
0.0120
B82477P4472M000
5.6
0.1
7.15
8.30
0.0125
B82477P4562M000
6.8
0.1
6.60
7.30
0.0150
B82477P4682M000
10
0.1
5.80
6.40
0.0190
B82477P4103M000
15
0.1
4.80
5.20
0.0285
B82477P4153M000
22
0.1
4.15
4.35
0.035
B82477P4223M000
33
0.1
3.35
3.50
0.052
B82477P4333M000
47
0.1
2.80
3.00
0.067
B82477P4473M000
68
0.1
2.35
2.45
0.098
B82477P4683M000
82
0.1
2.10
2.25
0.120
B82477P4823M000
100
0.1
1.87
1.95
0.138
B82477P4104M000
150
0.1
1.61
1.70
0.185
B82477P4154M000
220
0.1
1.24
1.35
0.305
B82477P4224M000
330
0.1
1.02
1.15
0.460
B82477P4334M000
470
0.1
0.86
0.95
0.640
B82477P4474M000
680
0.1
0.69
0.78
1.05
B82477P4684M000
1000
0.1
0.60
0.65
1.38
B82477P4105M000
^
B82477P4
SMT power inductors
Size 12.5 x 12.5 x 8.5 (mm)


Similar Part No. - B82477P4104M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82477P4104M000 EPCOS-B82477P4104M000 Datasheet
192Kb / 8P
   SMT power inductors
More results

Similar Description - B82477P4104M000

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
EPCOS
B82479 EPCOS-B82479 Datasheet
1Mb / 4P
   SMT Power Inductors
B82477G2 EPCOS-B82477G2 Datasheet
160Kb / 7P
   SMT power inductors
logo
Pulse A Technitrol Comp...
PF0560.252NLT PULSE-PF0560.252NLT Datasheet
234Kb / 2P
   SMT POWER INDUCTORS
logo
EPCOS
B82477G4105M EPCOS-B82477G4105M Datasheet
566Kb / 8P
   SMT power inductors
B82462G4152M EPCOS-B82462G4152M Datasheet
542Kb / 8P
   SMT power inductors
logo
Pulse A Technitrol Comp...
PE-53680NLT PULSE-PE-53680NLT Datasheet
181Kb / 2P
   SMT POWER INDUCTORS
logo
EPCOS
B82462G4472M EPCOS-B82462G4472M Datasheet
542Kb / 8P
   SMT power inductors
B82479G1103M EPCOS-B82479G1103M Datasheet
521Kb / 7P
   SMT power inductors
B82477G2104M EPCOS-B82477G2104M Datasheet
541Kb / 7P
   SMT power inductors
B82472P6473M EPCOS-B82472P6473M Datasheet
546Kb / 7P
   SMT power inductors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com