Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXA2011-0000-000P0U0F027F Datasheet(PDF) 5 Page - Cree, Inc

Part # CXA2011-0000-000P0U0F027F
Description  Cree XLamp CXA2011 LED
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CXA2011-0000-000P0U0F027F Datasheet(HTML) 5 Page - Cree, Inc

  CXA2011-0000-000P0U0F027F Datasheet HTML 1Page - Cree, Inc CXA2011-0000-000P0U0F027F Datasheet HTML 2Page - Cree, Inc CXA2011-0000-000P0U0F027F Datasheet HTML 3Page - Cree, Inc CXA2011-0000-000P0U0F027F Datasheet HTML 4Page - Cree, Inc CXA2011-0000-000P0U0F027F Datasheet HTML 5Page - Cree, Inc CXA2011-0000-000P0U0F027F Datasheet HTML 6Page - Cree, Inc CXA2011-0000-000P0U0F027F Datasheet HTML 7Page - Cree, Inc CXA2011-0000-000P0U0F027F Datasheet HTML 8Page - Cree, Inc CXA2011-0000-000P0U0F027F Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Copyright © 2011-2013 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo and XLamp® are registered
trademarks of Cree, Inc.
5
XLamp CXa2011 LED
relative sPectral Power distribution (i
f = 270 ma, tJ= 85 °c)
The following graph represents typical spectral emission of standard CRI XLamp CXA2011 LeDs.
relative luminous fluX vs. Junction temPerature (i
f = 270 ma)
The following graph represents typical performance of the XLamp CXA2011 LeD.
Relative Spectral Power Distribution - White, Hot Binned, Baby
This is native CXA Spectral Data @ 3000K
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
400
450
500
550
600
650
700
750
Wavelength (nm)
3000K CCT
4000K CCT
5000K CCT
Relative Flux Output vs. Junction Temperature (If = 270 mA?)
0%
20%
40%
60%
80%
100%
120%
0
25
50
75
100
125
150
Junction Temperature (ºC)


Similar Part No. - CXA2011-0000-000P0U0F027F

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CXA2011-0000-000P00F027H CREE-CXA2011-0000-000P00F027H Datasheet
920Kb / 12P
   Cree짰 XLamp짰 CXA2011 LED
CXA2011-0000-000P00G027H CREE-CXA2011-0000-000P00G027H Datasheet
920Kb / 12P
   Cree짰 XLamp짰 CXA2011 LED
CXA2011-0000-000P00G030H CREE-CXA2011-0000-000P00G030H Datasheet
920Kb / 12P
   Cree짰 XLamp짰 CXA2011 LED
CXA2011-0000-000P00G035H CREE-CXA2011-0000-000P00G035H Datasheet
920Kb / 12P
   Cree짰 XLamp짰 CXA2011 LED
CXA2011-0000-000P00G040H CREE-CXA2011-0000-000P00G040H Datasheet
920Kb / 12P
   Cree짰 XLamp짰 CXA2011 LED
More results

Similar Description - CXA2011-0000-000P0U0F027F

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CMA1840 CREE-CMA1840 Datasheet
2Mb / 16P
   Cree XLamp CMA1840 LED
CMA2550 CREE-CMA2550 Datasheet
2Mb / 16P
   Cree XLamp CMA2550 LED
CMA3090 CREE-CMA3090 Datasheet
2Mb / 22P
   Cree XLamp CMA3090 LED
CXA1512 CREE-CXA1512_13 Datasheet
1Mb / 19P
   Cree XLamp CXA1512 LED
CMA1825 CREE-CMA1825 Datasheet
2Mb / 16P
   Cree XLamp CMA1825 LED
CXB1830 CREE-CXB1830 Datasheet
2Mb / 15P
   Cree XLamp CXB1830 LED
CMA1516 CREE-CMA1516 Datasheet
2Mb / 16P
   Cree XLamp CMA1516 LED
XQBAWT-00-0000-000000051 CREE-XQBAWT-00-0000-000000051 Datasheet
954Kb / 10P
   Cree XLamp XQ-B LED
2013
XHP35 CREE-XHP35 Datasheet
2Mb / 37P
   Cree XLamp XHP35 LEDs
MX3SWT-A1-0000-000E51 CREE-MX3SWT-A1-0000-000E51 Datasheet
988Kb / 10P
   Cree XLamp MX-3S LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com