Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZ-2R-P4 Datasheet(PDF) 5 Page - Honeywell Solid State Electronics Center

Part # BZ-2R-P4
Description  Interactive Catalog Replaces Catalog Pages
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

BZ-2R-P4 Datasheet(HTML) 5 Page - Honeywell Solid State Electronics Center

  BZ-2R-P4 Datasheet HTML 1Page - Honeywell Solid State Electronics Center BZ-2R-P4 Datasheet HTML 2Page - Honeywell Solid State Electronics Center BZ-2R-P4 Datasheet HTML 3Page - Honeywell Solid State Electronics Center BZ-2R-P4 Datasheet HTML 4Page - Honeywell Solid State Electronics Center BZ-2R-P4 Datasheet HTML 5Page - Honeywell Solid State Electronics Center BZ-2R-P4 Datasheet HTML 6Page - Honeywell Solid State Electronics Center BZ-2R-P4 Datasheet HTML 7Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Limit and Enclosed Switches
EX Series
Explosion-Proof Switches
A124
Honeywell Sensing and Control 1-800-537-6945 USA
1-815-235-6847 International 1-800-737-3360 Canada
Double-conduit
connect switch
EX switches on this page have conduit
openings on each side of the enclosure
which enable through-wiring. This feature
also allows the user to split the wiring of a
double-pole switch, with one-pole exiting
from each side.
The enclosure is larger than EX switches
with one conduit opening and provides ad-
ditional space for wiring.
NEMA
Double-conduit connect EX switches also
meet the applicable portions of the NEMA
classifications listed on page A121.
ROLLER LEVER ACTUATED SWITCHES
ORDER GUIDE
P.T.
D.T.
Elec.
O.F.
max.
max.
Rating
Catalog
N
mm
O.T.
mm
Description
Pg. A121
Listing
oz.
in.
max.
in.
Two 12 in. conduit openings.
A
1EX1
2,22-5,56
5,56
90°
0,18
CW actuation.* 15 amp.
8-20
.219
.007
SPDT.
Two 12 in. conduit openings.
B
2EX1
3,61-8,90
5,56
25°
0,3
CW actuation.* 20 amp.
13-32
.219
.012
SPDT.
Two 34 in. conduit openings.
C
4EX1-3†
2,22-6,67
6,35
25°
2,77
CW actuation.* 10 amp.
8-24
.250
.109
DPDT.
* CW (clockwise) or CCW actuation, when looking at
nameplate.
N
Newtons
† Furnished with 0,91 m (3 ft.) leadwire.
Characteristics: O.F. — Operating Force; P.T. —
Pretravel; O.T. — Overtravel; D.T. — Differential
Travel.
MOUNTING BRACKETS
15PA85-EX is used for top, bottom, back or
end mounting. It is furnished with each
switch, except where noted in the order
guides.
15PA86-EX is ordered separately for top
mounting of plunger switches. EX switches
may also be direct mounted, using 10-32
UNF screws.


Similar Part No. - BZ-2R-P4

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
BZ-2R-P4 HONEYWELL-BZ-2R-P4 Datasheet
64Kb / 1P
   SWITCH-BASIC
More results

Similar Description - BZ-2R-P4

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
26PCFFS2G HONEYWELL-ACC-26PCFFS2G Datasheet
180Kb / 3P
   Interactive Catalog Replaces Catalog Pages
DUXL05D HONEYWELL-ACC-DUXL05D Datasheet
433Kb / 9P
   Interactive Catalog Replaces Catalog Pages
HIH-4010-004 HONEYWELL-ACC-HIH-4010-004 Datasheet
433Kb / 9P
   Interactive Catalog Replaces Catalog Pages
logo
Honeywell Solid State E...
SS400 HONEYWELL-SS400 Datasheet
245Kb / 3P
   Interactive Catalog Replaces Catalog Pages
242PC100G HONEYWELL-242PC100G Datasheet
348Kb / 5P
   Interactive Catalog Replaces Catalog Pages
BZ-3AT HONEYWELL-BZ-3AT Datasheet
433Kb / 9P
   Interactive Catalog Replaces Catalog Pages
26PCCFA6G HONEYWELL-26PCCFA6G Datasheet
180Kb / 3P
   Interactive Catalog Replaces Catalog Pages
logo
Honeywell Accelerometer...
162PC01G HONEYWELL-ACC-162PC01G Datasheet
507Kb / 5P
   Interactive Catalog Replaces Catalog Pages
logo
Honeywell Solid State E...
CSLA1CE HONEYWELL-CSLA1CE Datasheet
433Kb / 9P
   Interactive Catalog Replaces Catalog Pages
26PCAFA6G HONEYWELL-26PCAFA6G Datasheet
180Kb / 3P
   Interactive Catalog Replaces Catalog Pages
26PCDFA6G HONEYWELL-26PCDFA6G Datasheet
180Kb / 3P
   Interactive Catalog Replaces Catalog Pages
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com