Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B82111E0000C026 Datasheet(PDF) 5 Page - EPCOS

Part # B82111E0000C026
Description  Inductors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82111E0000C026 Datasheet(HTML) 5 Page - EPCOS

  B82111E0000C026 Datasheet HTML 1Page - EPCOS B82111E0000C026 Datasheet HTML 2Page - EPCOS B82111E0000C026 Datasheet HTML 3Page - EPCOS B82111E0000C026 Datasheet HTML 4Page - EPCOS B82111E0000C026 Datasheet HTML 5Page - EPCOS B82111E0000C026 Datasheet HTML 6Page - EPCOS B82111E0000C026 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
06/12
Please read Cautions and warnings and
Important notes at the end of this document.
Characteristics and ordering codes
IR
A
LR
H
Rtyp
fres
MHz
Approx.
weight
g
Dimensions
dmax
mm
Ordering code
0.1
1200
34
16
2.2
6.0
B82111E0000C029
0.2
680
14
19
2.2
6.0
B82111E0000C028
0.3
470
6.5
25
2.3
6.0
B82111E0000C027
0.5
220
2.6
32
2.3
6.5
B82111E0000C026
1
100
0.65
55
2.5
6.5
B82111E0000C025
1.5
56
0.30
70
2.7
6.5
B82111E0000C024
2
40
0.18
90
3.0
7.0
B82111E0000C023
3
22
0.07
110
3.3
7.0
B82111E0000C022
4
12
0.04
140
3.5
7.5
B82111E0000C021
6
7
0.02
180
3.6
7.5
B82111E0000C020
Impedance |Z| versus frequency f
measured with impedance analyzer Agilent
4294A or S-parameter network analyzer
Agilent 8753ES, typical values at +20 °C
Current derating Iop/IR
versus ambient temperature TA
(rated temperature TR = +60 °C)
IND0152-S
10 6
f
10 7
10 8
10 9
Hz
Z |
6
10
5
10
4
10
3
10
10 2
Ω
C029
B82111E
C028
C027
C026
C025
C024
C023
C022
C021
C020
IND0143-T-E
0
0
T
A
20
40
60
80
100
140
0.2
0.4
0.6
0.8
1.0
1.2
IR
op
I
C
˚
B82111E
VHF chokes


Similar Part No. - B82111E0000C026

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82111E0000C026 EPCOS-B82111E0000C026 Datasheet
108Kb / 7P
   Inductors
More results

Similar Description - B82111E0000C026

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELJ-NA4R7JF PANASONIC-ELJ-NA4R7JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJ-ND1R0JF PANASONIC-ELJ-ND1R0JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJ-NA2R2JF PANASONIC-ELJ-NA2R2JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJSA100KF PANASONIC-ELJSA100KF Datasheet
112Kb / 3P
   Fixed Inductors (Chip Inductors)
ELJ-RE3N9ZFA PANASONIC-ELJ-RE3N9ZFA Datasheet
162Kb / 8P
   Fixed Inductors (Chip Inductors)
ELJFCR22F PANASONIC-ELJFCR22F Datasheet
96Kb / 4P
   Fixed Inductors Chip Inductors
ELJPF2N2DFB PANASONIC-ELJPF2N2DFB_13 Datasheet
134Kb / 7P
   Fixed Inductors Chip Inductors
ELJ-FA151JF PANASONIC-ELJ-FA151JF Datasheet
240Kb / 9P
   Fixed Inductors (Chip Inductors)
ELJFQF1N0JF PANASONIC-ELJFQF1N0JF Datasheet
83Kb / 3P
   Fixed Inductors (Chip Inductors)
logo
Panasonic Battery Group
ELJ-RE39NJFA PANASONICBATTERY-ELJ-RE39NJFA Datasheet
203Kb / 8P
   Fixed Inductors (Chip Inductors)
logo
Panasonic Semiconductor
ELJEA3R3KF PANASONIC-ELJEA3R3KF Datasheet
79Kb / 2P
   Fixed Inductors (Chip Inductors)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com