Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EX-AR800 Datasheet(PDF) 3 Page - Honeywell Solid State Electronics Center

Part # EX-AR800
Description  Interactive Catalog Replaces Catalog Pages
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

EX-AR800 Datasheet(HTML) 3 Page - Honeywell Solid State Electronics Center

  EX-AR800 Datasheet HTML 1Page - Honeywell Solid State Electronics Center EX-AR800 Datasheet HTML 2Page - Honeywell Solid State Electronics Center EX-AR800 Datasheet HTML 3Page - Honeywell Solid State Electronics Center EX-AR800 Datasheet HTML 4Page - Honeywell Solid State Electronics Center EX-AR800 Datasheet HTML 5Page - Honeywell Solid State Electronics Center EX-AR800 Datasheet HTML 6Page - Honeywell Solid State Electronics Center EX-AR800 Datasheet HTML 7Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Limit and Enclosed Switches
EX Series
Explosion-Proof Switches
A122
Honeywell Sensing and Control 1-800-537-6945 USA
1-815-235-6847 International 1-800-737-3360 Canada
ROLLER LEVER ACTUATED
SWITCHES
AUXILIARY ACTUATORS
Order rotary actuators for the EX-AR20 from
the selection shown below.
Roller Lever
6PA5-EX
(Bronze roller)
6PA127-EX
(Nylon roller)
Cross Roller Lever
6PA131-EX
(Bronze roller)
One-Way Roller Lever
For CW
actuation:
6PA130-EX
(Bronze roller)
For CCW
actuation:
6PA142-EX
(Bronze roller)
Adjustable Length
Roller Lever
6PA138-EX
(Nylon roller)
Rod Lever
6PA136-EX
(Aluminum rod)
ORDER GUIDE
P.T.
D.T.
Elec.
max.
max.
Rating
Catalog
mm
O.T.
mm
Description
Pg. A121
Listing
O.F.
in.
max.
in.
CW actuation*. 15 amp. SPDT.
A
EX-AR
2,22-5,56 N
.5-1.25 lb.
5,56
.219
(8°)
90°
0,18
.007
(0.25°)
CW actuation*. 20 amp. SPDT.
B
EXA-AR
3,34-8,90 N
.75-2 lb.
5.56
.219
25°
0,3
.012
(4°)
CCW actuation*. 15 amp. SPDT.
A
EX-AR30
11,1 N
2.5 lb. max.
2,65
.065
25°
0,18
.007
(0.25°)
CW or CCW actuation*. 15 amp.
Low O.F. (no return spring).
Without mtg. bracket. SPDT.
A
EX-AR16
0,56 N
2 oz. max.
——
Also UL
listed
and
CSA
certified
for
Class I
Group B
(hydrogen)
atmos-
pheres.
CW actuation*.
15 amp. SPDT.
A
EX-AR800
2,22-5,56 N
.5-1.25 lb.
5,56
.219
90°
0,18
.007
(0.25°)
CCW actuation*.
15 amp. SPDT.
A
EX-AR830
11,1 N
2.5 lb. max.
1,65
.065
25°
0,18
.007
(0.25°)
CW actuation*.
10 amp. DPDT.
C
EXD-AR-3†
2,22-6,67 N
.5-1.5 lb.
6,35
.250
25°
2,77
.109
(4°)
CCW actuation*.
10 amp. DPDT.
C
EXD-AR30-3†
12,2 N
2.75 lb.
5,56
.219
25°
2,77
.109
CW actuation*. 1
amp.** SPDT.
E
EXH-AR3
2,22-6,67 N
.5-1.5 lb.
5,56
.219
25°
0,64
.025
CCW actuation*.
1 amp.** SPDT.
E
EXH-AR33
11,1 N
2.5 lb. max.
1,65
.065
(3.5°)
25°
0,64
.025
No lever furnished. (Order levers
shown at left of this page as
separate items.) CW actuation*.
SPDT.
A
EX-AR20
0,22 Nm
31.25 in./oz.
5,56
.219
90°
0,18
.007
(0.25°)
As above except CCW actuation.
A
EX-AR230
0,22 Nm
31.25 in./oz.
5,56
.219
90°
0,18
.007
(0.25°)
Nm
Newton meters
* CW (clockwise) or CCW actuation, when looking
at nameplate.
** Hermetically sealed switching unit, furnished with
10.5 ft./3,2 m leadwire.
† Furnished with 0,91 m (3 ft.) leadwire
Characteristics; O.F. — Operating Force; P.T. —
Pretravel; O.T. — Overtravel; D.T. — Differential
Travel
For rapid response – off the shelf service, all bold face listings are normally stocked
items.
Adjustable length 12.5 max. rod lever
with 1 nylon roller.
6PA204-EX


Similar Part No. - EX-AR800

ManufacturerPart #DatasheetDescription
logo
FOTEK CONTROLS CO., LTD...
EX-03N FOTEK-EX-03N Datasheet
963Kb / 3P
   Photo sensor
EX-07N FOTEK-EX-07N Datasheet
963Kb / 3P
   Photo sensor
logo
Panasonic Semiconductor
EX-10 PANASONIC-EX-10 Datasheet
2Mb / 16P
   Amplifier Built-in Ultra-slim Photoelectric Sensor
Ver.2
logo
List of Unclassifed Man...
EX-1030S ETC1-EX-1030S Datasheet
55Kb / 2P
   ADSL Transformer
logo
Panasonic Battery Group
EX-10S PANASONICBATTERY-EX-10S Datasheet
168Kb / 1P
   Ultra-Slim, Narrow Beam Photoelectric Sensor
More results

Similar Description - EX-AR800

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
26PCFFS2G HONEYWELL-ACC-26PCFFS2G Datasheet
180Kb / 3P
   Interactive Catalog Replaces Catalog Pages
DUXL05D HONEYWELL-ACC-DUXL05D Datasheet
433Kb / 9P
   Interactive Catalog Replaces Catalog Pages
HIH-4010-004 HONEYWELL-ACC-HIH-4010-004 Datasheet
433Kb / 9P
   Interactive Catalog Replaces Catalog Pages
logo
Honeywell Solid State E...
SS400 HONEYWELL-SS400 Datasheet
245Kb / 3P
   Interactive Catalog Replaces Catalog Pages
242PC100G HONEYWELL-242PC100G Datasheet
348Kb / 5P
   Interactive Catalog Replaces Catalog Pages
BZ-3AT HONEYWELL-BZ-3AT Datasheet
433Kb / 9P
   Interactive Catalog Replaces Catalog Pages
26PCCFA6G HONEYWELL-26PCCFA6G Datasheet
180Kb / 3P
   Interactive Catalog Replaces Catalog Pages
logo
Honeywell Accelerometer...
162PC01G HONEYWELL-ACC-162PC01G Datasheet
507Kb / 5P
   Interactive Catalog Replaces Catalog Pages
logo
Honeywell Solid State E...
CSLA1CE HONEYWELL-CSLA1CE Datasheet
433Kb / 9P
   Interactive Catalog Replaces Catalog Pages
26PCAFA6G HONEYWELL-26PCAFA6G Datasheet
180Kb / 3P
   Interactive Catalog Replaces Catalog Pages
26PCDFA6G HONEYWELL-26PCDFA6G Datasheet
180Kb / 3P
   Interactive Catalog Replaces Catalog Pages
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com