Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B82442A1104-000 Datasheet(PDF) 7 Page - EPCOS

Part # B82442A1104-000
Description  SMT inductors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82442A1104-000 Datasheet(HTML) 7 Page - EPCOS

  B82442A1104-000 Datasheet HTML 1Page - EPCOS B82442A1104-000 Datasheet HTML 2Page - EPCOS B82442A1104-000 Datasheet HTML 3Page - EPCOS B82442A1104-000 Datasheet HTML 4Page - EPCOS B82442A1104-000 Datasheet HTML 5Page - EPCOS B82442A1104-000 Datasheet HTML 6Page - EPCOS B82442A1104-000 Datasheet HTML 7Page - EPCOS B82442A1104-000 Datasheet HTML 8Page - EPCOS B82442A1104-000 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
10/12
Impedance |Z| versus frequency f
measured with impedance analyzer
Agilent 4294A/E4991A, typical values at +20 °C
Q factor versus frequency f
measured with impedance analyzer
Agilent 4294A/E4991A, typical values at +20 °C
Inductance L versus DC load current IDC
measured with LCR meter Agilent 4285A,
typical values at +20 °C
Current derating Iop/IR
versus ambient temperature TA
(rated temperature TR = +105 °C)
IND0089-B
10
f
10
10
10
10
Hz
Ω
59
8
7
6
0
10
10 1
10 2
10 3
10 4
10 5
10 6
1 μH
10 μH
100 μH
1000 μH
10000 μH
B82442A
Z
||
IND0091-4
10
f
10
10
10
10
Hz
Q
48
7
6
5
0
20
40
60
80
1 μH
10 μH
100 μH
1000 μH
10000 μH
B82442A
IND0090-9
10
I
A
μH
L
10
10 0
10 1
10 2
10 3
10 4
10 5
10
0
10
1
10
DC
10000 μH
1000 μH
100 μH
10 μH
1 μH
_1
_1
2
_
B82442A
IND0092-V-E
0
0
0.2
0.4
0.6
0.8
1.0
1.2
IR
op
I
A
T
20
40
60
80 100 120
160
B82442A
C
B82442A
SMT inductors, SIMID series
SIMID 2220-A


Similar Part No. - B82442A1104-000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82442A1104 EPCOS-B82442A1104 Datasheet
113Kb / 9P
   SMT inductors-13
B82442A1104000 EPCOS-B82442A1104000 Datasheet
113Kb / 9P
   Upright ferrite drum core
B82442A1104A000 EPCOS-B82442A1104A000 Datasheet
180Kb / 9P
   SMT inductors
B82442A1104K000 EPCOS-B82442A1104K000 Datasheet
180Kb / 9P
   SMT inductors
More results

Similar Description - B82442A1104-000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82422T1104J EPCOS-B82422T1104J Datasheet
486Kb / 9P
   SMT inductors
B82496C3180J000 EPCOS-B82496C3180J000 Datasheet
484Kb / 8P
   SMT inductors
B82432A EPCOS-B82432A Datasheet
141Kb / 8P
   SMT inductors
B82432T1102K000 EPCOS-B82432T1102K000 Datasheet
150Kb / 8P
   SMT inductors
B82442H1102K000 EPCOS-B82442H1102K000 Datasheet
168Kb / 9P
   SMT inductors
B82442H EPCOS-B82442H Datasheet
163Kb / 9P
   SMT inductors
B82496C3470J EPCOS-B82496C3470J Datasheet
484Kb / 8P
   SMT inductors
B82422H1473K EPCOS-B82422H1473K Datasheet
276Kb / 5P
   SMT Inductors
B82432A1104K EPCOS-B82432A1104K Datasheet
487Kb / 8P
   SMT inductors
B82442A1102K000 EPCOS-B82442A1102K000 Datasheet
180Kb / 9P
   SMT inductors
B82422T EPCOS-B82422T Datasheet
148Kb / 9P
   SMT inductors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com