Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B81123C1222M189 Datasheet(PDF) 10 Page - EPCOS

Part # B81123C1222M189
Description  Film Capacitors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B81123C1222M189 Datasheet(HTML) 10 Page - EPCOS

Back Button B81123C1222M189 Datasheet HTML 6Page - EPCOS B81123C1222M189 Datasheet HTML 7Page - EPCOS B81123C1222M189 Datasheet HTML 8Page - EPCOS B81123C1222M189 Datasheet HTML 9Page - EPCOS B81123C1222M189 Datasheet HTML 10Page - EPCOS B81123C1222M189 Datasheet HTML 11Page - EPCOS B81123C1222M189 Datasheet HTML 12Page - EPCOS B81123C1222M189 Datasheet HTML 13Page - EPCOS B81123C1222M189 Datasheet HTML 14Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
3
Embedding of capacitors in finished assemblies
In many applications, finished circuit assemblies are embedded in plastic resins. In this case,
both chemical and thermal influences of the embedding ("potting") and curing processes must be
taken into account.
Our experience has shown that the following potting materials can be recommended: non-flexible
epoxy resins with acid-anhydride hardeners; chemically inert, non-conducting fillers; maximum
curing temperature of 100
°C.
Caution:
Consult us first if you wish to embed uncoated types!
B81123
Y1 / 250 V AC
Page 10 of 16
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B81123C1222M189

ManufacturerPart #DatasheetDescription
logo
EPCOS
B81123C1222M189 EPCOS-B81123C1222M189 Datasheet
188Kb / 6P
   EMI suppression capacitors (MKP) Y1 / 250 VAC
B81123C1222M189 EPCOS-B81123C1222M189 Datasheet
286Kb / 16P
   EMI Suppression Capacitors (MKP)
More results

Similar Description - B81123C1222M189

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32559S EPCOS-B32559S Datasheet
327Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32591 EPCOS-B32591 Datasheet
533Kb / 26P
   Film Capacitors Metallized Polyester Film Capacitors
B32932 EPCOS-B32932 Datasheet
295Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32537 EPCOS-B32537 Datasheet
308Kb / 20P
   Film Capacitors Metallized Polyester Film Capacitors
B32559C EPCOS-B32559C Datasheet
425Kb / 23P
   Film Capacitors Metallized Polyester Film Capacitors
B32560 EPCOS-B32560_09 Datasheet
577Kb / 32P
   Film Capacitors Metallized Polyester Film Capacitors
B32572 EPCOS-B32572 Datasheet
282Kb / 19P
   Film Capacitors Metallized Polyester Film Capacitors
logo
Sharma Electro Componen...
MKTD04 SHARMA-MKTD04 Datasheet
493Kb / 5P
   Film Capacitors
MKT050 SHARMA-MKT050 Datasheet
327Kb / 2P
   Film Capacitors
logo
EPCOS
B32673Z5474K EPCOS-B32673Z5474K Datasheet
373Kb / 20P
   Film Capacitors
B32924D3335K EPCOS-B32924D3335K Datasheet
356Kb / 17P
   Film Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com