Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1800-07 Datasheet(PDF) 3 Page - Honeywell Solid State Electronics Center

Part # 1800-07
Description  TO-8, 0 psi to 3 psi, 0 psi to 150 psi Silicon Pressure Sensors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

1800-07 Datasheet(HTML) 3 Page - Honeywell Solid State Electronics Center

  1800-07 Datasheet HTML 1Page - Honeywell Solid State Electronics Center 1800-07 Datasheet HTML 2Page - Honeywell Solid State Electronics Center 1800-07 Datasheet HTML 3Page - Honeywell Solid State Electronics Center 1800-07 Datasheet HTML 4Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Silicon Pressure Sensors
Honeywell Sensing and Control
3
STANDARD COMPENSATION AND TRIM CHOICES
For maximum convenience, the 1800/1805 Series is
temperature compensated from -1 °C to 54 °C [34 °F to
129 °F]. Other temperature ranges are available upon request.
Normalized Output Option: For design convenience and
sensor interchangeability, the 1800/1805 Series is available
with normalized output (100 ±2 mV dc in current excited
versions with pressure range >3 psi). Normalized output for
current excited 3 psi devices is 75 ±2 mV dc.
Laser Trim: Compensation is accomplished by using an in-
house laser trim facility that allows for tighter product
performance control and improved flexibility in response to
special customer performance requirements.
Resistors: This option includes a printout of suggested
temperature compensation and zero offset resistor values for
each individual sensor.
ELECTRICAL CONNECTIONS
CURRENT EXCITATION
VOLTAGE EXCITATION
Pin 1 on normalized and voltage
excited standard output.
Normalized output shown.
Standard output on pin 5 R6 shorted.
R5 open for standard output.
EXTERNAL CONNECTIONS
POSITIVE PRESSURE ON TOP AND BOTTOM SIDES
Current Excitation – Standard Output
Voltage Excitation – Standard Output
Current or Voltage Excitation –
Normalized Output
Discrete Resistor
Laser Trim Board
Discrete Resistor
Laser Trim Board
Laser Trim Board
Pin
Connection
Pin
Connection
Pin
Connection
Pin
Connection
Pin
Connection
4
+ Output
4
+ Output
4
+ Output
4
+ Output
4
+ Output
5
+ Input
5
+ Input
5
+ Input
5
NC
5
NC
6
- Input
6
- Input
6
- Input
6
- Input
6
- Input
10
- Output
10
- Output
10
- Output
10
- Output
10
+ Output
11
NC
11
NC
11
NC
11
NC
11
NC
12
NC
12
NC
12
NC
12
NC
12
NC
1
+ Input
1
+ Input
PRESSURE CONNECTION OPTIONS
OPTION 0
OPTION 1
OPTION 2
OPTION 4


Similar Part No. - 1800-07

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
1800-10 WINCHESTER-1800-10 Datasheet
74Kb / 1P
   ATTENUATOR, 15 dB 2W, TNC
1800-11 WINCHESTER-1800-11 Datasheet
68Kb / 1P
   ATTENUATOR, 20 dB 2W, TNC
1800-4 WINCHESTER-1800-4 Datasheet
80Kb / 1P
   ATTENUATOR, 3 dB 2W ,TNC
logo
MTU Onsite Energy Corpo...
1800-XC6DT2-PRIME MTU-1800-XC6DT2-PRIME Datasheet
411Kb / 4P
   DIESEL GENERATOR SET
More results

Similar Description - 1800-07

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
SX15AD4 HONEYWELL-SX15AD4 Datasheet
82Kb / 4P
   Microstructure Pressure Sensors 0 psi to 1 psi through 0 psi to 150 psi
SX30AD4 HONEYWELL-SX30AD4 Datasheet
82Kb / 4P
   Microstructure Pressure Sensors 0 psi to 1 psi through 0 psi to 150 psi
SX100GSMT HONEYWELL-SX100GSMT Datasheet
82Kb / 4P
   Microstructure Pressure Sensors 0 psi to 1 psi through 0 psi to 150 psi
SX7001D HONEYWELL-SX7001D Datasheet
82Kb / 4P
   Microstructure Pressure Sensors 0 psi to 1 psi through 0 psi to 150 psi
logo
All Sensors Corporation
PSI-D-4V-MIL-ND ASC-PSI-D-4V-MIL-ND Datasheet
47Kb / 4P
   0.3 psi to 15 psi Pressure Sensors
logo
List of Unclassifed Man...
ASDX ETC-ASDX Datasheet
104Kb / 4P
   0 TO 1 PSI THROUGH 0 TO 100 PSI PRESSURE TRANSDUCERS SenSym ICT
logo
All Sensors Corporation
DS-0031 ASC-DS-0031 Datasheet
47Kb / 4P
   0.3 psi to 15 psi Pressure Sensors
logo
Motorola, Inc
MPX5010 MOTOROLA-MPX5010 Datasheet
191Kb / 10P
   INTEGRATED PRESSURE SENSOR 0 to 10 kPa (0 to 1.45 psi) 0.2 to 4.7 V OUTPUT
MPX5700 MOTOROLA-MPX5700 Datasheet
148Kb / 8P
   INTEGRATED PRESSURE SENSOR 0 to 700 kPa (0 to 101.5 psi) 0.2 to 4.7 V OUTPUT
logo
Honeywell Solid State E...
HSC HONEYWELL-HSC_2 Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: HSC Series-High Accuracy -1% total Error band,Analog output,SIP,1 psi to 150 psi
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com