Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

142PC30D Datasheet(PDF) 3 Page - Honeywell Solid State Electronics Center

Part # 142PC30D
Description  Interactive Catalog Replaces Catalog Pages
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

142PC30D Datasheet(HTML) 3 Page - Honeywell Solid State Electronics Center

  142PC30D Datasheet HTML 1Page - Honeywell Solid State Electronics Center 142PC30D Datasheet HTML 2Page - Honeywell Solid State Electronics Center 142PC30D Datasheet HTML 3Page - Honeywell Solid State Electronics Center 142PC30D Datasheet HTML 4Page - Honeywell Solid State Electronics Center 142PC30D Datasheet HTML 5Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Pressure Sensors
140PC Series
Absolute, Differential, Gage, Vacuum Gage/Amplified
38
Honeywell Sensing and Control 1-800-537-6945 USA
1-815-235-6847 International 1-800-737-3360 Canada
140PC SERIES ORDER GUIDE, VACUUM GAGE TYPE
Shift
Null, Sensitivity, Combined**
Linearity, B.F.S.L.
25 to 5°
25 to −18°
25 to −40°
P2 > P1
P2 < P1
25 to 45°C
25 to +63°C 25 to 85°C
%Span
Catalog
Listing
Pressure
Range
psi
Typ.
Max.
Max.
Max.
Sensitivity
V/psi
Overpressure
psi
Max.
Max.
Max.
Repeatability
& Hysteresis
%Span
Typ.
141PC01G
0-−1
---
±1.50
---
---
5.000
20
---
±0.75
±0.30
141PC05G
0-−5
±0.50
---
±1.00
±2.00
1.000
20
---
±0.75
±0.25
141PC15G
0-−15
±0.50
---
±1.00
±2.00
0.333
45
---
±0.40
±0.15
140PC SERIES ORDER GUIDE, GAGE TYPE
Shift
Null, Sensitivity, Combined**
Linearity, B.S.F.L.
25 to 5°
25 to −18°
25 to −40°
P2 > P1
P2 < P1
25 to 45°C
25 to +63°C 25 to 85°C
%Span
Catalog
Listing
Pressure
Range
psi
Typ.
Max.
Max.
Max.
Sensitivity
V/psi
Overpressure
psi
Max.
Max.
Max.
Repeatability
& Hysteresis
%Span
Typ.
142PC01G
0-1
---
±1.50
---
---
5.000
20
±0.75
---
±0.30
142PC02G
0-2
---
±1.50
---
---
2.500
20
±0.75
---
±0.30
142PC05G
0-5
±0.50
---
±1.00
±2.00
1.000
20
±1.50
---
±0.25
142PC15G
0-15
±0.50
---
±1.00
±2.00
0.333
45
±0.75
---
±0.15
142PC30G
0-30
±0.50
---
±1.00
±2.00
0.167
60
±0.75
---
±0.15
143PC03G
±2.5
---
---
±1.00
±1.50
1.000
20
±0.75
---
±0.25
143PC05G
±5
---
---
±1.00
±1.50
0.500
30
±0.75
---
±0.15
143PC15G
±15
---
---
±1.00
±1.50
0.177
50
±0.75
---
±0.15
140PC SERIES ORDER GUIDE, DIFFERENTIAL TYPE
Shift
Null, Sensitivity, Combined**
Linearity, B.F.S.L.
25 to 5°
25 to −18°
25 to −40°
P2 > P1
P2 < P1
25 to 45°C
25 to +63°C 25 to 85°C
%Span
Catalog
Listing
Pressure
Range
psi
Typ.
Max.
Max.
Max.
Sensitivity
V/psi
Overpressure
psi
Max.
Max.
Max.
Repeatability
& Hysteresis
%Span
Typ.
142PC01D
0-1
---
±1.50
---
---
5.000
20
±0.75
±0.40
±0.30
142PC02D
0-2
---
±1.50
---
---
2.500
20
±0.75
±0.40
±0.30
142PC05D
0-5
±0.50
---
±1.00
±2.00
1.000
20
±1.50
±0.75
±0.25
142PC15D
0-15
±0.50
---
±1.00
±2.00
0.333
45
±0.75
±0.40
±0.15
142PC30D
0-30
±0.50
---
±1.00
±2.00
0.167
60
±0.75
±0.40
±0.15
143PC03D
±2.5
---
---
±1.00
±1.50
1.000
20
±0.75
±0.40
±0.25
143PC05D
±5
---
---
±1.00
±1.50
0.500
30
±0.75
±0.40
±0.15
143PC15D
±15
---
---
±1.00
±1.50
0.177
50
±0.75
±0.40
±0.15
140PC SERIES ORDER GUIDE, ABSOLUTE TYPE*
Shift
Null, Sensitivity, Combined**
Linearity, B.F.S.L.
25 to 5°
25 to −18°
25 to −40°
P2 > P1
P2 < P1
25 to 45°C
25 to +63°C 25 to 85°C
%Span
Catalog
Listing
Pressure
Range
psia
Typ.
Max.
Max.
Max.
Sensitivity
V/psi
Overpressure
psi
Max.
Max.
Max.
Repeatability
& Hysteresis
%Span
Typ.
142PC15A
0-15
±0.50
---
±1.00
±2.00
0.333
45
---
±0.40
±0.15
142PC30A
0-30
±0.50
---
±1.00
±2.00
0.167
60
---
±0.40
±0.15
*Tested at 2 psia reference
**% Span specification applies to each shift independently. (Null, sensitivity, or combined).


Similar Part No. - 142PC30D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
142PC30D ETC1-142PC30D Datasheet
515Kb / 4P
   Absolute, Differential, Gage, Vacuum Gage/Amplified
logo
Sensortechnics GmbH
142PC30D-PCB SENSORTECHNICS-142PC30D-PCB Datasheet
116Kb / 4P
   Signal conditioned precision pressure transducers
142PC30D-PCB SENSORTECHNICS-142PC30D-PCB Datasheet
109Kb / 3P
   Signal conditioned precision pressure transducers
More results

Similar Description - 142PC30D

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
26PCFFS2G HONEYWELL-ACC-26PCFFS2G Datasheet
180Kb / 3P
   Interactive Catalog Replaces Catalog Pages
DUXL05D HONEYWELL-ACC-DUXL05D Datasheet
433Kb / 9P
   Interactive Catalog Replaces Catalog Pages
HIH-4010-004 HONEYWELL-ACC-HIH-4010-004 Datasheet
433Kb / 9P
   Interactive Catalog Replaces Catalog Pages
logo
Honeywell Solid State E...
SS400 HONEYWELL-SS400 Datasheet
245Kb / 3P
   Interactive Catalog Replaces Catalog Pages
242PC100G HONEYWELL-242PC100G Datasheet
348Kb / 5P
   Interactive Catalog Replaces Catalog Pages
BZ-3AT HONEYWELL-BZ-3AT Datasheet
433Kb / 9P
   Interactive Catalog Replaces Catalog Pages
26PCCFA6G HONEYWELL-26PCCFA6G Datasheet
180Kb / 3P
   Interactive Catalog Replaces Catalog Pages
logo
Honeywell Accelerometer...
162PC01G HONEYWELL-ACC-162PC01G Datasheet
507Kb / 5P
   Interactive Catalog Replaces Catalog Pages
logo
Honeywell Solid State E...
CSLA1CE HONEYWELL-CSLA1CE Datasheet
433Kb / 9P
   Interactive Catalog Replaces Catalog Pages
26PCAFA6G HONEYWELL-26PCAFA6G Datasheet
180Kb / 3P
   Interactive Catalog Replaces Catalog Pages
26PCDFA6G HONEYWELL-26PCDFA6G Datasheet
180Kb / 3P
   Interactive Catalog Replaces Catalog Pages
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com