Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXA1512-0000-000N0HM40E1 Datasheet(PDF) 2 Page - Cree, Inc

Part # CXA1512-0000-000N0HM40E1
Description  Cree XLamp CXA1512 LED
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CXA1512-0000-000N0HM40E1 Datasheet(HTML) 2 Page - Cree, Inc

  CXA1512-0000-000N0HM40E1 Datasheet HTML 1Page - Cree, Inc CXA1512-0000-000N0HM40E1 Datasheet HTML 2Page - Cree, Inc CXA1512-0000-000N0HM40E1 Datasheet HTML 3Page - Cree, Inc CXA1512-0000-000N0HM40E1 Datasheet HTML 4Page - Cree, Inc CXA1512-0000-000N0HM40E1 Datasheet HTML 5Page - Cree, Inc CXA1512-0000-000N0HM40E1 Datasheet HTML 6Page - Cree, Inc CXA1512-0000-000N0HM40E1 Datasheet HTML 7Page - Cree, Inc CXA1512-0000-000N0HM40E1 Datasheet HTML 8Page - Cree, Inc CXA1512-0000-000N0HM40E1 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
Copyright © 2012-2013 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo, XLamp® and EasyWhite® are
registered trademarks of Cree, Inc..
2
XLamp CXa1512 LED
characteristics
characteristics
unit
minimum
typical
maximum
viewing angle (FWHm)
degrees
115
eSD withstand voltage (HBm per mil-Std-883D)
v
8000
DC forward current
mA
600*
Reverse current
mA
0.1
Forward voltage (@ 350 mA, 85 °C)
v
37
Forward voltage (@ 350 mA, 25 °C)
v
42
*
Refer to the operating Limits section.
oPerating limits
The maximum current rating of the CXA1512 is dependent on the case temperature (Tc) when the LeD has reached
thermal equilibrium under steady-state operation. please refer to the mechanical Dimensions section on page 16 for
the location of the Tc measurement point.
CXA1512
0
100
200
300
400
500
600
700
0
25
50
75
100
125
150
Case Temperature (°C)


Similar Part No. - CXA1512-0000-000N0HM40E1

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CXA1512-0000-000N0HM20E3 CREE-CXA1512-0000-000N0HM20E3 Datasheet
1Mb / 15P
   Cree짰 XLamp짰 CXA1512 LED
CXA1512-0000-000N0HM20E5 CREE-CXA1512-0000-000N0HM20E5 Datasheet
1Mb / 15P
   Cree짰 XLamp짰 CXA1512 LED
CXA1512-0000-000N0HM240F CREE-CXA1512-0000-000N0HM240F Datasheet
1Mb / 15P
   Cree짰 XLamp짰 CXA1512 LED
CXA1512-0000-000N0HM240H CREE-CXA1512-0000-000N0HM240H Datasheet
1Mb / 15P
   Cree짰 XLamp짰 CXA1512 LED
CXA1512-0000-000N0HM250F CREE-CXA1512-0000-000N0HM250F Datasheet
1Mb / 15P
   Cree짰 XLamp짰 CXA1512 LED
More results

Similar Description - CXA1512-0000-000N0HM40E1

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
180560-0001 MOLEX11-180560-0001 Datasheet
46Kb / 1P
   LED Array Holder for Cree XLamp CXA1507 and CXA1512 LED Arrays with Gold Plating
logo
Cree, Inc
CMA1840 CREE-CMA1840 Datasheet
2Mb / 16P
   Cree XLamp CMA1840 LED
CMA2550 CREE-CMA2550 Datasheet
2Mb / 16P
   Cree XLamp CMA2550 LED
CMA3090 CREE-CMA3090 Datasheet
2Mb / 22P
   Cree XLamp CMA3090 LED
CMA1825 CREE-CMA1825 Datasheet
2Mb / 16P
   Cree XLamp CMA1825 LED
CXB1830 CREE-CXB1830 Datasheet
2Mb / 15P
   Cree XLamp CXB1830 LED
CMA1516 CREE-CMA1516 Datasheet
2Mb / 16P
   Cree XLamp CMA1516 LED
CXA2011 CREE-CXA2011_13 Datasheet
1Mb / 14P
   Cree XLamp CXA2011 LED
XQBAWT-00-0000-000000051 CREE-XQBAWT-00-0000-000000051 Datasheet
954Kb / 10P
   Cree XLamp XQ-B LED
2013
XHP35 CREE-XHP35 Datasheet
2Mb / 37P
   Cree XLamp XHP35 LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com