Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B72540T0140K062 Datasheet(PDF) 4 Page - EPCOS

Part # B72540T0140K062
Description  SMD Varistors
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B72540T0140K062 Datasheet(HTML) 4 Page - EPCOS

  B72540T0140K062 Datasheet HTML 1Page - EPCOS B72540T0140K062 Datasheet HTML 2Page - EPCOS B72540T0140K062 Datasheet HTML 3Page - EPCOS B72540T0140K062 Datasheet HTML 4Page - EPCOS B72540T0140K062 Datasheet HTML 5Page - EPCOS B72540T0140K062 Datasheet HTML 6Page - EPCOS B72540T0140K062 Datasheet HTML 7Page - EPCOS B72540T0140K062 Datasheet HTML 8Page - EPCOS B72540T0140K062 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
120 04/02
CT0603K17G
B72500T0170K060
17
22
30
0,2
0,003
CT0603K17LCG B72500T2170K060
17
22
10
0,1
0,001
CT0805K17G
B72510T0170K062
17
22
120
0,3
0,005
CT0805K17LCG B72510T2170K062
17
22
30
0,1
0,004
CT1206K17G
B72520T0170K062
17
22
200
0,6
0,008
CT1210K17G
B72530T0170K062
17
22
400
1,7
0,010
CT1812K17G
B72580T0170K062
17
22
800
2,7
0,015
CT2220K17G
B72540T0170K062
17
22
1200
7,2
0,020
CT0603K20G
B72500T0200K060
20
26
30
0,2
0,003
CT0805K20G
B72510T0200K062
20
26
80
0,3
0,005
CT1206K20G
B72520T0200K062
20
26
200
0,7
0,008
CT1210K20G
B72530T0200K062
20
26
400
1,9
0,010
CT1812K20G
B72580T0200K062
20
26
800
3,0
0,015
CT2220K20G
B72540T0200K062
20
26
1200
7,8
0,020
CT0603K25G
B72500T0250K060
25
31
30
0,3
0,003
CT0805K25G
B72510T0250K062
25
31
80
0,3
0,005
CT1206K25G
B72520T0250K062
25
31
200
1,0
0,008
CT1210K25G
B72530T0250K062
25
31
300
1,7
0,010
CT1812K25G
B72580T0250K062
25
31
800
3,7
0,015
CT2220K25G
B72540T0250K062
25
31
1200
9,6
0,020
CT0805K30G
B72510T0300K062
30
38
80
0,3
0,005
CT1206K30G
B72520T0300K062
30
38
200
1,1
0,008
CT1210K30G
B72530T0300K062
30
38
300
2,0
0,010
CT1812K30G
B72580T0300K062
30
38
800
4,2
0,015
CT2220K30G
B72540T0300K062
30
38
1200
12,0
0,020
CT1206K35G
B72520T0350K062
35
45
100
0,4
0,008
CT1210K35G
B72530T0350K062
35
45
250
2,0
0,010
CT1812K35G
B72580T0350K062
35
45
500
4,0
0,015
CT2220K35G
B72540T0350K062
35
45
1000
7,7
0,020
CT1206K40G
B72520T0400K062
40
56
100
0,5
0,008
CT1210K40G
B72530T0400K062
40
56
250
2,3
0,010
CT1812K40G
B72580T0400K062
40
56
500
4,8
0,015
CT2220K40G
B72540T0400K062
40
56
1000
9,0
0,020
Maximum ratings (0402 … 0603: TA = 85 °C; 0805 … 2220: TA = 125 °C)
Type
SIOV-
Ordering code
VRMS
V
VDC
V
imax
8/20
ms
A
Wmax
(2 ms)
J
Pmax
W
A wide range of HC, CC and LC types are available upon request (see 3.3.6, chapter “Applications”).
Standard – Nickel Barrier Termination (available upon request)
SMD Varistors


Similar Part No. - B72540T0140K062

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72540T0140K062 EPCOS-B72540T0140K062 Datasheet
129Kb / 15P
   Multilayer technology
B72540T0140K062 EPCOS-B72540T0140K062 Datasheet
137Kb / 16P
   SMD Varistors
B72540T0140K062 EPCOS-B72540T0140K062 Datasheet
131Kb / 15P
   SMD Varistors
More results

Similar Description - B72540T0140K062

ManufacturerPart #DatasheetDescription
logo
EPCOS
SIOV-CT0603M4G EPCOS-SIOV-CT0603M4G Datasheet
131Kb / 15P
   SMD Varistors
B72660M0600S172 EPCOS-B72660M0600S172 Datasheet
89Kb / 3P
   SMD Varistors
B72520V200K62 EPCOS-B72520V200K62 Datasheet
137Kb / 16P
   SMD Varistors
logo
Stackpole Electronics, ...
ZVY SEI-ZVY Datasheet
507Kb / 6P
   Low Voltage SMD Varistors
08/19/2019
logo
EPCOS
B72650M301K72 EPCOS-B72650M301K72 Datasheet
879Kb / 36P
   SMD disk varistors standard series
logo
Dubilier
DCV0603K25G DUBILIER-DCV0603K25G Datasheet
107Kb / 2P
   SURFACE MOUNT SMD CHIP VARISTORS DCV
DCV0603K25G DUBILIER-DCV0603K25G_11 Datasheet
208Kb / 2P
   SURFACE MOUNT SMD CHIP VARISTORS DCV
logo
DB Lectro Inc
JV1812ML050A DBLECTRO-JV1812ML050A Datasheet
144Kb / 3P
   VARISTORS
logo
List of Unclassifed Man...
2232592 ETC2-2232592 Datasheet
172Kb / 23P
   Varistors
logo
Vishay Siliconix
2322592 VISHAY-2322592 Datasheet
269Kb / 18P
   Varistors
Revision: 28-Apr-04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com