Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NM24W17UTLEM8 Datasheet(PDF) 11 Page - Fairchild Semiconductor

Part # NM24W17UTLEM8
Description  16K-Bit Serial EEPROM 2-Wire Bus Interface
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NM24W17UTLEM8 Datasheet(HTML) 11 Page - Fairchild Semiconductor

Back Button NM24W17UTLEM8 Datasheet HTML 5Page - Fairchild Semiconductor NM24W17UTLEM8 Datasheet HTML 6Page - Fairchild Semiconductor NM24W17UTLEM8 Datasheet HTML 7Page - Fairchild Semiconductor NM24W17UTLEM8 Datasheet HTML 8Page - Fairchild Semiconductor NM24W17UTLEM8 Datasheet HTML 9Page - Fairchild Semiconductor NM24W17UTLEM8 Datasheet HTML 10Page - Fairchild Semiconductor NM24W17UTLEM8 Datasheet HTML 11Page - Fairchild Semiconductor NM24W17UTLEM8 Datasheet HTML 12Page - Fairchild Semiconductor NM24W17UTLEM8 Datasheet HTML 13Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
11
www.fairchildsemi.com
NM24C16U/17U Rev. B.1
S
T
O
P
A
C
K
NO
A
C
K
SLAVE
ADDRESS
A
C
K
A
C
K
S
T
A
R
T
S
T
A
R
T
WORD
ADDRESS
SLAVE
ADDRESS
Bus Activity:
Master
SDA Line
Bus Activity:
NM24C16U/17U
DATA n
S
T
O
P
A
C
K
Bus Activity:
Master
SDA Line
Bus Activity:
NM24C16U/17U
A
C
K
DATA n + x
A
C
K
DATA n + 2
DATA n +1
DATA n +1
A
C
K
NO
A
C
K
Slave
Address
DS800010-18
DS800010-19
Read Operations
Read operations are initiated in the same manner as write
operations, with the exception that the R/W bit of the slave
address is set to a one. There are three basic read operations:
current address read, random read, and sequential read.
Current Address Read
Internally the NM24C16U/17U contains an address counter that
maintains the address of the last byte accessed, incremented by
one. Therefore, if the last access (either a read or write) was to
address n, the next read operation would access data from
address n + 1. Upon receipt of the slave address with R/W set to
one, the NM24C16U/17U issues an acknowledge and transmits
the eight bit byte. The master will not acknowledge the transfer
but does generate a stop condition, and therefore the NM24C16U/
17U discontinues transmission. Refer to
Figure 8 for the se-
quence of address, acknowledge and data transfer.
Random Read
Random read operations allow the master to access any memory
location in a random manner. Prior to issuing the slave address
with the R/W bit set to one, the master must first perform a
“dummy” write operation. The master issues the start condition,
slave address and then the byte address it is to read. After the
byte address acknowledge, the master immediately reissues the
start condition and the slave address with the R/W bit set to one.
This will be followed by an acknowledge from the NM24C16U/17U
and then by the eight bit data. The master will not acknowledge the
transfer but does generate the stop condition, and therefore the
NM24C16U/17U discontinues transmission. Refer to
Figure 9 for
the address, acknowledge and data transfer sequence.
Sequential Read
Sequential reads can be initiated as either a current address read
or random access read. The first word is transmitted in the same
manner as the other read modes; however, the master now
responds with an acknowledge, indicating it requires additional
data. The NM24C16U/17U continues to output data for each
acknowledge received. The read operation is terminated by the
master not responding with an acknowledge or by generating a
stop condition.
The data output is sequential, with the data from address n
followed by the data from n + 1. The address counter for read
operations increments all word address bits, allowing the entire
memory contents to be serially read during one operation. After
the entire memory has been read, the counter "rolls over" and the
NM24C16U/17U continues to output data for each acknowledge
received. Refer to
Figure 10 for the address, acknowledge, and
data transfer sequence.
Current Address Read (Figure 8)
S
T
O
P
DATA
A
C
K
NO
A
C
K
S
T
A
R
T
SLAVE
ADDRESS
Bus Activity:
Master
SDA Line
Bus Activity:
NM24C16U/17U
DS800010-17
Random Read (Figure 9)
Sequential Read (Figure 10)


Similar Part No. - NM24W17UTLEM8

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NM24W16 FAIRCHILD-NM24W16 Datasheet
104Kb / 14P
   2K/4K/8K/16K-Bit Standard 2-Wire Bus Interface Serial EEPROM with Full Array Write Protect
More results

Similar Description - NM24W17UTLEM8

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FM24C16U FAIRCHILD-FM24C16U Datasheet
103Kb / 14P
   16K-Bit Standard 2-Wire Bus Interface Serial EEPROM
NM24C16 FAIRCHILD-NM24C16 Datasheet
102Kb / 14P
   16K-Bit Standard 2-Wire Bus Interface Serial EEPROM
NM24C08U FAIRCHILD-NM24C08U Datasheet
100Kb / 13P
   8K-Bit Serial EEPROM 2-Wire Bus Interface
NM24C02U FAIRCHILD-NM24C02U Datasheet
99Kb / 13P
   2K-Bit Serial EEPROM 2-Wire Bus Interface
logo
Renesas Technology Corp
R1EX24016ASAS0G RENESAS-R1EX24016ASAS0G_15 Datasheet
501Kb / 18P
   Two-wire serial interface 16k EEPROM (2-kword ??8-bit)
logo
Sanyo Semicon Device
LE24LA162CB SANYO-LE24LA162CB Datasheet
121Kb / 10P
   Two Wire Serial Interface EEPROM (16k EEPROM)
LE24162LBXA SANYO-LE24162LBXA Datasheet
811Kb / 11P
   Two Wire Serial Interface EEPROM (16k EEPROM)
LE2416RLBXA SANYO-LE2416RLBXA Datasheet
872Kb / 11P
   Two Wire Serial Interface EEPROM (16k EEPROM)
LE24C162M SANYO-LE24C162M Datasheet
126Kb / 11P
   Two Wire Serial Interface EEPROM (16k EEPROM)
logo
Renesas Technology Corp
R1EX24016ASAS0G RENESAS-R1EX24016ASAS0G Datasheet
501Kb / 18P
   Two-wire serial interface 16k EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com