Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B43511E9687M000 Datasheet(PDF) 10 Page - EPCOS

Part # B43511E9687M000
Description  Aluminum electrolytic capacitors
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B43511E9687M000 Datasheet(HTML) 10 Page - EPCOS

Back Button B43511E9687M000 Datasheet HTML 6Page - EPCOS B43511E9687M000 Datasheet HTML 7Page - EPCOS B43511E9687M000 Datasheet HTML 8Page - EPCOS B43511E9687M000 Datasheet HTML 9Page - EPCOS B43511E9687M000 Datasheet HTML 10Page - EPCOS B43511E9687M000 Datasheet HTML 11Page - EPCOS B43511E9687M000 Datasheet HTML 12Page - EPCOS B43511E9687M000 Datasheet HTML 13Page - EPCOS B43511E9687M000 Datasheet HTML 14Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
Technical data and ordering codes
CR
100 Hz
20
°C
µF
Case
dimensions
d
× l
mm
ESRtyp
100 Hz
20
°C
m
ESRmax
100 Hz
20
°C
m
Zmax
10 kHz
20
°C
m
IAC,max
100 Hz
60
°C
A
IAC,R
100 Hz
85
°C
A
Ordering code
(composition see
below)
Capacitors with solder pins are only available in 35 and 40 mm case diameters.
Composition of ordering code
* =
Terminal type
## = Terminal style and insulation feature
1 = 4-pin snap-in terminals
2 = solder pin
00 = solder pin or 4-pin snap-in standard
terminals and PVC insulation
07 = 4-pin snap-in short terminals and PVC
insulation
80 = 4-pin snap-in standard terminals and PVC
insulation with additional PET insulation cap
on terminal side
87 = 4-pin snap-in short terminals and PVC
insulation with additional PET insulation cap
on terminal side
VR = 400 V DC
820
40
× 60
110
160
130
7.8
4.3
B435*1C9827M0##
1000
35
× 100
90
130
110
10.1
5.6
B435*1C9108M0##
1000
40
× 70
90
130
110
9.1
5.1
B435*1A9108M0##
1000
45
× 60
90
130
110
8.6
4.8
B43511B9108M0##
1500
40
× 100
60
90
70
12.9
7.2
B435*1A9158M0##
1500
45
× 80
60
90
70
11.8
6.5
B43511C9158M0##
1800
45
× 100
50
80
60
14.1
7.8
B43511A9188M0##
VR = 420 V DC
470
35
× 50
320
430
340
5.2
2.9
B435*1A0477M0##
470
40
× 40
320
430
340
5.1
2.8
B435*1C0477M0##
560
35
× 60
270
360
290
6.1
3.4
B435*1A0567M0##
560
40
× 50
270
360
290
6.0
3.3
B435*1C0567M0##
680
35
× 70
230
300
240
7.1
4.0
B435*1A0687M0##
680
40
× 60
230
300
240
7.1
3.9
B435*1C0687M0##
680
45
× 50
230
300
240
6.6
3.7
B43511E0687M0##
820
35
× 80
190
250
200
8.3
4.6
B435*1A0827M0##
820
40
× 70
190
250
200
8.2
4.6
B435*1C0827M0##
820
45
× 50
190
250
200
7.3
4.1
B43511E0827M0##
1000
35
× 100
160
200
160
10.1
5.6
B435*1A0108M0##
1000
40
× 80
160
200
160
9.6
5.3
B435*1C0108M0##
1000
45
× 60
160
200
160
8.6
4.8
B43511E0108M0##
1500
40
× 100
110
140
110
12.9
7.2
B435*1A0158M0##
1500
45
× 80
110
140
110
11.8
6.5
B43511C0158M0##
1800
45
× 100
90
120
90
14.1
7.8
B43511A0188M0##
B43511, B43521
Outstanding ripple current
85
°C
Page 10 of 19
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B43511E9687M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43511E9687M000 EPCOS-B43511E9687M000 Datasheet
254Kb / 10P
   Capacitors with 4 Snap-In Terminals and Solder Pins
B43511E9687M000 EPCOS-B43511E9687M000 Datasheet
831Kb / 19P
   Aluminum electrolytic capacitors
More results

Similar Description - B43511E9687M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com