Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2TL1-31 Datasheet(PDF) 6 Page - Honeywell Solid State Electronics Center

Part # 2TL1-31
Description  Interactive Catalog Replaces Catalog Pages
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

2TL1-31 Datasheet(HTML) 6 Page - Honeywell Solid State Electronics Center

  2TL1-31 Datasheet HTML 1Page - Honeywell Solid State Electronics Center 2TL1-31 Datasheet HTML 2Page - Honeywell Solid State Electronics Center 2TL1-31 Datasheet HTML 3Page - Honeywell Solid State Electronics Center 2TL1-31 Datasheet HTML 4Page - Honeywell Solid State Electronics Center 2TL1-31 Datasheet HTML 5Page - Honeywell Solid State Electronics Center 2TL1-31 Datasheet HTML 6Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Manual Switches
TL Series
Toggle Switches
126
Honeywell MICRO SWITCH Sensing and Control 1-800-537-6945 USA
1-815-235-6847 International 1-800-737-3360 Canada
MOUNTING DIMENSIONS (For reference only)
One pole
Two pole
Four pole
Note:
Terminal screws, and mounting hardware
(locking ring, lockwasher, and two hexnuts)
are furnished unassembled.
0,0 = mm
Key:
0.00 = inches
Panel cutout
With locking ring
Without locking ring
Note:
1 1,4/.06 MIN DEEP TO ACCOMMODATE LOCKING
RING. 15PA87 PANEL SEAL REQUIRES BLIND HOLE
TO INSURE SEAL INTEGRITY
Bushing mounting torque is
10–15 in./lbs.
Terminal screw mounting torque
is 5 in./lbs. max.


Similar Part No. - 2TL1-31

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
2TL1-31 HONEYWELL-ACC-2TL1-31 Datasheet
176Kb / 1P
   SWITCH - TOGGLE
2TL1-31 HONEYWELL-ACC-2TL1-31 Datasheet
195Kb / 2P
   SWITCH - TOGGLE
2TL1-31 HONEYWELL-ACC-2TL1-31 Datasheet
228Kb / 1P
   SWITCH - TOGGLE
More results

Similar Description - 2TL1-31

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
26PCFFS2G HONEYWELL-ACC-26PCFFS2G Datasheet
180Kb / 3P
   Interactive Catalog Replaces Catalog Pages
DUXL05D HONEYWELL-ACC-DUXL05D Datasheet
433Kb / 9P
   Interactive Catalog Replaces Catalog Pages
HIH-4010-004 HONEYWELL-ACC-HIH-4010-004 Datasheet
433Kb / 9P
   Interactive Catalog Replaces Catalog Pages
logo
Honeywell Solid State E...
SS400 HONEYWELL-SS400 Datasheet
245Kb / 3P
   Interactive Catalog Replaces Catalog Pages
242PC100G HONEYWELL-242PC100G Datasheet
348Kb / 5P
   Interactive Catalog Replaces Catalog Pages
BZ-3AT HONEYWELL-BZ-3AT Datasheet
433Kb / 9P
   Interactive Catalog Replaces Catalog Pages
26PCCFA6G HONEYWELL-26PCCFA6G Datasheet
180Kb / 3P
   Interactive Catalog Replaces Catalog Pages
logo
Honeywell Accelerometer...
162PC01G HONEYWELL-ACC-162PC01G Datasheet
507Kb / 5P
   Interactive Catalog Replaces Catalog Pages
logo
Honeywell Solid State E...
CSLA1CE HONEYWELL-CSLA1CE Datasheet
433Kb / 9P
   Interactive Catalog Replaces Catalog Pages
26PCAFA6G HONEYWELL-26PCAFA6G Datasheet
180Kb / 3P
   Interactive Catalog Replaces Catalog Pages
26PCDFA6G HONEYWELL-26PCDFA6G Datasheet
180Kb / 3P
   Interactive Catalog Replaces Catalog Pages
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com