Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B72214S0400K101 Datasheet(PDF) 7 Page - EPCOS

Part # B72214S0400K101
Description  SIOV metal oxide varistors
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B72214S0400K101 Datasheet(HTML) 7 Page - EPCOS

Back Button B72214S0400K101 Datasheet HTML 3Page - EPCOS B72214S0400K101 Datasheet HTML 4Page - EPCOS B72214S0400K101 Datasheet HTML 5Page - EPCOS B72214S0400K101 Datasheet HTML 6Page - EPCOS B72214S0400K101 Datasheet HTML 7Page - EPCOS B72214S0400K101 Datasheet HTML 8Page - EPCOS B72214S0400K101 Datasheet HTML 9Page - EPCOS B72214S0400K101 Datasheet HTML 10Page - EPCOS B72214S0400K101 Datasheet HTML 11Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
7
11/07
Please read Cautions and warnings and
Important notes at the end of this document.
B72205S0111K101
S05K115
115
150
400
3.6
0.10
B72207S0111K101
S07K115
115
150
1200
8.4
0.25
B72210S0111K101
S10K115
115
150
2500
18.0
0.40
B72214S0111K101
S14K115
115
150
4500
30.0
0.60
B72220S0111K101
S20K115
115
150
6500
60.0
1.00
B72205S0131K101
S05K130
130
170
400
4.2
0.10
B72207S0131K101
S07K130
130
170
1200
9.5
0.25
B72210S0131K101
S10K130
130
170
2500
19.0
0.40
B72214S0131K101
S14K130
130
170
4500
34.0
0.60
B72220S0131K101
S20K130
130
170
8000
74.0
1.00
B72205S0141K101
S05K140
140
180
400
4.5
0.10
B72207S0141K101
S07K140
140
180
1200
10.0
0.25
B72210S0141K101
S10K140
140
180
2500
22.0
0.40
B72214S0141K101
S14K140
140
180
4500
36.0
0.60
B72220S0141K101
S20K140
140
180
8000
78.0
1.00
B72205S0151K101
S05K150
150
200
400
4.9
0.10
B72207S0151K101
S07K150
150
200
1200
11.0
0.25
B72210S0151K101
S10K150
150
200
2500
24.0
0.40
B72214S0151K101
S14K150
150
200
4500
40.0
0.60
B72220S0151K101
S20K150
150
200
8000
85.0
1.00
B72205S0171K101
S05K175
175
225
400
5.6
0.10
B72207S0171K101
S07K175
175
225
1200
13.0
0.25
B72210S0171K101
S10K175
175
225
2500
28.0
0.40
B72214S0171K101
S14K175
175
225
4500
46.0
0.60
B72220S0171K101
S20K175
175
225
8000
98.0
1.00
B72205S0231K101
S05K230
230
300
400
7.2
0.10
B72207S0231K101
S07K230
230
300
1200
17.0
0.25
B72210S0231K101
S10K230
230
300
2500
36.0
0.40
B72214S0231K101
S14K230
230
300
4500
60.0
0.60
B72220S0231K101
S20K230
230
300
8000
130.0
1.00
B72205S0251K101
S05K250
250
320
400
8.2
0.10
B72207S0251K101
S07K250
250
320
1200
19.0
0.25
B72210S0251K101
S10K250
250
320
2500
38.0
0.40
B72214S0251K101
S14K250
250
320
4500
65.0
0.60
B72220S0251K101
S20K250
250
320
8000
140.0
1.00
Maximum ratings (TA = 85 °C)
Ordering code
Type
(untaped)
SIOV-
VRMS
V
VDC
V
imax
(8/20
µs)
A
Wmax
(2 ms)
J
Pmax
W
StandarD series
Leaded varistors


Similar Part No. - B72214S0400K101

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72214S0400K101 EPCOS-B72214S0400K101 Datasheet
140Kb / 16P
   Leaded Varistors
B72214S0400K101 EPCOS-B72214S0400K101 Datasheet
970Kb / 46P
   SIOV metal oxide varistors Leaded varistors, StandarD series
B72214S0400K101 EPCOS-B72214S0400K101 Datasheet
970Kb / 46P
   SIOV metal oxide varistors
logo
TDK Electronics
B72214S0400K101 TDK-B72214S0400K101 Datasheet
970Kb / 46P
   SIOV metal oxide varistors, Leaded varistors, StandarD series
December 2011
logo
EPCOS
B72214S0400K101 EPCOS-B72214S0400K101 Datasheet
299Kb / 36P
   SIOV metal oxide varistors
More results

Similar Description - B72214S0400K101

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72214S1140K152 EPCOS-B72214S1140K152 Datasheet
970Kb / 46P
   SIOV metal oxide varistors
B72214S600K101 EPCOS-B72214S600K101 Datasheet
970Kb / 46P
   SIOV metal oxide varistors
ETFV14K320E2 EPCOS-ETFV14K320E2 Datasheet
93Kb / 11P
   SIOV metal oxide varistors
S14K320E2K1 EPCOS-S14K320E2K1 Datasheet
461Kb / 22P
   SIOV metal oxide varistors
logo
TDK Electronics
S10K300E2K1 TDK-S10K300E2K1 Datasheet
440Kb / 22P
   SIOV metal oxide varistors
logo
EPCOS
B72210P2301K101 EPCOS-B72210P2301K101 Datasheet
454Kb / 23P
   SIOV metal oxide varistors
B72214S271K101 EPCOS-B72214S271K101 Datasheet
299Kb / 36P
   SIOV metal oxide varistors
B72240B421K1 EPCOS-B72240B421K1 Datasheet
185Kb / 20P
   SIOV metal oxide varistors
B72214S400K101 EPCOS-B72214S400K101 Datasheet
975Kb / 46P
   SIOV metal oxide varistors
B72214S350K101 EPCOS-B72214S350K101 Datasheet
970Kb / 46P
   SIOV metal oxide varistors
B72210S351K101 EPCOS-B72210S351K101 Datasheet
970Kb / 46P
   SIOV metal oxide varistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com