Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32774D1305K000 Datasheet(PDF) 11 Page - EPCOS

Part # B32774D1305K000
Description  Film Capacitors
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32774D1305K000 Datasheet(HTML) 11 Page - EPCOS

Back Button B32774D1305K000 Datasheet HTML 7Page - EPCOS B32774D1305K000 Datasheet HTML 8Page - EPCOS B32774D1305K000 Datasheet HTML 9Page - EPCOS B32774D1305K000 Datasheet HTML 10Page - EPCOS B32774D1305K000 Datasheet HTML 11Page - EPCOS B32774D1305K000 Datasheet HTML 12Page - EPCOS B32774D1305K000 Datasheet HTML 13Page - EPCOS B32774D1305K000 Datasheet HTML 14Page - EPCOS B32774D1305K000 Datasheet HTML 15Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
Pulse handling capability
"dV/dt" represents the maximum permissible voltage change per unit of time for non-sinusoidal
voltages, expressed in V/
µs.
Note:
The values of dV/dt provided below must not be exceeded in order to avoid damaging the
capacitor.
dV/dt values
Lead spacing
27.5 mm
37.5 mm
Type
B32774
B32776
VR (V DC)
450
800
1100
1300
450
575
800
900
1100
1300
dV/dt in V/µs
30
40
75
100
21
22
22
32
54
73
Lead spacing
52.5 mm
Type
B32778
VR (V DC)
450
575
800
900
1100
1300
dV/dt in V/µs
14
15
15
25
35
50
B32774 ... B32778
MKP DC link
high density series
Page 11 of 21
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B32774D1305K000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32774D1305K000 EPCOS-B32774D1305K000 Datasheet
280Kb / 21P
   Metallized Polypropylene Film Capacitors (MKP)
logo
TDK Electronics
B32774D1305K000 TDK-B32774D1305K000 Datasheet
1Mb / 45P
   Metallized Polypropylene Film Capacitors (MKP)
More results

Similar Description - B32774D1305K000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32559S EPCOS-B32559S Datasheet
327Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32591 EPCOS-B32591 Datasheet
533Kb / 26P
   Film Capacitors Metallized Polyester Film Capacitors
B32932 EPCOS-B32932 Datasheet
295Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32537 EPCOS-B32537 Datasheet
308Kb / 20P
   Film Capacitors Metallized Polyester Film Capacitors
B32559C EPCOS-B32559C Datasheet
425Kb / 23P
   Film Capacitors Metallized Polyester Film Capacitors
B32560 EPCOS-B32560_09 Datasheet
577Kb / 32P
   Film Capacitors Metallized Polyester Film Capacitors
B32572 EPCOS-B32572 Datasheet
282Kb / 19P
   Film Capacitors Metallized Polyester Film Capacitors
logo
Sharma Electro Componen...
MKTD04 SHARMA-MKTD04 Datasheet
493Kb / 5P
   Film Capacitors
MKT050 SHARMA-MKT050 Datasheet
327Kb / 2P
   Film Capacitors
logo
EPCOS
B32673Z5474K EPCOS-B32673Z5474K Datasheet
373Kb / 20P
   Film Capacitors
B32924D3335K EPCOS-B32924D3335K Datasheet
356Kb / 17P
   Film Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com