Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TX531024S Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # TX531024S
Description  Two High Speed USB 2.0 ports, Two Camera Interfaces
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TX531024S Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  TX531024S Datasheet HTML 1Page - List of Unclassifed Manufacturers TX531024S Datasheet HTML 2Page - List of Unclassifed Manufacturers TX531024S Datasheet HTML 3Page - List of Unclassifed Manufacturers TX531024S Datasheet HTML 4Page - List of Unclassifed Manufacturers TX531024S Datasheet HTML 5Page - List of Unclassifed Manufacturers TX531024S Datasheet HTML 6Page - List of Unclassifed Manufacturers TX531024S Datasheet HTML 7Page - List of Unclassifed Manufacturers TX531024S Datasheet HTML 8Page - List of Unclassifed Manufacturers TX531024S Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
TX53
PIN
Type
Function
i.MX53 Pad Name
Alternate functions
GPIO
Description (refer to i.MX53 manuals for details)
USB-OTG / 2nd CAN
33
3V3
USBOTG_ID
USB_OTG_ID
ID pin of the USB cable. For an A-Device ID is grounded. For a B-
Device ID is floated.
34
3V3
USBOTG_VBUSEN
CAN_TX
GPIO_7
ESAI1_TX4_RX1
EPIT1_EPITO
CAN1_TXCAN
UART2_TXD
FIRI_RXD
SPDIF_PLOCK
CCM_PLL2_BYP
GPIO1[7] Active high external 5V supply enable. This pin is used to enable the
external VBUS power supply.
35
analog USBOTG_DM
USB_OTG_DN
D- pin of the USB cable
36
3V3
#USBOTG_OC
CAN_RX
GPIO_8
ESAI1_TX5_RX0
EPIT2_EPITO
CAN1_RXCAN
UART2_RXD
FIRI_TXD
SPDIF_SRCLK
CCM_PLL3_BYP
GPIO1[8]
10K-PU
Active low over-current indicator input connected to a GPIO.
37
analog USBOTG_DP
USB_OTG_DP
D+ pin of the USB cable
38
analog USBOTG_VBUS
USB_OTG_VBUS
VBUS pin of the USB cable. This pin is used for the VBUS
comparator inputs.
39
GND
GND
I2C
40
3V3
I2C_DATA
GPIO_6
ESAI1_SCKT
I2C3_SDA
CCM_CCM_OUT_0
CSU_INT_DEB
OBSRV_INT_OUT1
ESDHC2_LCTL
MLBSIG
GPIO1[6]
I2C Data
41
3V3
I2C_CLK
GPIO_3
ESAI1_HCKR
I2C3_SCL
DPLLIP1_TOG_EN
CCM_CLKO2
OBSRV_INT_OUT0
USBOH3_USBH1_OC
MLBCLK
GPIO1[3]
I2C Clock
PWM
42
3V3
PWM
GPIO_1
ESAI1_SCKR
KPP_ROW[5]
CCM_SSI_EXT2_CLK
PWM2_PWMO
WDOG2_WDOG_B
ESDHC1_CD
TESTER_ACK
GPIO1[1]
PWM Output
1-WIRE
43
3V3
OWDAT
GPIO_18
ESAI1_TX1
SDMA_EXT_EVENT[1]
OWIRE_LINE
RTC_CE_RTC_ALARM2_TRIG
CCM_ASRC_EXT_CLK
ESDHC1_LCTL
SYSTEM_RST
GPIO7[13]
1-Wire bus. Requires an external pull-up resistor. The recommended
resistor is specified by the generic 1-Wire device used in a given
system.
CSPI – Configurable Serial Peripheral Interface
44
3V3
CSPI_SS
EIM_EB2
WEIM_EB[2]
CCM_DI1_EXT_CLK
SER_DISP1_CS
ECSPI1_SS0
I2C2_SCL
GPIO2[30] Slave Select (Selectable polarity) signal
45
3V3
CSPI_SS
EIM_D19
WEIM_D[19]
DI0_PIN8
DISPB1_SER_RS
ECSPI1_SS1
EPIT1_EPITO
UART1_CTS
USBOH3_USBH2_OC
GPIO3[19] Slave Select (Selectable polarity) signal
46
3V3
CSPI_MOSI
EIM_D18
WEIM_D[18]
DI0_PIN7
DISPB1_SER_DIO
ECSPI1_MOSI
I2C3_SDA
DI1_D0_CS
GPIO3[18] Master Out/Slave In signal
Ka-Ro electronics GmbH - Pascalstr. 22, D-52076 Aachen, Germany - Tel.: +49 2408 1402-0 (FAX -10)
www.karo-electronics.de


Similar Part No. - TX531024S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TX5312001024S128FLVDS ETC2-TX5312001024S128FLVDS Datasheet
1Mb / 14P
   Computer On Module
More results

Similar Description - TX531024S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TX28 ETC2-TX28 Datasheet
948Kb / 9P
   Two 10/100Mbps Ethernet ports with IEEE1588 support, Two High-Speed USB 2.0 ports
TX48 ETC2-TX48 Datasheet
603Kb / 14P
   Two High-Speed USB 2.0 ports, True colour LCD controller
TX6Q ETC2-TX6Q Datasheet
1Mb / 20P
   Two High Speed USB 2.0 ports, Full HD LCD controller, 24bpp
logo
ON Semiconductor
FSUSB30 ONSEMI-FSUSB30 Datasheet
750Kb / 19P
   Low-Power, Two-Port, High-Speed USB 2.0 Switch
April 2013 Rev. 1.1.8
logo
Fairchild Semiconductor
FSUSB30 FAIRCHILD-FSUSB30_12 Datasheet
739Kb / 18P
   Low-Power, Two-Port, High-Speed USB 2.0 (480Mbps) Switch
FSUSB30 FAIRCHILD-FSUSB30_08 Datasheet
1Mb / 18P
   Low-Power, Two-Port, High-Speed USB 2.0 (480Mbps) Switch
logo
Texas Instruments
TUSB4020BI-Q1 TI1-TUSB4020BI-Q1 Datasheet
1Mb / 45P
[Old version datasheet]   Two-Port USB 2.0 Hub
logo
Axiomtek Co., Ltd.
AX93295 AXIOMTEK-AX93295 Datasheet
351Kb / 1P
   ZIO module with two isolated COM ports and two USB 3.0 ports
logo
List of Unclassifed Man...
SQ930C ETC1-SQ930C Datasheet
944Kb / 20P
   High-Speed USB 2.0 Video Camera Controller
logo
STMicroelectronics
SPC56L-DISCOVERY STMICROELECTRONICS-SPC56L-DISCOVERY Datasheet
138Kb / 4P
   Two LIN interfaces
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com