Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0804-5000-24 Datasheet(PDF) 7 Page - Bel Fuse Inc.

Part # 0804-5000-24
Description  Powerline Modules
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

0804-5000-24 Datasheet(HTML) 7 Page - Bel Fuse Inc.

Back Button 0804-5000-24 Datasheet HTML 3Page - Bel Fuse Inc. 0804-5000-24 Datasheet HTML 4Page - Bel Fuse Inc. 0804-5000-24 Datasheet HTML 5Page - Bel Fuse Inc. 0804-5000-24 Datasheet HTML 6Page - Bel Fuse Inc. 0804-5000-24 Datasheet HTML 7Page - Bel Fuse Inc. 0804-5000-24 Datasheet HTML 8Page - Bel Fuse Inc. 0804-5000-24 Datasheet HTML 9Page - Bel Fuse Inc. 0804-5000-24 Datasheet HTML 10Page - Bel Fuse Inc. 0804-5000-24 Datasheet HTML 11Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
©2013 Bel Fuse Inc. Specifications subject to change without notice. 03.09.2013
Bel Fuse Inc.
206 Van Vorst Street, Jersey City, NJ 07302 • Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
7
Powerline Modules
Low Power Embedded HomePlug® AV Modules
MII Signals
Pin
Number
Pin Name
I/O
Description
MAC
Mode
PHY
Mode
30
31
32
33
MRX_D0
MRX_D1
MRX_D2
MRX_D3
I
O
MII Receive Data. The PHY controller drives MRX_D[3:0] and the
MAC core receives MRX_D[3:0]. MRX_D[3:0] transitions
synchronously with respect to MRX_CLK. For each MRX_CLK period
in which MRX_DV is asserted, MRX_D[3:0] is valid. MRX_D0 is the
least-significant bit. The PHY controller tri-states MRX_D[3:0] in isolate
mode.
34
COL
I
O
MII Collision Detected. The PHY controller asserts COL when it
detects a collision on the medium. COL remains asserted while the
collision condition persists. COL signal transitions are not synchronous
to either the MTX_CLK or the MRX_CLK. The MAC core ignores the
COL signal when operating in the full-duplex mode. The PHY
controller tristates COL in isolate mode.
35
MRX_CLK
I
O
MII Receive Clock. MRX_CLK is a continuous clock that provides the
timing reference for the transfer of the MRX_DV and MRX_D[3:0]
signals from the PHY controller to the MAC core. The PHY controller
sources MRX_CLK. MRX_CLK frequency is equal to 25% of the data
rate of the received signal on the Ethernet cable. The PHY controller
tri-states MRX_CLK in isolate mode.
37
MRX_ERR
I
O
MII Receive Error. The PHY controller asserts MRX_ERR high for
one or more MRX_ CLK periods to indicate to the MAC core that an
error (a coding error or any error that the PHY is capable of detecting
that is otherwise undetectable by the MAC) was detected somewhere
in the current frame. MRX_ERR transitions synchronously with respect
to MRX_CLK. While MRX_DV is de-asserted, MRX_ERR has no
effect on the MAC core. The PHY controller tri-states MRX_ERR in
isolate mode.
38
MRX_DV
I
O
MII Receive Data Valid. The PHY controller asserts MRX_DV to
indicate to the MAC core that it is presenting the recovered and
decoded data bits on MRX_D[3:0] and that the data on MRX_D[3:0] is
synchronous to MRX_CLK. MRX_DV transitions synchronously with
respect to MRX_CLK. MRX_DV remains asserted continuously from
the first recovered nibble of the frame through the final recovered
nibble, and is de-asserted prior to the first MRX_CLK that follows the
final nibble. The PHY controller tri-states MRX_DV in isolate mode.
39
MTX_D0
O
I
MII Transmit Data. The MAC core drives MTX_D[3:0] and the PHY
controller receives MTX_D[3:0]. MTX_D[3:0] transitions synchronously
with respect to MTX_CLK. For each MTX_CLK period in which
MTX_EN is asserted, MTX_D[3:0] is valid. MTX_D0 is the least
significant bit. The PHY controller ignores MTX_D[3:0] in isolate mode.
40
MTX_D1
41
MTX_D2
42
MTX_D3
43
CRS
I
O
MII Carrier Sense. The PHY controller asserts CRS when either
transmit or receive medium is non-idle. The PHY de-asserts CRS
when both transmit and receive medium are idle. The PHY must
ensure that CRS remains asserted throughout the duration of a
collision condition. The transitions on the CRS signal are not
synchronous to either the MTX_CLK or the MRX_CLK. The PHY
controller tri-states CRS in isolate mode.


Similar Part No. - 0804-5000-24

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0804-5000-24 BEL-0804-5000-24 Datasheet
1Mb / 11P
   Powerline Modules
More results

Similar Description - 0804-5000-24

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0804-5000-18 BEL-0804-5000-18 Datasheet
1Mb / 11P
   Powerline Modules
0804-5000A50 BEL-0804-5000A50 Datasheet
1Mb / 18P
   Powerline Modules
APC79102 BEL-APC79102 Datasheet
191Kb / 3P
   POWERLINE MODULES SIMPLE??Embedded PowerPacket??Modules
0804-5000-01 BEL-0804-5000-01 Datasheet
221Kb / 3P
   POWERLINE MODULES SIMPLE Embedded PowerPacket Modules
0804-5000AG0 BEL-0804-5000AG0 Datasheet
642Kb / 5P
   Powerline Modules Green PHY Module
0804-5000-03 BEL-0804-5000-03 Datasheet
151Kb / 3P
   POWERLINE MODULES Low Power SIMPLE Embedded PowerPacket Modules
logo
Cypress Semiconductor
CY8CLED16P01 CYPRESS-CY8CLED16P01 Datasheet
843Kb / 58P
   Powerline Communication Solution Integrated Powerline Modem PHY
logo
Level One
PLI-4051 LVL1-PLI-4051 Datasheet
198Kb / 3P
   500Mbps Powerline
logo
List of Unclassifed Man...
CS1100 ETC-CS1100 Datasheet
169Kb / 2P
   Powerline Networking Chipset
logo
IOGEAR
GPLWE150 IOGEAR-GPLWE150 Datasheet
146Kb / 2P
   Powerline Wireless Extender
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com