Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

77023 Datasheet(PDF) 2 Page - Honeywell Solid State Electronics Center

Part # 77023
Description  Extended Duty Pressure Switch With Direct Action Blade Contacts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

77023 Datasheet(HTML) 2 Page - Honeywell Solid State Electronics Center

  77023 Datasheet HTML 1Page - Honeywell Solid State Electronics Center 77023 Datasheet HTML 2Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
5
Single Circuit
1 Terminal
3. The tolerances given in the table
are applicable to a switch adjusted
so that the N.O. circuit closes
before the N.C. circuit opens and
applies to the N.C. circuit. The
N.O. set point and tolerances are
such that a minimum overlap of 1
PSI exists during which both circuits
are on.
5000 Series Pressure Switch With Standard Terminal
Contact
Setting
Factory
Set At
Circuitry
Part Number
Contact
Setting3
Part Number
Single Circuit
2 Terminals
Dual Circuit
One circuit adjustable1
Dual Circuit
Both circuits adjustable2
0.5-1 PSI
±0.3
1.1-3 PSI
±0.5
3.1-7 PSI
±1
8-13 PSI
±2
14-24 PSI
±3
25-50 PSI
±5
51-90 PSI
±7
91-150PSI
±10
Part Number
Screw
78630
78634
78142
78149
78143
78150
78144
78151
78145
78152
78146
78153
78147
78154
78148
78155
Blade
78631
78635
78399
78406
78400
78407
78401
78408
78402
78409
78403
78410
78404
78411
78405
78412
Part Number
Blade
78629
78633
76056
76066
76583
76585
76584
76586
76057
76067
76058
76068
76059
76069
76060
76070
Screw
78628
78632
76051
76061
76575
76577
76576
76578
76052
76062
76053
76063
76054
76064
76055
76065
N.O.
N.C.
N.O.
N.C.
N.O.
N.C.
N.O.
N.C.
N.O.
N.C.
N.O.
N.C.
N.O.
N.C.
N.O.
N.C.
78712
76076
76587
76588
76077
76078
76079
76080
78711
76071
76579
76580
76072
76073
76074
76075
Screw
Blade
Screw
Blade
76081
76582
76082
76083
76084
76085
76086
76590
76087
76088
76089
76090
3-4 PSI
±0.5
5-8 PSI
±1
9-24 PSI
±2
25-50 PSI
±3
51-90 PSI
+5/-2
91-150 PSI
+8/-2
1 PSI
2 PSI
4 PSI
10 PSI
15 PSI
35 PSI
60 PSI
100 PSI
Notes:
1. The N.C. circuit is the reference
circuit for the dual circuit switch;
the normally open circuit is not
adjusted. The expected dead band
between the N.C. & N.O. circuit
is shown in the chart below. For
applications requiring the normally
open circuit as the reference circuit
the N.C. circuit is not adjusted.
2. Switch may be adjusted so that:
A. N.C. circuit opens before N.O.
circuit closes.
B. N.C. and N.O. circuit have same
set point.
C. N.O. circuit closes before the
N.C. circuit opens. (There is no
dead band and both circuits are on
for a brief period of time.)
Contact
Setting
Factory
Set At
Circuitry
N.O.
N.C.
N.O.
N.C.
N.O.
N.C.
N.O.
N.C.
N.O.
N.C.
N.O.
N.C.
N.O.
N.C.
N.O.
N.C.
N.O.
N.C.
2 PSI
5 PSI
10 PSI
20 PSI
35 PSI
60 PSI
85 PSI
115 PSI
135 PSI
5000 Series Pressure Switch With Metri-Pack Terminal
Part Number
Single Circuit
(Mates with Packard
P/N 15300027)
Part Number
Dual Circuit
One circuit adjustable1
(Mates with Packard
P/N 12034147)
1-3 PSI
±0.5
4-6 PSI
±1
7-12 PSI
±2
13-24 PSI
±3
25-46 PSI
±5
47-76 PSI
±6
77-100 PSI
±7
101-126
±9
127-150 PSI
±10
Dual Circuit
Both circuits adjustable2
(Mates with Packard
P/N 12034147)
77029
77020
77030
77021
77031
77022
77032
77023
77033
77024
77034
77025
77035
77026
77036
77027
77037
77028
77038
77039
77040
77041
77042
77043
77044
77045
77046
Part
Number
Contact
Setting3
3-4 PSI
±0.5
5-10 PSI
±1
11-24 PSI
±2
25-46 PSI
±3
47-76 PSI
+5/-2
77-100 PSI
+7/-2
101-126 PSI
+9/-2
127-150 PSI
+10/-2
77047
77048
77049
77050
77051
77052
77053
77054
0.5-3 PSI
4-7 PSI
8-13 PSI
14-24 PSI
25-50 PSI
51-90 PSI
91-150 PSI
1.5 PSI
2.5 PSI
3.5 PSI
8 PSI
15 PSI
23 PSI
40 PSI
Dead Band
Note 1: Expected Dead Band (Higher than N.C. circuit)
Contact
Setting


Similar Part No. - 77023

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
77023 HONEYWELL-ACC-77023 Datasheet
127Kb / 2P
   Set Points from 0.5 to 150 psi
logo
Honeywell Solid State E...
77023 HONEYWELL-77023 Datasheet
127Kb / 2P
   Extended Duty Pressure Switch With Direct Action Blade Contacts
77023 HONEYWELL-77023 Datasheet
127Kb / 2P
   Extended Duty Pressure Switch With Direct Action Blade Contacts
logo
Texas Instruments
7702301EA TI-7702301EA Datasheet
248Kb / 13P
[Old version datasheet]   CMOS DUAL UP-COUNTERS
7702301EA TI-7702301EA Datasheet
1Mb / 19P
[Old version datasheet]   CMOS Dual Up-Counters
More results

Similar Description - 77023

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
77053 HONEYWELL-77053 Datasheet
127Kb / 2P
   Extended Duty Pressure Switch With Direct Action Blade Contacts
79707 HONEYWELL-79707 Datasheet
127Kb / 2P
   Extended Duty Pressure Switch With Direct Action Blade Contacts
logo
Altech corporation
KU325N ALTECH-KU325N Datasheet
2Mb / 14P
   Extended/Direct Handle Motor Disconnect Switch
KU440N ALTECH-KU440N Datasheet
1Mb / 12P
   Extended/Direct Handle Motor Disconnect Switch
logo
Omron Electronics LLC
D4B-1111N OMRON-D4B-1111N Datasheet
2Mb / 16P
   Snap-action contact with certified direct opening operation certification
V1141C4 OMRON-V1141C4 Datasheet
1Mb / 16P
   Snap Action Switch
logo
Highly Electric Co., Lt...
VS10N HIGHLY-VS10N Datasheet
947Kb / 3P
   SNAP ACTION SWITCH
logo
Omron Electronics LLC
SS5GL-13F OMRON-SS5GL-13F Datasheet
598Kb / 8P
   Snap Action Switch
V-15-1B5 OMRON-V-15-1B5 Datasheet
1Mb / 16P
   Snap Action Switch
SS-01-ED OMRON-SS-01-ED Datasheet
676Kb / 10P
   Snap Action Switch
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com