Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32529C0334J289 Datasheet(PDF) 5 Page - EPCOS

Part # B32529C0334J289
Description  Film Capacitors
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32529C0334J289 Datasheet(HTML) 5 Page - EPCOS

  B32529C0334J289 Datasheet HTML 1Page - EPCOS B32529C0334J289 Datasheet HTML 2Page - EPCOS B32529C0334J289 Datasheet HTML 3Page - EPCOS B32529C0334J289 Datasheet HTML 4Page - EPCOS B32529C0334J289 Datasheet HTML 5Page - EPCOS B32529C0334J289 Datasheet HTML 6Page - EPCOS B32529C0334J289 Datasheet HTML 7Page - EPCOS B32529C0334J289 Datasheet HTML 8Page - EPCOS B32529C0334J289 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 45 page
background image
Overview of available types
Technology: s = Stacked-film technology / w = Wound capacitor technology
Lead spacing 37.5 mm
Type
B32526
Page
20
Technology
w
w
w
w
VR (V DC)
63
100
250
400
VRMS (V AC)
40
63
160
200
CR (
µF)
3.3
4.7
5.6
6.8
8.2
10
15
22
33
47
56
68
82
100
150
220
B32520 ... B32529
General purpose (stacked/wound)
Page 5 of 45
Please read Important notes
at the end of this document.


Similar Part No. - B32529C0334J289

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32529C0334 EPCOS-B32529C0334 Datasheet
881Kb / 46P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32529C0334 EPCOS-B32529C0334 Datasheet
887Kb / 45P
   Metallized Polyester Film Capacitors (MKT)
B32529C0334 EPCOS-B32529C0334 Datasheet
887Kb / 45P
   Film Capacitors
B32529C0334 EPCOS-B32529C0334 Datasheet
891Kb / 45P
   Metallized Polyester Film Capacitors (MKT)
logo
TDK Electronics
B32529C0334 TDK-B32529C0334 Datasheet
830Kb / 43P
   Metallized Polyester Film Capacitors (MKT)
More results

Similar Description - B32529C0334J289

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32559S EPCOS-B32559S Datasheet
327Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32591 EPCOS-B32591 Datasheet
533Kb / 26P
   Film Capacitors Metallized Polyester Film Capacitors
B32932 EPCOS-B32932 Datasheet
295Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32537 EPCOS-B32537 Datasheet
308Kb / 20P
   Film Capacitors Metallized Polyester Film Capacitors
B32559C EPCOS-B32559C Datasheet
425Kb / 23P
   Film Capacitors Metallized Polyester Film Capacitors
B32560 EPCOS-B32560_09 Datasheet
577Kb / 32P
   Film Capacitors Metallized Polyester Film Capacitors
B32572 EPCOS-B32572 Datasheet
282Kb / 19P
   Film Capacitors Metallized Polyester Film Capacitors
logo
Sharma Electro Componen...
MKTD04 SHARMA-MKTD04 Datasheet
493Kb / 5P
   Film Capacitors
MKT050 SHARMA-MKT050 Datasheet
327Kb / 2P
   Film Capacitors
logo
EPCOS
B32673Z5474K EPCOS-B32673Z5474K Datasheet
373Kb / 20P
   Film Capacitors
B32924D3335K EPCOS-B32924D3335K Datasheet
356Kb / 17P
   Film Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com