Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1-1102141-2 Datasheet(PDF) 79 Page - List of Unclassifed Manufacturers

Part # 1-1102141-2
Description  T E CON N E C T I V I T Y AT YOU R S E R V I C E
Download  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

1-1102141-2 Datasheet(HTML) 79 Page - List of Unclassifed Manufacturers

Back Button 1-1102141-2 Datasheet HTML 75Page - List of Unclassifed Manufacturers 1-1102141-2 Datasheet HTML 76Page - List of Unclassifed Manufacturers 1-1102141-2 Datasheet HTML 77Page - List of Unclassifed Manufacturers 1-1102141-2 Datasheet HTML 78Page - List of Unclassifed Manufacturers 1-1102141-2 Datasheet HTML 79Page - List of Unclassifed Manufacturers 1-1102141-2 Datasheet HTML 80Page - List of Unclassifed Manufacturers 1-1102141-2 Datasheet HTML 81Page - List of Unclassifed Manufacturers 1-1102141-2 Datasheet HTML 82Page - List of Unclassifed Manufacturers 1-1102141-2 Datasheet HTML 83Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 236 page
background image
Verbindlich für Toleranzen der Abmessungen und technische Werte sind ausschließlich die neuesten TE Connectivity Kundenzeichnungen bzw. Produkt-Spezifikationen, die Sie auf Anfrage erhalten.
All specifications subject to change. Consult TE Connectivity for latest design specifications.
HTS Industrie Steckverbinder
HTS Heavy Duty Connectors
77
HB-Z.6, HB-K/Z.6, HD-Z.16, HD-K/Z.16 Gehäuse/Housings
Baugröße/Size 3
Pulverbeschichtet, silbergrau
K = korrosionsgeschützt, schwarz
Powder-coated, silver-grey
K = corrosion-resistant, black
Zentralbügel am Steckergehäuse/Central locking clip on hood
IP 65
HB-Z.6.STS-ZB.1.16.G
HB-Z.6.STS-ZB.1.M25.G
HB-K/Z.6.STS-ZB.1.16.G
HB-K/Z.6.STS-ZB.1.M25.G
HD-Z.16.STS-ZB.1.21.G
HD-Z.16.STS-ZB.1.M32.G
HD-K/Z.16.STS-ZB.1.21.G
HB-KF-Z.6.STS-ZB.1.16.G
HB-KF-Z.6.STS-ZB.1.M25.G
HB-KF/K-Z.6.STS-ZB.1.16.G
HB-KF/K-Z.6.STS-ZB.1.M25.G
HB-Z.6.AG-ZVGR
HB-K/Z.6.AG-ZVGR
1-1102240-3
0-1106419-6
2-1102240-3
0-1106419-5
1-1102461-3
0-1106423-5
2-1102461-3
1-1102205-3
0-1106420-3
2-1102205-3
0-1106420-2
1-1102244-8
2-1102244-8
Bestelltext
Designation
Bestell-Nr.
Order No.
Steckergehäuse: Kabeleingang seitlich, Keilform
Hood: Side entry, Standard construction
43
60
30
M/PG
60
60
43
30
M/PG
PG
16
16
21
21
16
16
Anbaugehäuse: Kabeleingang unten
Surface mounted housing: Bottom entry
Mit Korrosionsschutz
With corrosion protection
2-1102244-8
1-1102244-8
70
4.5
80
70
M4
52
58.5
32
43.5
Steckergehäuse: Kabeleingang seitlich, Standard Bauform
Hood: Side entry, Standard construction
1-1102461-3
43
55
30
60
M/PG
Steckergehäuse: Kabeleingang seitlich,Hohe Bauform
Hood: Side entry, High construction
Mit Korrosionsschutz
With corrosion protection
Mit Korrosionsschutz
With corrosion protection
Passende Kabelverschraubungen ab Seite 188/Suitable Cable fittings from page 188
Metr.
M25
M25
M32
M25
M25
Mit Korrosionsschutz
With corrosion protection
Bezeichnung
Description


Similar Part No. - 1-1102141-2

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
1-1102600-5 TEC-1-1102600-5 Datasheet
233Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
1-1102602-5 TEC-1-1102602-5 Datasheet
194Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
logo
Tyco Electronics
1-1102770-6 MACOM-1-1102770-6 Datasheet
2Mb / 43P
   AMP Dynamic Series Connectors
1-1102771-6 MACOM-1-1102771-6 Datasheet
2Mb / 43P
   AMP Dynamic Series Connectors
More results

Similar Description - 1-1102141-2

ManufacturerPart #DatasheetDescription
logo
Powerbox
PSC04 POWERBOX-PSC04 Datasheet
165Kb / 2P
   T E L E C O M R E C T I F I E R S Y S T E M S
PBMPLS POWERBOX-PBMPLS Datasheet
385Kb / 2P
   D C / A C S I N EWA V E I N V E R T E R
logo
E-Tech Electronics LTD
GJSBL340-360 ETL-GJSBL340-360 Datasheet
420Kb / 2P
   S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
logo
Powerbox
PBMPLS-RM POWERBOX-PBMPLS-RM Datasheet
138Kb / 2P
   D C / A C S I N EWA V E I N V E R T E R
PHOENIX POWERBOX-PHOENIX Datasheet
951Kb / 2P
   D C / A C S I N EWA V E I N V E R T E R
logo
E-Tech Electronics LTD
GESBL1030-1060CT ETL-GESBL1030-1060CT Datasheet
332Kb / 2P
   S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
GJSBL1030-1060CT ETL-GJSBL1030-1060CT Datasheet
319Kb / 2P
   S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
GEMBR2070-20150CT ETL-GEMBR2070-20150CT Datasheet
321Kb / 2P
   S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
GESBL1630-1660CT ETL-GESBL1630-1660CT Datasheet
330Kb / 2P
   S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
GJSBL630-660CT ETL-GJSBL630-660CT Datasheet
430Kb / 2P
   S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com