Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1318109-1 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # 1318109-1
Description  T E CON N E C T I V I T Y AT YOU R S E R V I C E
Download  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

1318109-1 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button 1318109-1 Datasheet HTML 4Page - List of Unclassifed Manufacturers 1318109-1 Datasheet HTML 5Page - List of Unclassifed Manufacturers 1318109-1 Datasheet HTML 6Page - List of Unclassifed Manufacturers 1318109-1 Datasheet HTML 7Page - List of Unclassifed Manufacturers 1318109-1 Datasheet HTML 8Page - List of Unclassifed Manufacturers 1318109-1 Datasheet HTML 9Page - List of Unclassifed Manufacturers 1318109-1 Datasheet HTML 10Page - List of Unclassifed Manufacturers 1318109-1 Datasheet HTML 11Page - List of Unclassifed Manufacturers 1318109-1 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 236 page
background image
Verbindlich für Toleranzen der Abmessungen und technische Werte sind ausschließlich die neuesten TE Connectivity Kundenzeichnungen bzw. Produkt-Spezifikationen, die Sie auf Anfrage erhalten.
All specifications subject to change. Consult TE Connectivity for latest design specifications.
6
HTS Industrie Steckverbinder
HTS Heavy Duty Connectors
Serie
Series
Merkmale
Features
IP
Verriegelung
Locking
system
HB
Breite
Standard
Serie
wide
standard
series
65
VS
LB
ZB
HD
Hohe
Standard
Serie
High
standard
Series
65
VS
LB
ZB
HIP-K
Druckdicht
Korrosions-
geschützt
pressure
tight
Corrosion
protected
68
SV
EMV-K
Störspann-
ungssicher
Druckdicht
Korrosions-
geschützt
EMC Dense
and
pressure
tight
Corrosion
protected
68
SV
Serie
Series
Elektr.
Kennwerte
nach VDE
Last/Signal
Rating
according
VDE
Power/
signal
Polzahl
Poles
Verschmut-
zungsgrad
Degree of
pollution
Anschluss-
art
Type of ter-
minals
Weitere
Normen
Additional
standards
MDL.
1+2
1000V/250V
150A/10A
1+
2
3
Crimp
DIN VDE
0627
EN 61984
MDL.
2+2
1000V/250V
63A/10A
2+
2
3
Crimp
DIN VDE
0627
EN 61984
HF
Störspann-
ungssicher
Druckdicht
EMC Dense
and
pressure
tight
Corrosion
protected
68
SV
Rahmen
Frame
MDL.
3+4
1000V/250V
40A/10A
3+
4
3
Crimp
DIN VDE
0627
EN 61984
DIN EN
175.301-
801
MDL.
8
400V
16A
8
3
Crimp
DIN VDE
0627
EN 61984
VS = 2 Verschlussbüge /2 lever locking
LB = 1 Längsbügel/1 locking lever
ZB = 1 Zentralbügel/1 central locking
SV = 2 Schrauben/2 Screws
3
4
6
8
10
12
73–78
87–90
114–124
139–149
160–165
172–174
73–78
87–97
115–124
139–149
78–80
98–99
125–126
150–151
78–80
98–99
125–126
150–151
176
176
72 + 201
86 + 201
114 + 202
138 + 202
159 + 203
171 + 203
Kontakteinsätze/Contact Inserts
Gehäuse/Housings
Seite
Page
194
194
195
195
Seite
Page
Seite
Page
Seite
Page
Seite
Page
Seite
Page
Seite
Page
Baugröße
Size


Similar Part No. - 1318109-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1318109-1 MACOM-1318109-1 Datasheet
3Mb / 18P
   D-2000 Series (Wire-to-Board, Wire-to-Panel and Wire-to-Wire)
More results

Similar Description - 1318109-1

ManufacturerPart #DatasheetDescription
logo
Powerbox
PSC04 POWERBOX-PSC04 Datasheet
165Kb / 2P
   T E L E C O M R E C T I F I E R S Y S T E M S
PBMPLS POWERBOX-PBMPLS Datasheet
385Kb / 2P
   D C / A C S I N EWA V E I N V E R T E R
logo
E-Tech Electronics LTD
GJSBL340-360 ETL-GJSBL340-360 Datasheet
420Kb / 2P
   S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
logo
Powerbox
PBMPLS-RM POWERBOX-PBMPLS-RM Datasheet
138Kb / 2P
   D C / A C S I N EWA V E I N V E R T E R
PHOENIX POWERBOX-PHOENIX Datasheet
951Kb / 2P
   D C / A C S I N EWA V E I N V E R T E R
logo
E-Tech Electronics LTD
GESBL1030-1060CT ETL-GESBL1030-1060CT Datasheet
332Kb / 2P
   S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
GJSBL1030-1060CT ETL-GJSBL1030-1060CT Datasheet
319Kb / 2P
   S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
GEMBR2070-20150CT ETL-GEMBR2070-20150CT Datasheet
321Kb / 2P
   S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
GESBL1630-1660CT ETL-GESBL1630-1660CT Datasheet
330Kb / 2P
   S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
GJSBL630-660CT ETL-GJSBL630-660CT Datasheet
430Kb / 2P
   S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com