Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V24C12T100BL2 Datasheet(PDF) 8 Page - Vicor Corporation

Part # V24C12T100BL2
Description  Industrial and process control, distributed power, medical, ATE, communications,
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

V24C12T100BL2 Datasheet(HTML) 8 Page - Vicor Corporation

Back Button V24C12T100BL2 Datasheet HTML 4Page - Vicor Corporation V24C12T100BL2 Datasheet HTML 5Page - Vicor Corporation V24C12T100BL2 Datasheet HTML 6Page - Vicor Corporation V24C12T100BL2 Datasheet HTML 7Page - Vicor Corporation V24C12T100BL2 Datasheet HTML 8Page - Vicor Corporation V24C12T100BL2 Datasheet HTML 9Page - Vicor Corporation V24C12T100BL2 Datasheet HTML 10Page - Vicor Corporation V24C12T100BL2 Datasheet HTML 11Page - Vicor Corporation V24C12T100BL2 Datasheet HTML 12Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
24V Input
24V Micro Family
Rev 5.3
vicorpower.com
Page 8 of 14
4/2013
800 735.6200
Parameter
Min
Typ
Max
Unit
Notes
Efficiency
86.0
87.2
%
Nominal input; full load; 25 °C
Ripple and noise
120
150
mV
p-p; Nominal input; full load; 20 MHz bandwidth
Output OVP setpoint
53.7
55.7
57.7
Volts
25 °C; recycle input voltage or PC to restart (>100 ms off)
Dissipation, standby
2.1
3
Watts
No load
Load regulation
±0.02
±0.2
%
No load to full load; nominal input
Load current
0
1.04
Amps
Current limit
1.06
1.2
1.41
Amps
Output voltage 95% of nominal
Short circuit current
0.72
1.2
1.41
Amps
Output voltage < 250 mV
48Vout,50W(e.g.V24C48C50BL)
MODULESPECIFICOPERATINGSPECIFICATIONS(CONT.)
Parameter
Min
Typ
Max
Unit
Notes
Efficiency
86.2
87.7
%
Nominal input; full load; 25 °C
Ripple and noise
100
125
mV
p-p; Nominal input; full load; 20 MHz bandwidth
Output OVP setpoint
53.7
55.7
57.7
Volts
25 °C; recycle input voltage or PC to restart (>100 ms off)
Dissipation, standby
35
Watts
No load
Load regulation
±0.02
±0.2
%
No load to full load; nominal input
Load current
0
2.08
Amps
Current limit
2.12
2.4
2.81
Amps
Output voltage 95% of nominal
Short circuit current
1.46
2.4
2.81
Amps
Output voltage < 250 mV
48Vout,100W(e.g.V24C48C100BL)
Parameter
Min
Typ
Max
Unit
Notes
Efficiency
87.9
88.9
%
Nominal input full load 25 °C
Ripple and noise
100
150
mV
p-p Nominal input full load 20 MHz bandwidth
Output OVP setpoint
53.8
55.7
57.6
Volts
25 °C; recycle input voltage or PC to restart (>100 ms off)
Dissipation, standby
3.7
5.7
Watts
No load
Load regulation
±0.02
±0.2
%
No load to full load nominal input
Load current
0.0
3.1
Amps
Current limit
3.2
3.8
4.2
Amps
Output voltage 95% of nominal
Short circuit current
2.2
3.8
4.2
Amps
Output voltage <250 mV
48Vout,150W(e.g.V24C28C150BL)


Similar Part No. - V24C12T100BL2

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V24C12T100BL2 VICOR-V24C12T100BL2 Datasheet
497Kb / 13P
   24V Input Micro Family DC-DC Converter Module
V24C12T100BL2 VICOR-V24C12T100BL2 Datasheet
840Kb / 14P
   DC-DC Converter Module
V24C12T100BL2 VICOR-V24C12T100BL2 Datasheet
840Kb / 14P
   Industrial and process control, distributed power, medical, ATE, communications,
More results

Similar Description - V24C12T100BL2

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V24C28T100BG VICOR-V24C28T100BG Datasheet
840Kb / 14P
   Industrial and process control, distributed power, medical, ATE, communications,
V28C5T50BL VICOR-V28C5T50BL Datasheet
769Kb / 11P
   Industrial and process control, distributed power, medical, ATE, communications,
V48B2C100BL VICOR-V48B2C100BL Datasheet
766Kb / 11P
   Distributed power, medical, ATE, communications, defense, aerospace.
logo
ETAL Group
8335-F ETAL-8335-F Datasheet
441Kb / 6P
   Communications systems, power supplies, switchgear and controlgear industrial process measurement and control
logo
Analog Devices
ADP2443 AD-ADP2443 Datasheet
802Kb / 25P
   Process control and industrial automation
logo
ETAL Group
3600-P10 ETAL-3600-P10 Datasheet
310Kb / 4P
   Process control systems, instrumentation, communications systems,
8330-F ETAL-8330-F Datasheet
326Kb / 6P
   Power supplies, process control, switchgear and controlgear
logo
Intersil Corporation
ISL78307 INTERSIL-ISL78307 Datasheet
4Mb / 20P
   Intersil?셲 Solutions for Industrial Process Control
logo
Advanced Thermal Soluti...
ATS-WFF-150W-12-C ATS-ATS-WFF-150W-12-C Datasheet
577Kb / 1P
   Medical, surgical and biological process cooling
logo
Holt Integrated Circuit...
HI-4853 HOLTIC-HI-4853 Datasheet
1Mb / 14P
   Process Control and Factory Automation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com