Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BMB-1E-0030A-N2 Datasheet(PDF) 1 Page - Tyco Electronics

Part # BMB-1E-0030A-N2
Description  Multilayer Ferrite Beads
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

BMB-1E-0030A-N2 Datasheet(HTML) 1 Page - Tyco Electronics

  BMB-1E-0030A-N2 Datasheet HTML 1Page - Tyco Electronics BMB-1E-0030A-N2 Datasheet HTML 2Page - Tyco Electronics BMB-1E-0030A-N2 Datasheet HTML 3Page - Tyco Electronics BMB-1E-0030A-N2 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Specifications
Part Number
Impedance (ohms)
DC Resistance
Rated Current (mA)
at 100MHz (±25%)
(ohms) maximum
maximum
BMB-1E-0030A-N2
30
0.15
500
BMB-1E-0120A-N2
120
0.25
BMB-1E-0300A-N2
300
0.45
300
BMB-1E-0470A-N2
470
0.55
BMB-1E-0600A-N2
600
0.65
200
BMB-1J-0030A-N2
30
400
BMB-1J-0040A-N2
40
0.2
BMB-1J-0060A-N2
60
300
BMB-1J-0080A-N2
80
BMB-1J-0100A-N2
100
0.4
200
BMB-1J-0120A-N2
120
BMB-1J-0180A-N2
180
0.5
200
BMB-1J-0220A-N8A
220
BMB-1J-0240A-N2
240
0.5
BMB-1J-0300A-N2
300
BMB-1J-0450A-N2
450
BMB-1J-0600A-N8
600
0.7
150
BMB-1J-01000A-N2
1000
1.0
100
BMB-2A-0010A-N1
10
600
BMB-2A-0017A-N2
17
0.1
BMB-2A-0030A-N1
30
500
BMB-2A-0080A-N4
80
400
BMB-2A-0120A-N1
BMB-2A-0120A-N2
120
0.3
300
BMB-2A-0120A-N4
BMB-2A-0150A-N1
150
BMB-2A-0220A-N4
220
BMB-2A-0300A-N1
300
0.5
250
BMB-2A-0400A-N2
400
BMB-2A-0600A-N1
BMB-2A-0600A-N2
600
0.6
200
BMB-2A-0600A-N4
BMB-2A-1000A-N4
1000
0.8
BMB-2A-1200A-N4
1200
BMB-2A-1500A-N4
1500
100
BMB-2A-2000A-N4
2000
1.0
BMB-2A-2700A-N4
2700
1.5
Multilayer Ferrite Beads
Type BMB-A Series
1773178 CIS BI 06/2011
Dimensions are in millimeters
Dimensions are shown for
For email, phone or live chat, go to: te.com/help
and inches unless otherwise
reference purposes only.
specified. Values in brackets
Specifications subject
are standard equivalents.
to change.
Key Features
I Effective EMI Protection
I Wide Frequency
Characteristics
I High Soldering Heat
Resistance
I Various Package Sizes
Available
I Suited to a Variety of
Applications
The BMB A Series of beads cover a wide range of impedance characteristics. The chip
beads have a monolithic organic material construction that minimizes the effect of
electromagnetic interference. These are high loss types for general use. This series is
offered in 04:02, 06:03 and 08:05 package sizes.


Similar Part No. - BMB-1E-0030A-N2

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
BMB DDK-BMB Datasheet
392Kb / 2P
   Compact Bayonet Lock Coaxial Connector
logo
List of Unclassifed Man...
BMB0402A-121 ETC1-BMB0402A-121 Datasheet
156Kb / 14P
   Surface Mount Multilayer Chip Beads 0402 -1812 Industry Sizes
logo
Bi technologies
BMB0402A-121 BITECH-BMB0402A-121 Datasheet
248Kb / 2P
   Surface Mount Multilayer Chip Beads, 0402 - 1812 Industry Sizes
logo
List of Unclassifed Man...
BMB0402A-301 ETC1-BMB0402A-301 Datasheet
156Kb / 14P
   Surface Mount Multilayer Chip Beads 0402 -1812 Industry Sizes
logo
Bi technologies
BMB0402A-301 BITECH-BMB0402A-301 Datasheet
248Kb / 2P
   Surface Mount Multilayer Chip Beads, 0402 - 1812 Industry Sizes
More results

Similar Description - BMB-1E-0030A-N2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ILBB-1210 VISHAY-ILBB-1210_07 Datasheet
105Kb / 3P
   Multilayer Ferrite Beads
Revision: 28-Aug-07
logo
Allied Components Inter...
MLB10-050-RC ALLIED-MLB10-050-RC Datasheet
771Kb / 1P
   Multilayer Ferrite Beads
logo
Vishay Siliconix
ILBB-0805 VISHAY-ILBB-0805_06 Datasheet
132Kb / 7P
   Multilayer Ferrite Beads
Revision: 14-Mar-06
ILBB-0805 VISHAY-ILBB-0805_12 Datasheet
112Kb / 6P
   Multilayer Ferrite Beads
Revision: 21-Jun-11
ILBB-0603 VISHAY-ILBB-0603 Datasheet
133Kb / 4P
   Multilayer Ferrite Beads
Revision 15-Jan-03
logo
Allied Components Inter...
MLB20 ALLIED-MLB20 Datasheet
806Kb / 1P
   Multilayer Ferrite Beads
logo
Vishay Siliconix
ILB1206ER500V VISHAY-ILB1206ER500V Datasheet
125Kb / 5P
   Multilayer Ferrite Beads
Revision: 04-Feb-11
ILBB-0603 VISHAY-ILBB-0603_06 Datasheet
113Kb / 5P
   Multilayer Ferrite Beads
Revision: 13-Mar-06
ILBB-0402 VISHAY-ILBB-0402_07 Datasheet
179Kb / 3P
   Multilayer Ferrite Beads
Revision: 12-Jul-07
ILBB0603 VISHAY-ILBB0603 Datasheet
151Kb / 5P
   Multilayer Ferrite Beads
ILB-1206 VISHAY-ILB-1206 Datasheet
221Kb / 5P
   Multilayer Ferrite Beads
Revision 19-Apr-05
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com