Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CRG0805J1R0 Datasheet(PDF) 1 Page - Tyco Electronics

Part # CRG0805J1R0
Description  Thick Film Chip Resistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

CRG0805J1R0 Datasheet(HTML) 1 Page - Tyco Electronics

  CRG0805J1R0 Datasheet HTML 1Page - Tyco Electronics CRG0805J1R0 Datasheet HTML 2Page - Tyco Electronics CRG0805J1R0 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Characteristics – Electrical
0201
0402
0603
0805
Rated Power @ 70 °C (W)
0.05
0.063
0.1
0.125
Resistance Range
Min
10
1
11
10
1
11
1
101
1
11
1
101
1
11
(Ohms)
Max
1M0
10
1M0
2M0
10
3M3 100 1M0 10 10M 100 1M0 10 10M
Tolerance (%)
15
5
155
1
1
5
5
1
1
5
5
Code letter
FJ
J
FJ
J
F
F
J
J
F
F
J
J
Selection Series
E24
E24
E24
E24
E24
E24 E24 E24 E24 E24 E24 E24 E24 E24
E96
E96
E96
E96
Temp. Coefficient (ppm/°C)
±200
±400
±200 ±100
±400
±200 ±200 ±100 ±200 ±200 ±200 ±100 ±400 ±200
1206
2010
2512
Rated Power @ 70 °C (W)
0.25
0.5
1
Resistance Range
Min
1
101
1
11
1
101
1
11
1
101
1
11
Ohms
Max
100
1M0
10
10M
100
1M0
10
10M
100
1M0
10
10M
Tolerance (%)
11
5
5
1
1
5
5
1
1
5
5
Code letter
FF
J
J
F
F
J
J
F
F
J
J
Selection Series
E24
E24
E24
E24
E24
E24
E24
E24
E24
E24
E24
E24
E96
E96
E96
Temp. Coefficient (ppm/°C)
±200
±100
±400
±200 ±200 ±100
±400
±200
±200
±100
±400
±200
0201
0402
0603
0805
1206
2010
2512
Working Voltage (V)
25
50
50
150
200
200
200
Max. Overload Voltage (V)
50
100
100
300
400
400
400
Operating Temp. Range (°C)
-55 to +125
Climatic Category (°C)
55/125/56
Insulation Resistance Dry
1000
Min (Mohms)
Stability (%)
3
Zerohm (A) Current Max
0.5
11
2
2
2
2
Resistance Max
<50 mOhm
<50 mOhm
Thick Film Chip Resistors
Type CRG Series
1773204 CIS WR 03/2012
Dimensions are in millimeters
Dimensions are shown for
For email, phone or live chat, go to: te.com/help
and inches unless otherwise
reference purposes only.
specified. Values in brackets
Specifications subject
are standard equivalents.
to change.
Key Features
n
Thick film resistors with
a high power to size
ratio,ideally suited to
industrial and general
purpose use.
A range from 1 ohm to
10M and tolerances of
1% and 5%. Also
including zero ohm links.
n
Suitable for most
applications, including
high frequency
operation, owing to the
short lead structure and
low capacitance.
n
Seven Package Sizes
n
Terminal finish: Matte Sn
n
MSL Level 2
Precious metal terminations are screen printed onto a ceramic base and fired. The
resistive element is screen printed and fired and the passivation layer added. Each
resistor is trimmed to tolerance by laser. The pre-scribed tile is broken into strips, the end
plating is fired on and the strips broken into individual components. Final termination is
made by electroplating.


Similar Part No. - CRG0805J1R0

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
CRG0805J1R0 MACOM-CRG0805J1R0 Datasheet
131Kb / 3P
   Type CRG Series
CRG0805J1R0 MACOM-CRG0805J1R0 Datasheet
131Kb / 3P
   Thick Film Chip Resistors
More results

Similar Description - CRG0805J1R0

ManufacturerPart #DatasheetDescription
logo
Rohm
MCR03EZPFX1002 ROHM-MCR03EZPFX1002 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR03EZPJ133 ROHM-MCR03EZPJ133 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR01MZPF1000 ROHM-MCR01MZPF1000 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR18EZPF56R0 ROHM-MCR18EZPF56R0 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
logo
Panasonic Semiconductor
ERJ-6GEYJ241V PANASONIC-ERJ-6GEYJ241V Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-6GEYJ4R7V PANASONIC-ERJ-6GEYJ4R7V Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-12Y0R00U PANASONIC-ERJ-12Y0R00U Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-1TRQFR33U PANASONIC-ERJ-1TRQFR33U Datasheet
109Kb / 4P
   Thick Film Chip Resistors
ERJ-12ZYJ331U PANASONIC-ERJ-12ZYJ331U Datasheet
218Kb / 2P
   Thick Film Chip Resistors
logo
NIC-Components Corp.
NRCA NIC-NRCA Datasheet
107Kb / 5P
   Thick Film Chip Resistors
NRCE NIC-NRCE Datasheet
64Kb / 2P
   Thick Film Chip Resistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com