Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1-1105050-1 Datasheet(PDF) 27 Page - List of Unclassifed Manufacturers

Part # 1-1105050-1
Description  T E CON N E C T I V I T Y AT YOU R S E R V I C E
Download  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

1-1105050-1 Datasheet(HTML) 27 Page - List of Unclassifed Manufacturers

Back Button 1-1105050-1 Datasheet HTML 23Page - List of Unclassifed Manufacturers 1-1105050-1 Datasheet HTML 24Page - List of Unclassifed Manufacturers 1-1105050-1 Datasheet HTML 25Page - List of Unclassifed Manufacturers 1-1105050-1 Datasheet HTML 26Page - List of Unclassifed Manufacturers 1-1105050-1 Datasheet HTML 27Page - List of Unclassifed Manufacturers 1-1105050-1 Datasheet HTML 28Page - List of Unclassifed Manufacturers 1-1105050-1 Datasheet HTML 29Page - List of Unclassifed Manufacturers 1-1105050-1 Datasheet HTML 30Page - List of Unclassifed Manufacturers 1-1105050-1 Datasheet HTML 31Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 236 page
background image
Verbindlich für Toleranzen der Abmessungen und technische Werte sind ausschließlich die neuesten TE Connectivity Kundenzeichnungen bzw. Produkt-Spezifikationen, die Sie auf Anfrage erhalten.
All specifications subject to change. Consult TE Connectivity for latest design specifications.
25
HTS Industrie Steckverbinder
HTS Heavy Duty Connectors
voltage of the power supply
[V]
60
110/120/127
150
208
220/230/240
300
380/400/415
440
480/500
575
600
660/690
720/830
960
1000
Rated voltage
[V]
63
125
160
200
250
320
400
500
500
630
630
630
800
1000
1000
Table 3
* the above shown table does not give the entire correlation of word-wide used networks and rated voltages; it is reduced to the most common
ones; further details, see DIN EN60664-1
Creepages in [mm] for electrical Equipments
Table 4
rated
voltage
[V]
10
12,5
16
20
25
32
40
50
63
80
100
125
160
200
250
320
400
500
630
800
1000
1
All Insulater
classes
0,08
0,09
0,10
0,110
0,125
0,140
0,16
0,18
0,20
0,22
0,25
0,28
0,32
0,42
0,56
0,75
1,00
1,30
1,8
2,4
3,2
l
0,40
0,42
0,45
0,48
0,50
0,53
0,56
0,60
0,63
0,67
0,71
0,75
0,80
1,00
1,25
1,60
2,00
2,50
3,2
4,0
5,0
ll
0,40
0,42
0,45
0,48
0,50
0,53
0,80
0,85
0,90
0,95
1,00
1,05
1,1
1,4
1,8
2,2
2,8
3,6
4,5
5,6
7,1
lll
0,40
0,42
0,45
0,48
0,50
0,53
1,10
1,20
1,25
1,3
1,4
1,5
1,6
2,0
2,5
3,2
4,0
5,0
6,3
8,0
10,0
l
1,00
1,05
1,10
1,20
1,25
1,30
1,4
1,5
1,6
1,7
1,8
1,9
2,0
2,5
3,2
4,0
5,0
6,3
8,0
10,0
12,5
ll
1,00
1,05
1,10
1,20
1,25
1,30
1,6
1,7
1,8
1,9
2,0
2,1
2,2
2,8
3,6
4,5
5,6
7,1
9
11
14
lll
1,00
1,05
1,10
1,20
1,25
1,30
1,8
1,9
2,0
2,1
2,2
2,4
2,5
3,2
4,0
5,0
6,3
8,0
10,0
12,5
16,0
l
1,6
1,6
1,6
1,6
1,7
1,8
1,9
2,0
2,1
2,2
2,4
2,5
3,2
4,0
5,0
6,3
8,0
10,0
12,5
16,0
20,0
ll
1,6
1,6
1,6
1,6
1,7
1,8
2,4
2,5
2,6
2,8
3,0
3,2
4,0
5,0
6,3
8,0
10,0
12,5
16
20
25
lll
1,6
1,6
1,6
1,6
1,7
1,8
3,0
3,2
3,4
3,6
3,8
4,0
5,0
6,3
8,0
10,0
12,5
16,0
20
25
32
2
Insulation Class
3
Insulation Class
4
Insulation Class
degree of pollution


Similar Part No. - 1-1105050-1

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
1-1105653-8 TEC-1-1105653-8 Datasheet
275Kb / 1P
   ECR-17-006155
More results

Similar Description - 1-1105050-1

ManufacturerPart #DatasheetDescription
logo
Powerbox
PSC04 POWERBOX-PSC04 Datasheet
165Kb / 2P
   T E L E C O M R E C T I F I E R S Y S T E M S
PBMPLS POWERBOX-PBMPLS Datasheet
385Kb / 2P
   D C / A C S I N EWA V E I N V E R T E R
logo
E-Tech Electronics LTD
GJSBL340-360 ETL-GJSBL340-360 Datasheet
420Kb / 2P
   S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
logo
Powerbox
PBMPLS-RM POWERBOX-PBMPLS-RM Datasheet
138Kb / 2P
   D C / A C S I N EWA V E I N V E R T E R
PHOENIX POWERBOX-PHOENIX Datasheet
951Kb / 2P
   D C / A C S I N EWA V E I N V E R T E R
logo
E-Tech Electronics LTD
GESBL1030-1060CT ETL-GESBL1030-1060CT Datasheet
332Kb / 2P
   S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
GJSBL1030-1060CT ETL-GJSBL1030-1060CT Datasheet
319Kb / 2P
   S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
GEMBR2070-20150CT ETL-GEMBR2070-20150CT Datasheet
321Kb / 2P
   S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
GESBL1630-1660CT ETL-GESBL1630-1660CT Datasheet
330Kb / 2P
   S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
GJSBL630-660CT ETL-GJSBL630-660CT Datasheet
430Kb / 2P
   S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com