Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2-1105051-1 Datasheet(PDF) 24 Page - List of Unclassifed Manufacturers

Part # 2-1105051-1
Description  T E CON N E C T I V I T Y AT YOU R S E R V I C E
Download  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

2-1105051-1 Datasheet(HTML) 24 Page - List of Unclassifed Manufacturers

Back Button 2-1105051-1 Datasheet HTML 20Page - List of Unclassifed Manufacturers 2-1105051-1 Datasheet HTML 21Page - List of Unclassifed Manufacturers 2-1105051-1 Datasheet HTML 22Page - List of Unclassifed Manufacturers 2-1105051-1 Datasheet HTML 23Page - List of Unclassifed Manufacturers 2-1105051-1 Datasheet HTML 24Page - List of Unclassifed Manufacturers 2-1105051-1 Datasheet HTML 25Page - List of Unclassifed Manufacturers 2-1105051-1 Datasheet HTML 26Page - List of Unclassifed Manufacturers 2-1105051-1 Datasheet HTML 27Page - List of Unclassifed Manufacturers 2-1105051-1 Datasheet HTML 28Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 236 page
background image
Verbindlich für Toleranzen der Abmessungen und technische Werte sind ausschließlich die neuesten TE Connectivity Kundenzeichnungen bzw. Produkt-Spezifikationen, die Sie auf Anfrage erhalten.
All specifications subject to change. Consult TE Connectivity for latest design specifications.
22
HTS Industrie Steckverbinder
HTS Heavy Duty Connectors
3-phase systems
230/400**
277/480**
400/690**
1000
single systems
in the centre
120 up to 240
utilities at the feed of
the installation
(surge category lV)
4
6
8
12
utilities as part of a
fixed installation
(surge category lll)
2,5
4
6
8
utilites for
connection to
fixed
installations
(surge category ll)
1,5
2,5
4
6
Specially
protected utilities
(surge category l)
0,8
1,5
2,5
4
rated voltage
of the power supply *) in V
Rated Surge Voltage in kV (1,2/50ms) for
Rated Surge Voltage for Utilities
*) chosen voltage values
**) the / dash is for a 3-phase system with 4 lines. The lower value is for phase to neutral, the higher value is for phase to phase
Measurement of Clearances
Diagram for the Determination of Clearances
rated voltage
of the power supply
rated surge voltage
acc. to table 1
rated surge voltage
surge categories,
normally III
minimum clearance L
acc. to table 2 a
multiply L with height correction
factor acc. to table 2 b
clearance L
in mm
degree of pollution
normally 3, but acc. to EN 61984
a smaller class may be chosen
if the housing has a
protection class of IP 54
height
> 2000 m
NN


Similar Part No. - 2-1105051-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1105051-1 MACOM-2-1105051-1 Datasheet
111Kb / 1P
   SOCKET CONTACT SERIES HN.D
More results

Similar Description - 2-1105051-1

ManufacturerPart #DatasheetDescription
logo
Powerbox
PSC04 POWERBOX-PSC04 Datasheet
165Kb / 2P
   T E L E C O M R E C T I F I E R S Y S T E M S
PBMPLS POWERBOX-PBMPLS Datasheet
385Kb / 2P
   D C / A C S I N EWA V E I N V E R T E R
logo
E-Tech Electronics LTD
GJSBL340-360 ETL-GJSBL340-360 Datasheet
420Kb / 2P
   S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
logo
Powerbox
PBMPLS-RM POWERBOX-PBMPLS-RM Datasheet
138Kb / 2P
   D C / A C S I N EWA V E I N V E R T E R
PHOENIX POWERBOX-PHOENIX Datasheet
951Kb / 2P
   D C / A C S I N EWA V E I N V E R T E R
logo
E-Tech Electronics LTD
GESBL1030-1060CT ETL-GESBL1030-1060CT Datasheet
332Kb / 2P
   S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
GJSBL1030-1060CT ETL-GJSBL1030-1060CT Datasheet
319Kb / 2P
   S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
GEMBR2070-20150CT ETL-GEMBR2070-20150CT Datasheet
321Kb / 2P
   S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
GESBL1630-1660CT ETL-GESBL1630-1660CT Datasheet
330Kb / 2P
   S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
GJSBL630-660CT ETL-GJSBL630-660CT Datasheet
430Kb / 2P
   S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com