Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1827654-1 Datasheet(PDF) 2 Page - Tyco Electronics

Part # 1827654-1
Description  2-Piece Power Connectors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1827654-1 Datasheet(HTML) 2 Page - Tyco Electronics

  1827654-1 Datasheet HTML 1Page - Tyco Electronics 1827654-1 Datasheet HTML 2Page - Tyco Electronics 1827654-1 Datasheet HTML 3Page - Tyco Electronics 1827654-1 Datasheet HTML 4Page - Tyco Electronics 1827654-1 Datasheet HTML 5Page - Tyco Electronics 1827654-1 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
te.com/powerconnectors
2-Piece Power Connectors
TE Connectivity
Application: Hot Swappable Power Supplies (500w–5KW)
CHARACTERISTICS
Connector
MULTI-BEAM XLE
FLATPAQ
MINIPAK HDL
Current Rating
Up to 75 A*
32 Amps*
Up to 40 Amps*
Vented Housings
l
l
Licensed —
Second source
l
l
Height (mm)
12 mm
14 mm
8 mm - 9 mm
Modular
l
Active Guides
l
Customizable
l
l
l
MULTI-BEAM XLE Connector
New 6 beam power contact offers up to
75 A current rating and delivers more
than 200 Amps/linear inch
New 25A low power contact occupies
50% less pcb space than MULTI-BEAM XL
power contacts
New slim guide sockets reduce the
overall PCB footprint
Vented housing allows for better heat
dissipation
Hot-plug capable
Reference Part Numbers*
6450830-2
6450850-2
FLATPAQ Connectors
32 Amp high-performance
CROWN BAND power contacts
True hot-plug power contacts available
Versatile modular design allows low
volume customized configurations to
meet your specific application
requirements
Solder and compliant press-fit
termination options available
Rugged design features active guide pins
Reference Part Numbers*
6646597-1
6646722-1
MINIPAK HDL Connector
High-density, low profile, power/signal,
blind-mate connector
Developed to meet next generation
1U application by reducing airflow
impedance
Hot-pluggable power supplies
Contacts rated up to 40 amps and
deliver more than 150 amps per
linear inch
Reference Part Numbers*
2-1926732-5
2-1926733-5
1926845-6
Rechargeable Batteries (for portable/hand-held electronic devices)
Battery Interconnects
Current capacity — 7 Amps/single
contact at 30° T-Rise
Choice of right angle or vertical mount
headers with left, right or keyless
polarization
5 mm pitch headers available for 7.2, 10.8
and 12.0 volts rechargeable batteries
RECHARGEABLE BATTERIES
Part Number
Pitch (mm)
No. of Positions
Mount
Style
1827684-1
2
7
Vertical Surface Mount
Receptacle
1827654-1
2
7
Right Angle Thru-Hole
Plug
1-1123688-7
2.5
10
Vertical Surface Mount
Receptacle
6123978-1
2.5
4
Right Angle Thru-Hole
Plug
120591-1
/
1
Horizontal Thru-Hole
Coin Cell
5787430-1
5
/
Vertical Solder
Right Hand Plug
5787441-1
5
/
Right Angle Solder
Keyless Plug
te.com/products/multibeamxle
te.com/products/minipakhdl
*Part numbers listed are examples of some available samples, please visit website for additional and mating part numbers.
* Single contact current rating


Similar Part No. - 1827654-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1827654-1 MACOM-1827654-1 Datasheet
1Mb / 6P
   Quick Reference Guide 2-Piece Power Connectors
1827654-1 MACOM-1827654-1 Datasheet
1Mb / 6P
   2-Piece Power Connectors
1827654-1 MACOM-1827654-1 Datasheet
1Mb / 6P
   2-Piece Power Connectors
1827654-1 MACOM-1827654-1 Datasheet
1Mb / 6P
   2-Piece Power Connectors
1827654-1 MACOM-1827654-1 Datasheet
913Kb / 9P
   Power Connectors & Interconnection Systems
More results

Similar Description - 1827654-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
350792-1 MACOM-350792-1 Datasheet
1Mb / 6P
   2-Piece Power Connectors
5223957-1 MACOM-5223957-1 Datasheet
1Mb / 6P
   2-Piece Power Connectors
643424-1 MACOM-643424-1 Datasheet
1Mb / 6P
   2-Piece Power Connectors
1-6450869-4 MACOM-1-6450869-4 Datasheet
1Mb / 6P
   Quick Reference Guide 2-Piece Power Connectors
logo
DDK Ltd.
FRC3-A016-10S DDK-FRC3-A016-10S Datasheet
346Kb / 4P
   High Current Version for 2-Piece Connectors
logo
Hirose Electric
DF64 HIROSE-DF64 Datasheet
871Kb / 6P
   4.5 mm pitch, Horizontal Mating 2-Piece System Connectors
HIF6 HIROSE-HIF6 Datasheet
758Kb / 18P
   1.27mm Pitch Two-Piece Connectors
logo
AVX Corporation
709159001401006 AVX-709159001401006 Datasheet
683Kb / 7P
   Single 2 Piece Contacts: BTB
logo
Kendall Howard
1927-3-002-00-WP KENDALLHOWARD-1927-3-002-00-WP Datasheet
55Kb / 1P
   2 PIECE RACK CONVERSION KIT
logo
UMPCO, Inc.
NAS1677 UMPCO-NAS1677 Datasheet
108Kb / 2P
   STRAP, RETAINING- CUSHIONED, RECTANGULAR, 2 PIECE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com