Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2-1105051-2 Datasheet(PDF) 94 Page - List of Unclassifed Manufacturers

Part # 2-1105051-2
Description  T E CON N E C T I V I T Y AT YOU R S E R V I C E
Download  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

2-1105051-2 Datasheet(HTML) 94 Page - List of Unclassifed Manufacturers

Back Button 2-1105051-2 Datasheet HTML 90Page - List of Unclassifed Manufacturers 2-1105051-2 Datasheet HTML 91Page - List of Unclassifed Manufacturers 2-1105051-2 Datasheet HTML 92Page - List of Unclassifed Manufacturers 2-1105051-2 Datasheet HTML 93Page - List of Unclassifed Manufacturers 2-1105051-2 Datasheet HTML 94Page - List of Unclassifed Manufacturers 2-1105051-2 Datasheet HTML 95Page - List of Unclassifed Manufacturers 2-1105051-2 Datasheet HTML 96Page - List of Unclassifed Manufacturers 2-1105051-2 Datasheet HTML 97Page - List of Unclassifed Manufacturers 2-1105051-2 Datasheet HTML 98Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 236 page
background image
Verbindlich für Toleranzen der Abmessungen und technische Werte sind ausschließlich die neuesten TE Connectivity Kundenzeichnungen bzw. Produkt-Spezifikationen, die Sie auf Anfrage erhalten.
All specifications subject to change. Consult TE Connectivity for latest design specifications.
HTS Industrie Steckverbinder
HTS Heavy Duty Connectors
92
HB.10, HB-K.10, HD.24, HD-K.24, Gehäuse/Housings
Baugröße/Size 4
Pulverbeschichtet, silbergrau
K = korrosionsgeschützt, schwarz
Powder-coated, silver-grey
K = corrosion-resistant, black
Längsbügel am Unterteil/Side clip at housing bottom
IP 65
HB.1O.STS-GR.1.16.G
HB.10.STS-GR.1.M25.G
HB-K.10.STS-GR.1.16.G
HB-K.10.STS-GR.1.M25.G
HD.24.STS-GR.1.29.G
HD.24.STS-GR.1.21.G
HD.24.STS-GR.1.M32.G
HD-K.24.STS-GR.1.21.G
HD-K.24.STS-GR.1.M32.G
HB-KF.1O.STS-GR.1.16.G
HB-KF.1O.STS-GR.1.M25.G
HB-KF/K.1O.STS-GR.1.16.G
HB-KF/K.1O.STS-GR.1.M25.G
HB.1O.STO-GR.1.16.G
HB.10.STO-GR.1.M25.G
HB-K.10.STO-GR.1.16.G
HB-K.10.STO-GR.1.M25.G
HD.24.STO-GR.1.21.G
HD.24.STO-GR.1.29.G
HD.24.STO-GR.1.M32.G
HD-K.24.STO-GR.1.29.G
HD-K.24.STO-GR.1.M32.G
1-1102261-7
0-1106430-5
2-1102261-7
1-1106430-1
1-1102499-7
1-1102496-7
0-1106434-5
2-1102496-7
1-1106434-1
1-1102211-7
0-1106431-2
2-1102211-7
0-1106431-7
1-1102267-7
0-1106430-2
2-1102267-7
0-1106430-8
1-1102502-7
1-1102505-7
0-1106434-2
2-1102505-7
0-1106434-8
Bestelltext
Designation
Bestell-Nr.
Order No.
PG
16
16
29
21
21
16
16
16
16
21
29
29
Mit Korrosionsschutz
With corrosion protection
Mit Korrosionsschutz
With corrosion protection
Passende Kabelverschraubungen ab Seite 188/Suitable Cable fittings from page 188
Metr.
M25
M25
M32
M32
M25
M25
M25
M25
M32
M32
Mit Korrosionsschutz
With corrosion protection
Bezeichnung
Description
73
43
1-1102261-7
M/PG
Steckergehäuse: Kabeleingang seitlich, Standard Bauform
Hood: Side entry, Standard construction
1-1102496-7
73
43
M/PG
Steckergehäuse: Kabeleingang seitlich,Hohe Bauform
Hood: Side entry, High construction
73
43
1-1102267-7
M/PG
Steckergehäuse: Kabeleingang oben, Standard Bauform
Hood: Top entry, Standard construction
1-1102496-7
73
43
M/PG
Steckergehäuse: Kabeleingang oben, Hohe Bauform
Hood: Top entry, High construction
M/PG
63
43
73
Steckergehäuse: Kabeleingang seitlich, Keilform
Hood: Side entry, Standard construction
Mit Korrosionsschutz
With corrosion protection
Mit Korrosionsschutz
With corrosion protection


Similar Part No. - 2-1105051-2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1105051-2 MACOM-2-1105051-2 Datasheet
111Kb / 1P
   SOCKET CONTACT SERIES HN.D
More results

Similar Description - 2-1105051-2

ManufacturerPart #DatasheetDescription
logo
Powerbox
PSC04 POWERBOX-PSC04 Datasheet
165Kb / 2P
   T E L E C O M R E C T I F I E R S Y S T E M S
PBMPLS POWERBOX-PBMPLS Datasheet
385Kb / 2P
   D C / A C S I N EWA V E I N V E R T E R
logo
E-Tech Electronics LTD
GJSBL340-360 ETL-GJSBL340-360 Datasheet
420Kb / 2P
   S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
logo
Powerbox
PBMPLS-RM POWERBOX-PBMPLS-RM Datasheet
138Kb / 2P
   D C / A C S I N EWA V E I N V E R T E R
PHOENIX POWERBOX-PHOENIX Datasheet
951Kb / 2P
   D C / A C S I N EWA V E I N V E R T E R
logo
E-Tech Electronics LTD
GESBL1030-1060CT ETL-GESBL1030-1060CT Datasheet
332Kb / 2P
   S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
GJSBL1030-1060CT ETL-GJSBL1030-1060CT Datasheet
319Kb / 2P
   S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
GEMBR2070-20150CT ETL-GEMBR2070-20150CT Datasheet
321Kb / 2P
   S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
GESBL1630-1660CT ETL-GESBL1630-1660CT Datasheet
330Kb / 2P
   S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
GJSBL630-660CT ETL-GJSBL630-660CT Datasheet
430Kb / 2P
   S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com