Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1-1105852-8 Datasheet(PDF) 90 Page - List of Unclassifed Manufacturers

Part # 1-1105852-8
Description  T E CON N E C T I V I T Y AT YOU R S E R V I C E
Download  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

1-1105852-8 Datasheet(HTML) 90 Page - List of Unclassifed Manufacturers

Back Button 1-1105852-8 Datasheet HTML 86Page - List of Unclassifed Manufacturers 1-1105852-8 Datasheet HTML 87Page - List of Unclassifed Manufacturers 1-1105852-8 Datasheet HTML 88Page - List of Unclassifed Manufacturers 1-1105852-8 Datasheet HTML 89Page - List of Unclassifed Manufacturers 1-1105852-8 Datasheet HTML 90Page - List of Unclassifed Manufacturers 1-1105852-8 Datasheet HTML 91Page - List of Unclassifed Manufacturers 1-1105852-8 Datasheet HTML 92Page - List of Unclassifed Manufacturers 1-1105852-8 Datasheet HTML 93Page - List of Unclassifed Manufacturers 1-1105852-8 Datasheet HTML 94Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 236 page
background image
Verbindlich für Toleranzen der Abmessungen und technische Werte sind ausschließlich die neuesten TE Connectivity Kundenzeichnungen bzw. Produkt-Spezifikationen, die Sie auf Anfrage erhalten.
All specifications subject to change. Consult TE Connectivity for latest design specifications.
HTS Industrie Steckverbinder
HTS Heavy Duty Connectors
88
HB.10, HB-K.10, HD.24, HD-K.24, Gehäuse/Housings
Baugröße/Size 4
Pulverbeschichtet, silbergrau
K = korrosionsgeschützt, schwarz
Powder-coated, silver-grey
K = corrosion-resistant, black
Verschlussbügel am Unterteil/Locking clip at housing bottom
IP 65
HB.10.AG-VS
HB-K.10.AG-VS
HB.1O.SG-VS.1.16.Z
HB.1O.SG-VS.2.16.Z
HB.1O.SG-VS.1.M25.Z
HB.10.SG-VS.2.M25.Z
HB-K.10.SG-VS.1.16.Z
HB-K.1O.SG-VS 2.16.Z
HB-K.10.SG-VS.2.M25.Z
HD.24.SG-VS.1.21.Z
HD.24.SG-VS.1.29.Z
HD.24.SG-VS.2.21.Z
HD.24.SG-VS.2.29.Z
HD.24.SG-VS.2.M32.Z
HD-K.24.SG-VS.1.21.Z
HD-K.24.SG-VS.1.29.Z
HD-K.24.SG-VS.2.21.Z
HD-K.24.SG-VS.2.M32.Z
1-1102271-1
2-1102271-1
1-1102274-1
1-1102276-1
0-1103059-1
0-1106429-4
2-1102274-1
2-1102276-1
0-1106429-8
1-1102507-1
1-1102511-1
1-1102509-1
1-1102513-1
0-1106433-4
2-1102507-1
2-1102511-1
2-1102509-1
0-1106433-8
Bestelltext
Designation
Bestell-Nr.
Order No.
PG
16
2x16
16
2x16
21
29
2x21
2x29
21
29
2x21
Mit Korrosionsschutz
With corrosion protection
Mit Korrosionsschutz
With corrosion protection
Mit Korrosionsschutz
With corrosion protection
Passende Kabelverschraubungen ab Seite 188/Suitable Cable fittings from page 188
Metr.
M25
2xM25
2xM25
2xM32
2xM32
Bezeichnung
Description
11
4.5
1-1102271-1
83
93
57
32
43.5
2-1102271-1
65
M4
83
Anbaugehäuse: Kabeleingang unten, Standard Bauform
Surface mounted housing: Bottom entry, Standard construction
ø5,5
94
82
56
45
10
69
M/PG
Sockelgehäuse: Kabeleingang seitlich, Hohe Bauform
Surface mounted housing: Side entry, High construction
Sockelgehäuse: Kabeleingang seitlich, Standard Bauform
Surface mounted housing: Side entry, Standard construction
82
94
40
52
10
ø5,5
5
53,5
M/PG


Similar Part No. - 1-1105852-8

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
1-1105653-8 TEC-1-1105653-8 Datasheet
275Kb / 1P
   ECR-17-006155
More results

Similar Description - 1-1105852-8

ManufacturerPart #DatasheetDescription
logo
Powerbox
PSC04 POWERBOX-PSC04 Datasheet
165Kb / 2P
   T E L E C O M R E C T I F I E R S Y S T E M S
PBMPLS POWERBOX-PBMPLS Datasheet
385Kb / 2P
   D C / A C S I N EWA V E I N V E R T E R
logo
E-Tech Electronics LTD
GJSBL340-360 ETL-GJSBL340-360 Datasheet
420Kb / 2P
   S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
logo
Powerbox
PBMPLS-RM POWERBOX-PBMPLS-RM Datasheet
138Kb / 2P
   D C / A C S I N EWA V E I N V E R T E R
PHOENIX POWERBOX-PHOENIX Datasheet
951Kb / 2P
   D C / A C S I N EWA V E I N V E R T E R
logo
E-Tech Electronics LTD
GESBL1030-1060CT ETL-GESBL1030-1060CT Datasheet
332Kb / 2P
   S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
GJSBL1030-1060CT ETL-GJSBL1030-1060CT Datasheet
319Kb / 2P
   S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
GEMBR2070-20150CT ETL-GEMBR2070-20150CT Datasheet
321Kb / 2P
   S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
GESBL1630-1660CT ETL-GESBL1630-1660CT Datasheet
330Kb / 2P
   S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
GJSBL630-660CT ETL-GJSBL630-660CT Datasheet
430Kb / 2P
   S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com