Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CBC3150 Datasheet(PDF) 4 Page - Cymbet Corporation

Part # CBC3150
Description  EnerChip CC with Integrated Power Management
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYMBET [Cymbet Corporation]
Direct Link  http://www.cymbet.com
Logo CYMBET - Cymbet Corporation

CBC3150 Datasheet(HTML) 4 Page - Cymbet Corporation

  CBC3150 Datasheet HTML 1Page - Cymbet Corporation CBC3150 Datasheet HTML 2Page - Cymbet Corporation CBC3150 Datasheet HTML 3Page - Cymbet Corporation CBC3150 Datasheet HTML 4Page - Cymbet Corporation CBC3150 Datasheet HTML 5Page - Cymbet Corporation CBC3150 Datasheet HTML 6Page - Cymbet Corporation CBC3150 Datasheet HTML 7Page - Cymbet Corporation CBC3150 Datasheet HTML 8Page - Cymbet Corporation CBC3150 Datasheet HTML 9Page - Cymbet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
EnerChip CC CBC3150
©2009-2013 Cymbet Corporation • Tel: +1-763-633-1780 • www.cymbet.com
DS-72-03 Rev F
Page 4 of 16
Absolute Maximum Ratings
PARAMETER
CONDITION
MIN
TYPICAL
MAX
UNITS
Output Voltage VOUT
VDD > VTH
-
VDD
-
V
Output Voltage VOUT (backup mode)
VDD < VTH
2.2
3.3
3.6
V
EnerChip Pulse Discharge Current
-
Variable - see App. Note 1025
-
Self-Discharge (5-yr. average; 25°C)
Non-recoverable
-
2.5
-
% per year
Recoverable
-
1.5 (1)
-
% per year
Operating Temperature
-
-40 (2)
25
+70
°C
Storage Temperature
-
-40
-
+125 (3)
°C
Cell Resistance (25°C)
Charge cycle 2
-
500
1250
Charge cycle 1000
-
2250
5000
Recharge Cycles
(to 80% of rated ca-
pacity; 4.1 V charge
voltage)
25°C
10% depth-of-discharge
5000
-
-
cycles
50% depth-of discharge
1000
-
-
cycles
40°C
10% depth-of-discharge
2500
-
-
cycles
50% depth-of-discharge
500
-
-
cycles
Recharge Time (to 80% of rated ca-
pacity; 4.1V charge voltage; 25°C)
Charge cycle 2
-
20
35
minutes
Charge cycle 1000
-
60
95
Capacity
100µA discharge; 25°C
50
-
-
µAh
(1) First month recoverable self-discharge is 4% average.
(2) Cell resistance and charging time increase with decreasing temperature.
(3) Storage temperature is for EnerChip CC device before 1st charge is applied.
Note:Allspecificationscontainedwithinthisdocumentaresubjecttochangewithoutnotice.
PARAMETER
CONDITION
MIN
TYPICAL
MAX
UNITS
VDD with respect to GND
25°C
GND - 0.3
-
6.0
V
ENABLE and VMODE Input Voltage
25°C
GND - 0.3
-
VDD+0.3
V
VBAT (1)
25°C
3.0
-
4.15
V
VCHG (1)
25°C
3.0
-
4.15
V
VOUT
25°C
GND-0.3
-
6.0
V
RESET Output Voltage
25°C
GND - 0.3
-
VOUT+0.3
V
CP, Flying Capacitor Voltage
25°C
GND - 0.3
-
6.0
V
CN
25°C
GND - 0.3
-
VDD+0.3
V
Operating Characteristics
(1) No external connections to these pins are allowed, except parallel EnerChips.


Similar Part No. - CBC3150

ManufacturerPart #DatasheetDescription
logo
Cymbet Corporation
CBC3150 CYMBET-CBC3150 Datasheet
212Kb / 1P
   Ambiq AM1803 RTC Power Backup with EnerChip Battery
CBC3150 CYMBET-CBC3150 Datasheet
288Kb / 3P
   EnerChip CC Backup Power for Epson RX-8564 Real-Time Clock
CBC3150 CYMBET-CBC3150 Datasheet
202Kb / 1P
   Microchip MDP79410 RTC Power Backup with EnerChip Battery
CBC3150 CYMBET-CBC3150 Datasheet
205Kb / 1P
   Epson RX-8564 RTC Power Backup with EnerChip Battery
CBC3150-D9C CYMBET-CBC3150-D9C Datasheet
1Mb / 8P
   EnerChip CC Inductive Charging Evaluation Kit
More results

Similar Description - CBC3150

ManufacturerPart #DatasheetDescription
logo
Cymbet Corporation
CBC3105 CYMBET-CBC3105 Datasheet
1Mb / 12P
   EnerChip CC with Integrated Power Management
DS-72-21 CYMBET-DS-72-21 Datasheet
1Mb / 12P
   EnerChip CC with Integrated Power Management
CBC3112 CYMBET-CBC3112 Datasheet
1Mb / 16P
   EnerChip CC with Integrated Power Management
DS-72-04 CYMBET-DS-72-04 Datasheet
1Mb / 16P
   EnerChip CC with Integrated Power Management
CBC3150-D9C CYMBET-CBC3150-D9C Datasheet
1Mb / 15P
   EnerChip CC with Integrated Power Management
CBC3112-D7C CYMBET-CBC3112-D7C Datasheet
1Mb / 15P
   EnerChip CC with Integrated Power Management
AN-1041 CYMBET-AN-1041 Datasheet
292Kb / 3P
   EnerChip CC Li-Ion Battery Charger with Integrated Energy Storage
CBC-EVAL-05B CYMBET-CBC-EVAL-05B Datasheet
817Kb / 7P
   EnerChip CC Evaluation Kit
CBC-EVAL-10 CYMBET-CBC-EVAL-10 Datasheet
1Mb / 15P
   EnerChip??CC Energy Harvester Evaluation Kit
CBC-EVAL-11 CYMBET-CBC-EVAL-11 Datasheet
1Mb / 8P
   EnerChip??CC Inductive Charging Evaluation Kit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com