Selected language     English  ▼


0-1102855-6 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part No. 0-1102855-6
Description  T E CON N E C T I V I T Y AT YOU R S E R V I C E
Download  236 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

 11 page
background image
Verbindlich für Toleranzen der Abmessungen und technische Werte sind ausschließlich die neuesten TE Connectivity Kundenzeichnungen bzw. Produkt-Spezifikationen, die Sie auf Anfrage erhalten.
All specifications subject to change. Consult TE Connectivity for latest design specifications.
9
HTS Industrie Steckverbinder
HTS Heavy Duty Connectors
HE 6
500V/16A
6
3
Crimp
DIN VDE
0627
EN 61984
HE 8
400V/16A
20
3
Crimp
DIN VDE
0627
EN 61984
HE 20
500V/16A
18
3
Crimp
DIN VDE
0627
EN 61984
HN.D 12
250V/10A
12
3
Crimp
DIN VDE
0627
EN 61984
HN.D 17
250V/10A
17
3
Crimp
DIN VDE
0627
EN 61984
S20.DF25
50V/5A
25
3
Crimp
DIN VDE
0627
EN 61984
TX
HN.D
50V/10A
2x4
3
Crimp
DIN VDE
0627
EN 61984
TX
S20DF
50V/5A
2x8
3
Crimp
DIN VDE
0627
EN 61984
TX.MVB
HN.D
50V/10A
4
3
Crimp
DIN VDE
0627
EN 61984
TX.MVB
S20DF
50V/5A
8
3
Crimp
DIN VDE
0627
EN 61984
Pneumatik
10 Bar
2
Blindmodul
206
206
207
207
208
209
209
209
210
210
210
211




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl