Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0-1102855-6 Datasheet(PDF) 32 Page - List of Unclassifed Manufacturers

Part # 0-1102855-6
Description  T E CON N E C T I V I T Y AT YOU R S E R V I C E
Download  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

0-1102855-6 Datasheet(HTML) 32 Page - List of Unclassifed Manufacturers

Back Button 0-1102855-6 Datasheet HTML 28Page - List of Unclassifed Manufacturers 0-1102855-6 Datasheet HTML 29Page - List of Unclassifed Manufacturers 0-1102855-6 Datasheet HTML 30Page - List of Unclassifed Manufacturers 0-1102855-6 Datasheet HTML 31Page - List of Unclassifed Manufacturers 0-1102855-6 Datasheet HTML 32Page - List of Unclassifed Manufacturers 0-1102855-6 Datasheet HTML 33Page - List of Unclassifed Manufacturers 0-1102855-6 Datasheet HTML 34Page - List of Unclassifed Manufacturers 0-1102855-6 Datasheet HTML 35Page - List of Unclassifed Manufacturers 0-1102855-6 Datasheet HTML 36Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 236 page
background image
Verbindlich für Toleranzen der Abmessungen und technische Werte sind ausschließlich die neuesten TE Connectivity Kundenzeichnungen bzw. Produkt-Spezifikationen, die Sie auf Anfrage erhalten.
All specifications subject to change. Consult TE Connectivity for latest design specifications.
30
HTS Industrie Steckverbinder
HTS Heavy Duty Connectors
HE Spring Clamp-Anschluss/HE Spring Clamp connection
Technische Kennwerte
Vorschriften:
DIN VDE 0110
DIN VDE 0627
Zulassungen:
UL/CSA/SEV/VDE
Käfigzugfederanschluß:
bis 2,5mm2 (AWG 14)
Kontakteinsätze:
Thermoplastischer Formstoff PBT
Kontaktelemente:
Kupferlegierung
Kontaktoberfläche:
hartversilbert
Technical ratings
Specification:
DIN VDE 0110
DIN VDE 0627
Approval:
UL/CSA/SEV/VDE
Cage clamp terminal:
up to 2,5mm2 (AWG 14)
with wire pin up to 1,5mm2 (AWG 16)
Materials
Contact elements:
copper alloy
Contact surface:
hard-silver-plated
27
M3
B
C
A
20
36
Baugröße
Size
Abmessungen/Dimensions (mm)
AB
C
337
44
52
450
57
65
670,5
77,5
85,5
897
104
112
Montageausschnitt für Kontakteinsätze
bei Verwendung ohne Gehäuse
Panel cut-out
Baugröße/Size
Maße/Dimensions
3
4
AB
C
D
52
63
44
57
33
27
M3x10
M3x10
6
8
83,5
110
77,5
104
33
27
33
27
33
27
B
A
C
D
*Abstand für sichere Kontaktgabe 24 mm


Similar Part No. - 0-1102855-6

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
0-1102600-2 TEC-0-1102600-2 Datasheet
233Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
0-1102602-1 TEC-0-1102602-1 Datasheet
194Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
0-1102602-3 TEC-0-1102602-3 Datasheet
194Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
0-1102700-1 TEC-0-1102700-1 Datasheet
254Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
0-1102700-4 TEC-0-1102700-4 Datasheet
254Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
More results

Similar Description - 0-1102855-6

ManufacturerPart #DatasheetDescription
logo
Powerbox
PSC04 POWERBOX-PSC04 Datasheet
165Kb / 2P
   T E L E C O M R E C T I F I E R S Y S T E M S
PBMPLS POWERBOX-PBMPLS Datasheet
385Kb / 2P
   D C / A C S I N EWA V E I N V E R T E R
logo
E-Tech Electronics LTD
GJSBL340-360 ETL-GJSBL340-360 Datasheet
420Kb / 2P
   S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
logo
Powerbox
PBMPLS-RM POWERBOX-PBMPLS-RM Datasheet
138Kb / 2P
   D C / A C S I N EWA V E I N V E R T E R
PHOENIX POWERBOX-PHOENIX Datasheet
951Kb / 2P
   D C / A C S I N EWA V E I N V E R T E R
logo
E-Tech Electronics LTD
GESBL1030-1060CT ETL-GESBL1030-1060CT Datasheet
332Kb / 2P
   S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
GJSBL1030-1060CT ETL-GJSBL1030-1060CT Datasheet
319Kb / 2P
   S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
GEMBR2070-20150CT ETL-GEMBR2070-20150CT Datasheet
321Kb / 2P
   S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
GESBL1630-1660CT ETL-GESBL1630-1660CT Datasheet
330Kb / 2P
   S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
GJSBL630-660CT ETL-GJSBL630-660CT Datasheet
430Kb / 2P
   S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com